Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9K8G08U0M Datasheet(PDF) 14 Page - Samsung semiconductor

Part # K9K8G08U0M
Description  1G x 8 Bit / 2G x 8 Bit NAND Flash Memory
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9K8G08U0M Datasheet(HTML) 14 Page - Samsung semiconductor

Back Button K9K8G08U0M Datasheet HTML 10Page - Samsung semiconductor K9K8G08U0M Datasheet HTML 11Page - Samsung semiconductor K9K8G08U0M Datasheet HTML 12Page - Samsung semiconductor K9K8G08U0M Datasheet HTML 13Page - Samsung semiconductor K9K8G08U0M Datasheet HTML 14Page - Samsung semiconductor K9K8G08U0M Datasheet HTML 15Page - Samsung semiconductor K9K8G08U0M Datasheet HTML 16Page - Samsung semiconductor K9K8G08U0M Datasheet HTML 17Page - Samsung semiconductor K9K8G08U0M Datasheet HTML 18Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
FLASH MEMORY
14
Preliminary
K9WAG08U1M
K9K8G08U0M
AC Characteristics for Operation
NOTE: 1. If reset command(FFh) is written at Ready state, the device goes into Busy for maximum 5
µs.
Parameter
Symbol
Min
Max
Unit
Data Transfer from Cell to Register
tR
-20
µs
ALE to RE Delay
tAR
10
-
ns
CLE to RE Delay
tCLR
10
-
ns
Ready to RE Low
tRR
20
-
ns
RE Pulse Width
tRP
12
-
ns
WE High to Busy
tWB
-
100
ns
Read Cycle Time
tRC
25
-
ns
RE Access Time
tREA
-20
ns
CE Access Time
tCEA
-25
ns
RE High to Output Hi-Z
tRHZ
-
100
ns
CE High to Output Hi-Z
tCHZ
-30
ns
RE High to Output hold
tRHOH
15
-
ns
RE Low to Output hold
tRLOH
5-
ns
CE High to Output hold
tCOH
15
-
ns
RE High Hold Time
tREH
10
-
ns
Output Hi-Z to RE Low
tIR
0-
ns
RE High to WE Low
tRHW
100
-
ns
WE High to RE Low
tWHR
60
-
ns
Device Resetting Time(Read/Program/Erase)
tRST
-
5/10/500(1)
µs


Similar Part No. - K9K8G08U0M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9K8G08U0A SAMSUNG-K9K8G08U0A Datasheet
1Mb / 49P
   1G x 8 Bit / 2G x 8 Bit NAND Flash Memory
K9K8G08U0A SAMSUNG-K9K8G08U0A Datasheet
1Mb / 50P
   1G x 8 Bit / 2G x 8 Bit / 4G x 8 Bit NAND Flash Memory
K9K8G08U0A SAMSUNG-K9K8G08U0A Datasheet
1Mb / 50P
   1G x 8 Bit / 2G x 8 Bit / 4G x 8 Bit NAND Flash Memory
K9K8G08U0A-P SAMSUNG-K9K8G08U0A-P Datasheet
1Mb / 49P
   1G x 8 Bit / 2G x 8 Bit NAND Flash Memory
K9K8G08U0A-Y SAMSUNG-K9K8G08U0A-Y Datasheet
1Mb / 50P
   1G x 8 Bit / 2G x 8 Bit / 4G x 8 Bit NAND Flash Memory
More results

Similar Description - K9K8G08U0M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9WAG08U1A SAMSUNG-K9WAG08U1A Datasheet
1Mb / 49P
   1G x 8 Bit / 2G x 8 Bit NAND Flash Memory
K9G8G08U0A SAMSUNG-K9G8G08U0A Datasheet
1Mb / 45P
   1G x 8 Bit / 2G x 8 Bit NAND Flash Memory
K9K8G08U0B-PIB0000 SAMSUNG-K9K8G08U0B-PIB0000 Datasheet
1Mb / 48P
   1G x 8 / 2G x 8 Bit NAND Flash Memory
K9WAG08U1A_067 SAMSUNG-K9WAG08U1A_067 Datasheet
1Mb / 50P
   1G x 8 Bit / 2G x 8 Bit / 4G x 8 Bit NAND Flash Memory
K9XXG08UXA SAMSUNG-K9XXG08UXA_06 Datasheet
1Mb / 50P
   1G x 8 Bit / 2G x 8 Bit / 4G x 8 Bit NAND Flash Memory
K9L8G08U1A SAMSUNG-K9L8G08U1A Datasheet
730Kb / 44P
   512M x 8 Bit / 1G x 8 Bit NAND Flash Memory
K9XXG08UXM SAMSUNG-K9XXG08UXM_V01 Datasheet
1Mb / 51P
   2G x 8 Bit NAND Flash Memory
K9WBG08U1M SAMSUNG-K9WBG08U1M Datasheet
1Mb / 67P
   2G x 8 Bit / 4G x 8 Bit / 8G x 8 Bit NAND Flash Memory
K9K2G08U1A SAMSUNG-K9K2G08U1A Datasheet
1,008Kb / 37P
   128M x 8 Bit / 256M x 8 Bit NAND Flash Memory
K9F6408Q0C SAMSUNG-K9F6408Q0C Datasheet
499Kb / 29P
   8M x 8 Bit Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com