Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9K8G08U0M Datasheet(PDF) 43 Page - Samsung semiconductor

Part # K9K8G08U0M
Description  1G x 8 Bit / 2G x 8 Bit NAND Flash Memory
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9K8G08U0M Datasheet(HTML) 43 Page - Samsung semiconductor

Back Button K9K8G08U0M Datasheet HTML 39Page - Samsung semiconductor K9K8G08U0M Datasheet HTML 40Page - Samsung semiconductor K9K8G08U0M Datasheet HTML 41Page - Samsung semiconductor K9K8G08U0M Datasheet HTML 42Page - Samsung semiconductor K9K8G08U0M Datasheet HTML 43Page - Samsung semiconductor K9K8G08U0M Datasheet HTML 44Page - Samsung semiconductor K9K8G08U0M Datasheet HTML 45Page - Samsung semiconductor K9K8G08U0M Datasheet HTML 46Page - Samsung semiconductor K9K8G08U0M Datasheet HTML 47Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 49 page
background image
FLASH MEMORY
43
Preliminary
K9WAG08U1M
K9K8G08U0M
Figure 14. Two-Plane Page Program
80h
11h
Data
Input
Plane 0
(2048 Block)
Block 0
Block 2
Block 4094
Block 4092
80h
I/O0 ~ 7
R/B
Address & Data Input
11h
81h
10h
tDBSY
tPROG
70h
Address & Data Input
NOTE : 1. It is noticeable that same row address except for A18 is applied to the two blocks
81h
10h
Plane 1
(2048 Block)
Block 1
Block 3
Block 4095
Block 4093
Figure 15. Two-Plane Block Erase Operation
60h
I/OX
R/B
60h
D0h
I/O 0
Pass
Fail
tBERS
Address (3 Cycle)
Address (3 Cycle)
70h
"0"
"1"
A12 ~ A17 : Fixed ’Low’
A18
:
Fixed ’Low’
A19 ~ A29 : Fixed ’Low’
A12 ~ A17 : Fixed ’Low’
A18
:
Fixed ’High’
A19 ~ A29 : valid
Two-Plane Block Erase
Basic concept of Two-Plane Block Erase operation is identical to that of Two-Plane Page Program. Up to two blocks, one from each
plane can be simultaneously erased. Standard Block Erase command sequences (Block Erase Setup command(60h) followed by
three address cycles) may be repeated up to twice for erasing up to two blocks. Only one block should be selected from each plane.
The Erase Confirm command(D0h) initiates the actual erasing process. The completion is detected by monitoring R/B pin or Ready/
Busy status bit (I/O 6).
Two-plane erase operations can be executed by dividing the memory array into plane 0~1 or plane 2~3 separately.
For example, two-plane erase operation into plane 0 and plane 2 is prohibited. That is to say, two-plane erase operation into plane 0
and plane 1 or into plane 2 and plane 3 is allowed.
A0 ~ A11 : Valid
A12 ~ A17 : Fixed ’Low’
A18
:
Fixed ’Low’
A19 ~ A29 : Fixed ’Low’
A30
:
Valid
A0 ~ A11 : Valid
A12 ~ A17 : Valid
A18
:
Fixed ’High’
A19 ~ A29 : Valid
A30
:
Must be same as previous A30
A30
:
Valid
A30
:
must be same as previous A30
NOTE : It is an example for two-plane page program into plane 0~1(In this case, A30 is low), and the method for two-plane page program into
plane 2 ~3 is same. two-plane page program into plane 0&2(or plane 0&3, or plane 1&2, or plane 1&3) is prohibited.
NOTE : Two-plane block erase into plane 0&2(or plane 0&3, or plane 1&2, or plane 1&3) is prohibited.
2.Any command between 11h and 81h is prohibited except 70h and FFh.
Note2
A30
:
Must be same as previous A30


Similar Part No. - K9K8G08U0M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9K8G08U0A SAMSUNG-K9K8G08U0A Datasheet
1Mb / 49P
   1G x 8 Bit / 2G x 8 Bit NAND Flash Memory
K9K8G08U0A SAMSUNG-K9K8G08U0A Datasheet
1Mb / 50P
   1G x 8 Bit / 2G x 8 Bit / 4G x 8 Bit NAND Flash Memory
K9K8G08U0A SAMSUNG-K9K8G08U0A Datasheet
1Mb / 50P
   1G x 8 Bit / 2G x 8 Bit / 4G x 8 Bit NAND Flash Memory
K9K8G08U0A-P SAMSUNG-K9K8G08U0A-P Datasheet
1Mb / 49P
   1G x 8 Bit / 2G x 8 Bit NAND Flash Memory
K9K8G08U0A-Y SAMSUNG-K9K8G08U0A-Y Datasheet
1Mb / 50P
   1G x 8 Bit / 2G x 8 Bit / 4G x 8 Bit NAND Flash Memory
More results

Similar Description - K9K8G08U0M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9WAG08U1A SAMSUNG-K9WAG08U1A Datasheet
1Mb / 49P
   1G x 8 Bit / 2G x 8 Bit NAND Flash Memory
K9G8G08U0A SAMSUNG-K9G8G08U0A Datasheet
1Mb / 45P
   1G x 8 Bit / 2G x 8 Bit NAND Flash Memory
K9K8G08U0B-PIB0000 SAMSUNG-K9K8G08U0B-PIB0000 Datasheet
1Mb / 48P
   1G x 8 / 2G x 8 Bit NAND Flash Memory
K9WAG08U1A_067 SAMSUNG-K9WAG08U1A_067 Datasheet
1Mb / 50P
   1G x 8 Bit / 2G x 8 Bit / 4G x 8 Bit NAND Flash Memory
K9XXG08UXA SAMSUNG-K9XXG08UXA_06 Datasheet
1Mb / 50P
   1G x 8 Bit / 2G x 8 Bit / 4G x 8 Bit NAND Flash Memory
K9L8G08U1A SAMSUNG-K9L8G08U1A Datasheet
730Kb / 44P
   512M x 8 Bit / 1G x 8 Bit NAND Flash Memory
K9XXG08UXM SAMSUNG-K9XXG08UXM_V01 Datasheet
1Mb / 51P
   2G x 8 Bit NAND Flash Memory
K9WBG08U1M SAMSUNG-K9WBG08U1M Datasheet
1Mb / 67P
   2G x 8 Bit / 4G x 8 Bit / 8G x 8 Bit NAND Flash Memory
K9K2G08U1A SAMSUNG-K9K2G08U1A Datasheet
1,008Kb / 37P
   128M x 8 Bit / 256M x 8 Bit NAND Flash Memory
K9F6408Q0C SAMSUNG-K9F6408Q0C Datasheet
499Kb / 29P
   8M x 8 Bit Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com