Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9S3208V0A-SSB0 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # K9S3208V0A-SSB0
Description  4M x 8 bit SmartMedia Card
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9S3208V0A-SSB0 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button K9S3208V0A-SSB0 Datasheet HTML 4Page - Samsung semiconductor K9S3208V0A-SSB0 Datasheet HTML 5Page - Samsung semiconductor K9S3208V0A-SSB0 Datasheet HTML 6Page - Samsung semiconductor K9S3208V0A-SSB0 Datasheet HTML 7Page - Samsung semiconductor K9S3208V0A-SSB0 Datasheet HTML 8Page - Samsung semiconductor K9S3208V0A-SSB0 Datasheet HTML 9Page - Samsung semiconductor K9S3208V0A-SSB0 Datasheet HTML 10Page - Samsung semiconductor K9S3208V0A-SSB0 Datasheet HTML 11Page - Samsung semiconductor K9S3208V0A-SSB0 Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
K9S3208V0A-SSB0
SmartMediaTM
8
AC Characteristics for Operation
NOTE :
1. The time to Ready depends on the value of the pull-up resistor tied R/B pin.
2. To break the sequential read cycle, CE must be held high for longer time than tCEH.
Parameter
Symbol
Min
Max
Unit
Data Transfer from Cell to Register
tR
-
10
µs
ALE to RE Delay(read ID)
tAR1
150
-
ns
ALE to RE Delay(Read cycle)
tAR2
50
-
ns
CE to RE Delay(ID read)
tCR
100
-
ns
Ready to RE Low
tRR
20
-
ns
RE Pulse Width
tRP
30
-
ns
WE High to Busy
tWB
-
100
ns
Read Cycle Time
tRC
50
-
ns
RE Access Time
tREA
-
35
ns
RE High to Output Hi-Z
tRHZ
15
30
ns
CE High to Output Hi-Z
tCHZ
-
20
ns
RE High Hold Time
tREH
15
-
ns
Output Hi-Z to RE Low
tIR
0
-
ns
Last RE High to Busy(at sequential read)
tRB
-
100
ns
CE High to Ready(in case of interception by CE at read)
tCRY
-
50 +tr(R/B)(1)
ns
CE High Hold Time(at the last serial read)(2)
tCEH
100
-
ns
RE Low to Status Output
tRSTO
-
35
ns
CE Low to Status Output
tCSTO
-
45
ns
RE High to WE Low
tRHW
0
-
ns
WE High to RE Low
tWHR
60
-
ns
RE access time(Read ID)
tREADID
-
35
ns
Device Resetting Time(Read/Program/Erase)
tRST
-
5/10/500
µs
AC Timing Characteristics for Command / Address / Data Input
Parameter
Symbol
Min
Max
Unit
CLE Set-up Time
tCLS
0
-
ns
CLE Hold Time
tCLH
10
-
ns
CE Setup Time
tCS
0
-
ns
CE Hold Time
tCH
10
-
ns
WE Pulse Width
tWP
25
-
ns
ALE Setup Time
tALS
0
-
ns
ALE Hold Time
tALH
10
-
ns
Data Setup Time
tDS
20
-
ns
Data Hold Time
tDH
10
-
ns
Write Cycle Time
tWC
50
-
ns
WE High Hold Time
tWH
15
-
ns


Similar Part No. - K9S3208V0A-SSB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9S1208V0 SAMSUNG-K9S1208V0 Datasheet
657Kb / 37P
   64MB & 128MB SmartMediaTM Card
K9S1208V0M-SSB0 SAMSUNG-K9S1208V0M-SSB0 Datasheet
491Kb / 33P
   64M x 8 Bit SmartMedia Card
K9S1208V0M/A-SSB0 SAMSUNG-K9S1208V0M/A-SSB0 Datasheet
657Kb / 37P
   64MB & 128MB SmartMediaTM Card
K9S2808V0B SAMSUNG-K9S2808V0B Datasheet
481Kb / 31P
   SmartMedia CARD
K9S2808V0C SAMSUNG-K9S2808V0C Datasheet
481Kb / 31P
   SmartMedia CARD
More results

Similar Description - K9S3208V0A-SSB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9S2808V0M SAMSUNG-K9S2808V0M Datasheet
351Kb / 26P
   16M x 8 Bit SmartMedia Card
K9S1208V0M-SSB0 SAMSUNG-K9S1208V0M-SSB0 Datasheet
491Kb / 33P
   64M x 8 Bit SmartMedia Card
logo
Fujitsu Component Limit...
MBM29F040C FUJITSU-MBM29F040C Datasheet
424Kb / 40P
   4M (512K X 8) BIT
MBM29F033C FUJITSU-MBM29F033C Datasheet
478Kb / 46P
   32M (4M X 8) BIT
MBM29LV004TC FUJITSU-MBM29LV004TC Datasheet
442Kb / 52P
   4M (512K X 8) BIT
logo
Winbond
W981208BH WINBOND-W981208BH Datasheet
1Mb / 41P
   4M x 4 BANKS x 8 BIT SDRAM
logo
Fujitsu Component Limit...
MBM29DL400TC FUJITSU-MBM29DL400TC Datasheet
551Kb / 56P
   4M (512K X 8/256K X 16) BIT
MBM29LV400TC FUJITSU-MBM29LV400TC Datasheet
584Kb / 58P
   4M (512K X 8/256K X 16) BIT
logo
Winbond
W981208AH WINBOND-W981208AH Datasheet
2Mb / 44P
   4M x 8 bit x 4 Banks SDRAM
logo
Fujitsu Component Limit...
MBM29F400TC FUJITSU-MBM29F400TC Datasheet
542Kb / 47P
   4M (512K X 8/256K X 16) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com