Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4S511633C Datasheet(PDF) 8 Page - Samsung semiconductor

Part # K4S511633C
Description  32Mx16 Mobile SDRAM 54CSP 1/CS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S511633C Datasheet(HTML) 8 Page - Samsung semiconductor

  K4S511633C Datasheet HTML 1Page - Samsung semiconductor K4S511633C Datasheet HTML 2Page - Samsung semiconductor K4S511633C Datasheet HTML 3Page - Samsung semiconductor K4S511633C Datasheet HTML 4Page - Samsung semiconductor K4S511633C Datasheet HTML 5Page - Samsung semiconductor K4S511633C Datasheet HTML 6Page - Samsung semiconductor K4S511633C Datasheet HTML 7Page - Samsung semiconductor K4S511633C Datasheet HTML 8Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
K4S511633C-YL/N/P
Rev. 1.2 Dec. 2002
CMOS SDRAM
SIMPLIFIED TRUTH TABLE
(V=Valid, X=Don
′t Care, H=Logic High, L=Logic Low)
Notes :
1. OP Code : Operand Code
A0 ~ A 12 & BA0 ~ BA1 : Program keys. (@MRS)
2. MRS can be issued only at all banks precharge state.
A new command can be issued after 2 CLK cycles of MRS.
3. Auto refresh functions are the same as CBR refresh of DRAM.
The automatical precharge without row precharge command is meant by "Auto".
Auto/self refresh can be issued only at all banks precharge state.
4. BA0 ~ BA1 : Bank select addresses.
If both BA0 and BA1 are "Low" at read, write, row active and precharge, bank A is selected.
If BA 0 is "Low" and BA 1 is "High" at read, write, row active and precharge, bank B is selected.
If BA 0 is "High" and BA1 is "Low" at read, write, row active and precharge, bank C is selected.
If both BA0 and BA1 are "High" at read, write, row active and precharge, bank D is selected.
If A 10/AP is "High" at row precharge, BA0 and BA1 are ignored and all banks are selected.
5. During burst read or write with auto precharge, new read/write command can not be issued.
Another bank read/write command can be issued after the end of burst.
New row active of the associated bank can be issued at tRP after the end of burst.
6. Burst stop command is valid at every burst length.
7. DQM sampled at the positive going edge of CLK masks the data-in at that same CLK in write operation (Write DQM latency
is 0), but in read operation it makes the data-out Hi-Z state after 2 CLK cycles. (Read DQM latency is 2).
COMMAND
CKEn-1
CKEn
CS
RAS
CAS
WE
DQM
BA0,1
A10 /AP
A11, A12,
A9 ~ A 0
Note
Register
Mode Register Set
H
X
L
L
L
L
X
OP CODE
1, 2
Refresh
Auto Refresh
H
H
L
L
L
H
X
X
3
Self
Refresh
Entry
L
3
Exit
L
H
L
H
H
H
X
X
3
H
X
X
X
3
Bank Active & Row Addr.
H
X
L
L
H
H
X
V
Row Address
Read &
Column Address
Auto Precharge Disable
H
X
L
H
L
H
X
V
L
Column
Address
(A0~A9)
4
Auto Precharge Enable
H
4, 5
Write &
Column Address
Auto Precharge Disable
H
X
L
H
L
L
X
V
L
Column
Address
(A0~A9)
4
Auto Precharge Enable
H
4, 5
Burst Stop
H
X
L
H
H
L
X
X
6
Precharge
Bank Selection
H
X
L
L
H
L
X
V
L
X
All Banks
X
H
Clock Suspend or
Active Power Down
Entry
H
L
H
X
X
X
X
X
L
V
V
V
Exit
L
H
X
X
X
X
X
Precharge Power Down Mode
Entry
H
L
H
X
X
X
X
X
L
H
H
H
Exit
L
H
H
X
X
X
X
L
V
V
V
DQM
H
X
V
X
7
No Operation Command
H
X
H
X
X
X
X
X
L
H
H
H


Similar Part No. - K4S511633C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S511633F SAMSUNG-K4S511633F Datasheet
114Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM
K4S511633F-F1H SAMSUNG-K4S511633F-F1H Datasheet
114Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM
K4S511633F-F1L SAMSUNG-K4S511633F-F1L Datasheet
114Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM
K4S511633F-F75 SAMSUNG-K4S511633F-F75 Datasheet
114Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM
K4S511633F-L SAMSUNG-K4S511633F-L Datasheet
114Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM
More results

Similar Description - K4S511633C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S56163LC SAMSUNG-K4S56163LC Datasheet
60Kb / 8P
   16Mx16 Mobile SDRAM 54CSP
K4X51163PE-L SAMSUNG-K4X51163PE-L Datasheet
534Kb / 20P
   32Mx16 Mobile DDR SDRAM
K4S561633C-RL SAMSUNG-K4S561633C-RL Datasheet
59Kb / 8P
   16Mx16 SDRAM 54CSP
K4S281633D-RL SAMSUNG-K4S281633D-RL Datasheet
71Kb / 10P
   8Mx16 SDRAM 54CSP
logo
Hynix Semiconductor
HY5DU121622BT-5 HYNIX-HY5DU121622BT-5 Datasheet
655Kb / 30P
   512Mb(32Mx16) gDDR SDRAM
HY5DU121622CTP HYNIX-HY5DU121622CTP Datasheet
233Kb / 29P
   512Mb(32Mx16) GDDR SDRAM
logo
Samsung semiconductor
K4M64163PH SAMSUNG-K4M64163PH Datasheet
115Kb / 12P
   1M x 16Bit x 4 Banks Mobile SDRAM in 54CSP
logo
Hynix Semiconductor
H5PS5162FFR-16C HYNIX-H5PS5162FFR-16C Datasheet
1Mb / 81P
   512Mb(32Mx16) DDR2 SDRAM
logo
List of Unclassifed Man...
IS43R16320D ETC2-IS43R16320D Datasheet
1Mb / 33P
   16Mx32, 32Mx16, 64Mx8 512Mb DDR SDRAM
logo
Samsung semiconductor
K4M51323PC SAMSUNG-K4M51323PC Datasheet
144Kb / 12P
   Mobile-SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com