Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JR1AF-TM-DC5V Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # JR1AF-TM-DC5V
Description  SLIM TYPE POWER RELAYS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

JR1AF-TM-DC5V Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  JR1AF-TM-DC5V Datasheet HTML 1Page - Nais(Matsushita Electric Works) JR1AF-TM-DC5V Datasheet HTML 2Page - Nais(Matsushita Electric Works) JR1AF-TM-DC5V Datasheet HTML 3Page - Nais(Matsushita Electric Works) JR1AF-TM-DC5V Datasheet HTML 4Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
98
JR-RELAYS
SLIM TYPE POWER RELAYS
High contact
capacity type
mm inch
28.5
1.122
12.8
.504
28.6
1.126
TMP type
TM type
FEATURES
• AC coil types and high capacity (16 A) types
• Wide insulation distance: 8 mm .315 inch between coil and
contact
• High dielectric withstanding for transient protection: JR can
withstand 10,000 V surge in
µs between coil and contact.
• High inrush current capability: 1 Form A: 111 A inrush (TV-5),
• Slim package for tandem mounting: Header area is 28.6 mm
× 12.8 mm 1.126×.504 inch
• Molded materials: all 94 V-0
• "TM" and "TMP" types available
• TÜV also approved
SPECIFICATIONS
Contact
Coil
Characteristics
AC coil type
High capacity
type
Arrangement
1 Form A
Initial contact resistance
max.
(By voltage drop 6 V DC 1 A)
30 m
Contact material
Silver alloy
Rating
(resistive)
Nominal switching capacity
10 A 250 V AC
10 A 30 V DC
16 A 250 V AC
16 A 30 V DC
Maximum switching power 2,500 VA, 300 W 4,000 VA, 480 W
Maximum switching voltage
250 V AC, 30 V DC
250 V AC, 30 V DC
Maximum switching current
10 A
16 A
Expected
life (min.
operations)
Mechanical (180 cpm)
5
×106
Electrical
(resistive)
(20 cpm)
16 A 250 V AC
—105
10 A 250 V AC
105
Nominal operating power
1.1 VA/0.9 VA
(at 50Hz/60Hz)
530mW
AC coil type
High capacity type
Maximum operating speed
20 cpm
Initial insulation resistance
Min. 1,000 M
Ω at 500 V DC
Initial
breakdown
voltage*1
Between open contacts
1,000 Vrms for 1 min.
Between contacts and coil
5,000 Vrms for 1 min.
Initial surge voltage between
coil and contact*2
Min. 10,000 V
Operate time
(at nominal voltage)(at 20
°C)
Approx. 10 ms
Release time (without diode)
(at nominal voltage)(at 20
°C)
Approx. 6 ms
Approx. 2 ms
Temperature rise*3
(at nominal voltage)
Max. 60
°C
(10 A, at 20°C)
Max. 45
°C
(16 A, at 20°C)
Shock
resistance
Functional*4
Min. 98 m/s2 {10 G}
Destructive*5
Min. 980 m/s2 {100 G}
Vibration
resistance
Functional*6
88.2 m/s2 {9 G}, 10 to 55 Hz
at double amplitude of 1.5 mm
Destructive
117.6 m/s2 {12 G}, 10 to 55 Hz
at double amplitude of 2.0 mm
Conditions for operation,
transport and storage*7
(Not freezing and condens-
ing at low temperature)
Ambient
temp.
–50
°C to +55°C
–58
°F to +131°F
–50
°C to +70°C
–58
°F to +158°F
Humidity
5 to 85% R.H.
Unit weight
Approx. 20 g .71 oz
Remarks
* Specifications will vary with foreign standards certification ratings.
*1 Detection current: 10mA
*2 Wave is standard shock voltage of
±1.2 × 50µs according to JEC-212-1981
*3 With nominal coil voltage and at maximum switching current
*4 Half-wave pulse of sine wave: 11ms; detection time: 10
µs
*5 Half-wave pulse of sine wave: 6ms
*6 Detection time: 10
µs
*7 Refer to 5. Conditions for operation, transport and storage mentioned in
AMBIENT ENVIRONMENT (Page 24).
TYPICAL APPLICATIONS
• Microwave ovens
• Refrigerators
• Copiers
• Facsimiles
• Air conditioners
• Stereo equipment
• TV sets
• Vending machines
• Temperature controllers
ORDERING INFORMATION
1a
TM
DC12V
Ex. JR
Contact arrangement
Mounting method
Coil voltage
1aF: High contact capacity
(1 Form A)
1a: 1 Form A
Nil: PCB terminal
TM: Top mounting
TMP: Solder and PC teminal
DC 5, 6, 12, 24, 48 V
Notes: 1. For UL/CSA recognized types, add suffix UL/CSA.
Notes: 2. Standard packing: Carton: 100 pcs. Case: 500 pcs.
Notes: 3. 18 V DC type are also available. Please consult us for details.
TM: Top mounting
AC 115 V


Similar Part No. - JR1AF-TM-DC5V

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
JR100 KNOWLES-JR100 Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
logo
Wall Industries,Inc.
JR12D12-420 WALL-JR12D12-420 Datasheet
151Kb / 3P
   Single and Dual Outputs 10 Watt DC/DC Converter 2:1 Wide Input Voltage Range
JR12D12-420 WALL-JR12D12-420 Datasheet
348Kb / 5P
   10 Watt DC/DC Power Converters
JR12D12-420 WALL-JR12D12-420 Datasheet
531Kb / 8P
   10 Watt DC/DC Power Converters Single and Dual Outputs
JR12D15-330 WALL-JR12D15-330 Datasheet
151Kb / 3P
   Single and Dual Outputs 10 Watt DC/DC Converter 2:1 Wide Input Voltage Range
More results

Similar Description - JR1AF-TM-DC5V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RJ1S-CL-D24 ETC2-RJ1S-CL-D24 Datasheet
722Kb / 10P
   RJ Series Slim Power Relays
logo
Nais(Matsushita Electri...
JK1APF-12V NAIS-JK1APF-12V Datasheet
54Kb / 3P
   SLIM TYPE POWER RELAY
logo
Panasonic Semiconductor
NC2EBD-JP-DC5V PANASONIC-NC2EBD-JP-DC5V Datasheet
269Kb / 10P
   Transistor drive 2c/4c 5A slim power relays
logo
Panasonic Battery Group
NC PANASONICBATTERY-NC Datasheet
269Kb / 10P
   Transistor drive 2c/4c 5A slim power relays
logo
Panasonic Semiconductor
NC2-PS PANASONIC-NC2-PS Datasheet
269Kb / 10P
   Transistor drive 2c/4c 5A slim power relays
APF10324 PANASONIC-APF10324 Datasheet
77Kb / 5P
   Compliant with European standards 1a/1c 6A Slim power relays
APF30224 PANASONIC-APF30224 Datasheet
77Kb / 5P
   Compliant with European standards 1a/1c 6A Slim power relays
logo
Panasonic Battery Group
PF PANASONICBATTERY-PF Datasheet
77Kb / 5P
   Compliant with European standards 1a/1c 6A Slim power relays
logo
Omron Electronics LLC
G7SA OMRON-G7SA Datasheet
2Mb / 16P
   Compact, Slim Relays Conforming to EN Standards
logo
FSP TECHNOLOGY INC.
FSP057-2FS01 FSP-FSP057-2FS01 Datasheet
178Kb / 1P
   Slim type power supply with LED Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com