Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC41LV16256-50TI Datasheet(PDF) 5 Page - Integrated Circuit Solution Inc

Part # IC41LV16256-50TI
Description  256Kx16 bit Dynamic RAM with EDO Page Mode
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC41LV16256-50TI Datasheet(HTML) 5 Page - Integrated Circuit Solution Inc

  IC41LV16256-50TI Datasheet HTML 1Page - Integrated Circuit Solution Inc IC41LV16256-50TI Datasheet HTML 2Page - Integrated Circuit Solution Inc IC41LV16256-50TI Datasheet HTML 3Page - Integrated Circuit Solution Inc IC41LV16256-50TI Datasheet HTML 4Page - Integrated Circuit Solution Inc IC41LV16256-50TI Datasheet HTML 5Page - Integrated Circuit Solution Inc IC41LV16256-50TI Datasheet HTML 6Page - Integrated Circuit Solution Inc IC41LV16256-50TI Datasheet HTML 7Page - Integrated Circuit Solution Inc IC41LV16256-50TI Datasheet HTML 8Page - Integrated Circuit Solution Inc IC41LV16256-50TI Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
IC41C16256
IC41LV16256
Integrated Circuit Solution Inc.
5
DR018-0C 04/23/2004
FunctionalDescription
The IC41C16256 and IC41LV16256 is a CMOS DRAM
optimized for high-speed bandwidth, low power applica-
tions. During READ or WRITE cycles, each bit is uniquely
addressed through the 18 address bits. These are en-
tered 9 bits (A0-A8) at a time. The row address is latched
by the Row Address Strobe (RAS). The column address
is latched by the Column Address Strobe (CAS) .
The IC41C16256 and IC41LV16256 has two CAS controls,
LCAS and UCAS. The LCAS and UCAS inputs internally
generates a CAS signal functioning in an identical man-
ner to the single CAS input on the other 256K x 16
DRAMs. The key difference is that each CAS controls its
corresponding I/O tristate logic (in conjunction with OE
and WE and RAS). LCAS controls I/O0 through I/O7 and
UCAS controls I/O8 through I/O15.
The IC41C16256 and IC41LV16256 CAS function is
determined by the first CAS (LCAS or UCAS) transitioning
LOW and the last transitioning back HIGH. The two CAS
controls give the IC41C16256 both BYTE READ and
BYTE WRITE cycle capabilities.
Memory Cycle
A memory cycle is initiated by bring RAS LOW and it is
terminated by returning both RAS and CAS HIGH. To
ensures proper device operation and data integrity any
memory cycle, once initiated, must not be ended or
aborted before the minimum tRAS time has expired. A new
cycle must not be initiated until the minimum precharge
time tRP, tCP has elapsed.
Read Cycle
A read cycle is initiated by the falling edge of CAS or OE,
whichever occurs last, while holding WE HIGH. The
column address must be held for a minimum time specified
by tAR. Data Out becomes valid only when tRAC, tAA, tCAC
and tOE are all satisfied. As a result, the access time is
dependent on the timing relationships between these
parameters.
Write Cycle
A write cycle is initiated by the falling edge of CAS and
WE, whichever occurs last. The input data must be valid
at or before the falling edge of CAS or WE, whichever
occurs first.
Refresh Cycle
To retain data, 512 refresh cycles are required in each
8 ms period. There are two ways to refresh the memory.
1. By clocking each of the 512 row addresses (A0 through
A8) with RAS at least once every 8 ms. Any read, write,
read-modify-write or RAS-only cycle refreshes the
addressed row.
2. Using a CAS-before-RAS refresh cycle. CAS-before-
RAS refresh is activated by the falling edge of RAS,
while holding CAS LOW. In CAS-before-RAS refresh
cycle, an internal 9-bit counter provides the row
ad-
dresses and the external address inputs are ignored.
CAS-before-RAS is a refresh-only mode and no data
access or device selection is allowed. Thus, the output
remains in the High-Z state during the cycle.
Extended Data Out Page Mode
EDO page mode operation permits all 512 columns within
a selected row to be randomly accessed at a high data
rate.
In EDO page mode read cycle, the data-out is held to the
next CAS cycle’s falling edge, instead of the rising edge.
For this reason, the valid data output time in EDO page
mode is extended compared with the fast page mode. In
the fast page mode, the valid data output time becomes
shorter as the CAS cycle time becomes shorter. Therefore,
in EDO page mode, the timing margin in read cycle is
larger than that of the fast page mode even if the CAS cycle
time becomes shorter.
In EDO page mode, due to the extended data function, the
CAS cycle time can be shorter than in the fast page mode
if the timing margin is the same.
The EDO page mode allows both read and write opera-
tions during one RAS cycle, but the performance is
equivalent to that of the fast page mode in that case.
Power-On
After application of the VCC supply, an initial pause of
200 µs is required followed by a minimum of eight initial-
ization cycles (any combination of cycles containing a
RAS signal).
During power-on, it is recommended that RAS track with
VCC or be held at a valid VIH to avoid current surges.


Similar Part No. - IC41LV16256-50TI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41LV16257 ICSI-IC41LV16257 Datasheet
760Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41LV16257-35K ICSI-IC41LV16257-35K Datasheet
760Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41LV16257-35KI ICSI-IC41LV16257-35KI Datasheet
760Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41LV16257-35T ICSI-IC41LV16257-35T Datasheet
760Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41LV16257-35TI ICSI-IC41LV16257-35TI Datasheet
760Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
More results

Similar Description - IC41LV16256-50TI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C4400X ICSI-IC41C4400X Datasheet
236Kb / 20P
   4Mx4 bit Dynamic RAM with EDO Page Mode
IC41C4100 ICSI-IC41C4100 Datasheet
300Kb / 21P
   1Mx4 bit Dynamic RAM with EDO Page Mode
IC41C82002S ICSI-IC41C82002S Datasheet
493Kb / 19P
   2Mx8 bit Dynamic RAM with EDO Page Mode
IC41C1664 ICSI-IC41C1664 Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
IC41C8512 ICSI-IC41C8512 Datasheet
232Kb / 21P
   512K x 8 bit Dynamic RAM with EDO Page Mode
logo
Integrated Silicon Solu...
IS41LV16400 ISSI-IS41LV16400 Datasheet
143Kb / 19P
   4Mx16 (64-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Taiwan Memory Technolog...
T2316162A TMT-T2316162A Datasheet
139Kb / 13P
   1024K x 16 DYNAMIC RAM EDO PAGE MODE?
T2316405A TMT-T2316405A Datasheet
136Kb / 9P
   4M x 4 DYNAMIC RAM EDO PAGE MODE???
logo
OKI electronic componet...
MSM51V4265E OKI-MSM51V4265E Datasheet
208Kb / 15P
   262,144-Word 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
logo
Taiwan Memory Technolog...
T224162B TMT-T224162B Datasheet
143Kb / 9P
   256K x 16 DYNAMIC RAM EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com