Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC41LV16256-35TI Datasheet(PDF) 6 Page - Integrated Circuit Solution Inc

Part # IC41LV16256-35TI
Description  256Kx16 bit Dynamic RAM with EDO Page Mode
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC41LV16256-35TI Datasheet(HTML) 6 Page - Integrated Circuit Solution Inc

Back Button IC41LV16256-35TI Datasheet HTML 2Page - Integrated Circuit Solution Inc IC41LV16256-35TI Datasheet HTML 3Page - Integrated Circuit Solution Inc IC41LV16256-35TI Datasheet HTML 4Page - Integrated Circuit Solution Inc IC41LV16256-35TI Datasheet HTML 5Page - Integrated Circuit Solution Inc IC41LV16256-35TI Datasheet HTML 6Page - Integrated Circuit Solution Inc IC41LV16256-35TI Datasheet HTML 7Page - Integrated Circuit Solution Inc IC41LV16256-35TI Datasheet HTML 8Page - Integrated Circuit Solution Inc IC41LV16256-35TI Datasheet HTML 9Page - Integrated Circuit Solution Inc IC41LV16256-35TI Datasheet HTML 10Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
IC41C16256
IC41LV16256
6
Integrated Circuit Solution Inc.
DR018-0C 04/23/2004
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameters
Rating
Unit
VT
Voltage on Any Pin Relative to GND
5V
–1.0 to +7.0
V
3.3V
–0.5 to +4.6
VCC
Supply Voltage
5V
–1.0 to +7.0
V
3.3V
–0.5 to +4.6
IOUT
Output Current
50
mA
PD
Power Dissipation
1
W
TA
Commercial Operation Temperature
0 to +70
°C
Industrial Operationg Temperature
–40 to +85
°C
TSTG
Storage Temperature
–55 to +125
°C
Note:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at these
or any other conditions above those indicated in the operational sections of this specification is
not implied. Exposure to absolute maximum rating conditions for extended periods may affect
reliability.
RECOMMENDED OPERATING CONDITIONS (Voltages are referenced to GND.)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
5V
4.5
5.0
5.5
V
3.3V
3.0
3.3
3.6
VIH
Input High Voltage
5V
2.4
VCC + 1.0
V
3.3V
2.0
VCC + 0.3
VIL
Input Low Voltage
5V
–1.0
0.8
V
3.3V
–0.3
0.8
TA
Commercial Ambient Temperature
0
70
°C
Industrial Ambient Temperature
–40
85
°C
CAPACITANCE(1,2)
Symbol
Parameter
Max.
Unit
CIN1
Input Capacitance: A0-A8
5
pF
CIN2
Input Capacitance: RAS, UCAS, LCAS, WE, OE
7pF
CIO
Data Input/Output Capacitance: I/O0-I/O15
7
pF
Notes:
1. Tested initially and after any design or process changes that may affect these parameters.
2. Test conditions: TA = 25°C, f = 1 MHz.


Similar Part No. - IC41LV16256-35TI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41LV16257 ICSI-IC41LV16257 Datasheet
760Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41LV16257-35K ICSI-IC41LV16257-35K Datasheet
760Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41LV16257-35KI ICSI-IC41LV16257-35KI Datasheet
760Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41LV16257-35T ICSI-IC41LV16257-35T Datasheet
760Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41LV16257-35TI ICSI-IC41LV16257-35TI Datasheet
760Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
More results

Similar Description - IC41LV16256-35TI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C4400X ICSI-IC41C4400X Datasheet
236Kb / 20P
   4Mx4 bit Dynamic RAM with EDO Page Mode
IC41C4100 ICSI-IC41C4100 Datasheet
300Kb / 21P
   1Mx4 bit Dynamic RAM with EDO Page Mode
IC41C82002S ICSI-IC41C82002S Datasheet
493Kb / 19P
   2Mx8 bit Dynamic RAM with EDO Page Mode
IC41C1664 ICSI-IC41C1664 Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
IC41C8512 ICSI-IC41C8512 Datasheet
232Kb / 21P
   512K x 8 bit Dynamic RAM with EDO Page Mode
logo
Integrated Silicon Solu...
IS41LV16400 ISSI-IS41LV16400 Datasheet
143Kb / 19P
   4Mx16 (64-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Taiwan Memory Technolog...
T2316162A TMT-T2316162A Datasheet
139Kb / 13P
   1024K x 16 DYNAMIC RAM EDO PAGE MODE?
T2316405A TMT-T2316405A Datasheet
136Kb / 9P
   4M x 4 DYNAMIC RAM EDO PAGE MODE???
logo
OKI electronic componet...
MSM51V4265E OKI-MSM51V4265E Datasheet
208Kb / 15P
   262,144-Word 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
logo
Taiwan Memory Technolog...
T224162B TMT-T224162B Datasheet
143Kb / 9P
   256K x 16 DYNAMIC RAM EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com