Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61C12816-20TI Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS61C12816-20TI
Description  128K x 16 HIGH-SPEED CMOS STATIC RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61C12816-20TI Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS61C12816-20TI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61C12816-20TI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61C12816-20TI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61C12816-20TI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61C12816-20TI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61C12816-20TI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61C12816-20TI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61C12816-20TI Datasheet HTML 8Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IS61C12816
ISSI®
Integrated Silicon Solution, Inc. — 1-800-379-4774
1
Rev. A
12/19/00
FEATURES
• High-speed access time: 12, 15, and 20 ns
• CMOS low power operation
— 450 mW (typical) operating
— 250 µW (typical) standby
• TTL compatible interface levels
• Single 5V ± 10% power supply
• Fully static operation: no clock or refresh
required
• Three state outputs
• Industrial temperature available
• Available in 44-pin SOJ package and
44-pin TSOP(II)
128K x 16 HIGH-SPEED CMOS STATIC RAM
DESCRIPTION
The
ISSI IS61C12816 is a high-speed, 2,097,152-bit static
RAM organized as 131,072 words by 16 bits. It is fabricated
using
ISSI's high-performance CMOS technology. This highly
reliable process coupled with innovative circuit design tech-
niques, yields access times as fast as 12 ns with low power
consumption.
When
CE is HIGH (deselected), the device assumes a standby
mode at which the power dissipation can be reduced down
with CMOS input levels.
Easy memory expansion is provided by using Chip Enable
and Output Enable inputs,
CE and OE. The active LOW Write
Enable (
WE) controls both writing and reading of the memory.A
data byte allows Upper Byte (
UB) and Lower Byte (LB) access.
The IS61C12816 is packaged in the JEDEC standard 44-pin
400-mil SOJ and 44-pin TSOP
(II).
FUNCTIONAL BLOCK DIAGRAM
DECEMBER 2000
ISSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We assume no responsibility for any
errors which may appear in this publication. © Copyright 2000, Integrated Silicon Solution, Inc.
A0-A16
CE
OE
WE
128K x 16
MEMORY ARRAY
DECODER
COLUMN I/O
CONTROL
CIRCUIT
GND
VCC
I/O
DATA
CIRCUIT
I/O0-I/O7
Lower Byte
I/O8-I/O15
Upper Byte
UB
LB


Similar Part No. - IS61C12816-20TI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C1024 ISSI-IS61C1024 Datasheet
127Kb / 10P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024-12H ISSI-IS61C1024-12H Datasheet
127Kb / 10P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024-12HI ISSI-IS61C1024-12HI Datasheet
127Kb / 10P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024-12J ISSI-IS61C1024-12J Datasheet
127Kb / 10P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C1024-12JI ISSI-IS61C1024-12JI Datasheet
127Kb / 10P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61C12816-20TI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV12816BLL ISSI-IS61WV12816BLL Datasheet
120Kb / 5P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W26020A WINBOND-W26020A Datasheet
126Kb / 10P
   128K X 16 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS61LV12816 ICSI-IS61LV12816 Datasheet
146Kb / 11P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV12816DALL ISSI-IS61WV12816DALL_11 Datasheet
201Kb / 21P
   128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV12816DALL ISSI-IS61WV12816DALL Datasheet
272Kb / 21P
   128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
62LV12816 ISSI-62LV12816 Datasheet
83Kb / 9P
   128K x 16 CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P3C1011 PYRAMID-P3C1011 Datasheet
110Kb / 10P
   HIGH SPEED 128K x 16 (2 MEG) STATIC CMOS RAM
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024 PYRAMID-P4C1024 Datasheet
87Kb / 8P
   HIGH SPEED 128K X 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS63WV1024BLL ISSI-IS63WV1024BLL Datasheet
136Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com