Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH-7770 Datasheet(PDF) 12 Page - OSRAM GmbH

Part # SFH-7770
Description  Umgebungslicht und N채herungssensor
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-7770 Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button SFH-7770 Datasheet HTML 8Page - OSRAM GmbH SFH-7770 Datasheet HTML 9Page - OSRAM GmbH SFH-7770 Datasheet HTML 10Page - OSRAM GmbH SFH-7770 Datasheet HTML 11Page - OSRAM GmbH SFH-7770 Datasheet HTML 12Page - OSRAM GmbH SFH-7770 Datasheet HTML 13Page - OSRAM GmbH SFH-7770 Datasheet HTML 14Page - OSRAM GmbH SFH-7770 Datasheet HTML 15Page - OSRAM GmbH SFH-7770 Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
SFH 7770
2011-09-16
12
MCU-triggered measurement (for Ambient Light Sensor and Proximity Sensor)
If „1“ is set, a new measurement will start after the I
2C stop commmand from the MCU. As soon as the
measurement is finished, the corresponding bit of the register will be set to „0“ automatically by the
SFH7770.
Proximity measurement: time interval settings (repetition time) for FREE-RUNNING mode
R/W-Register 0x84
Bit
7
6
5
4
3
2
1
0
not used
trigger ambient light
trigger proximity
default XXXXXX
11
R/W-Register 0x85
Bit
7
6
5
4
3
2
1
0
not used
time-interval
default XXXX
0101
100 ms
0000
10 ms
0001
20 ms
0010
30 ms
0011
50 ms
0100
70 ms
0101
100 ms
0110
200 ms
0111
500 ms
1000 1000 ms
1001 2000 ms


Similar Part No. - SFH-7770

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-7770-E6 OSRAM-SFH-7770-E6 Datasheet
231Kb / 25P
   Umgebungslicht und N채herungssensor
More results

Similar Description - SFH-7770

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-7770-E6 OSRAM-SFH-7770-E6 Datasheet
231Kb / 25P
   Umgebungslicht und N채herungssensor
SFH-7773 OSRAM-SFH-7773 Datasheet
253Kb / 24P
   Umgebungslicht- und N채herungssensor mit IR Emitter
LCBM67C-R2S2-2J8L-1 OSRAM-LCBM67C-R2S2-2J8L-1 Datasheet
683Kb / 23P
   Signal- und Symbolleuchten
logo
Infineon Technologies A...
FF1000R17IE4 INFINEON-FF1000R17IE4 Datasheet
1Mb / 9P
   PrimePACK?? Modul und NTC
2009-08-28 revision:3.1
FD1000R17IE4 INFINEON-FD1000R17IE4 Datasheet
1Mb / 9P
   PrimePACK?? Modul und NTC
2009-08-28 revision:2.1
DF1000R17IE4 INFINEON-DF1000R17IE4 Datasheet
1Mb / 9P
   PrimePACK?? Modul und NTC
2009-08-28 revision:2.2
FF450R17IE4 INFINEON-FF450R17IE4 Datasheet
1Mb / 9P
   PrimePACK?? Modul und NTC
2009-08-28 revision:3.1
DF650R17IE4 INFINEON-DF650R17IE4 Datasheet
1Mb / 9P
   PrimePACK?? Modul und NTC
2009-08-28 revision:2.2
FF650R17IE4V INFINEON-FF650R17IE4V Datasheet
1Mb / 10P
   PrimePACK?? Modul und NTC
2014-04-28 revision:2.0
F3L400R07ME4_B22 INFINEON-F3L400R07ME4_B22 Datasheet
773Kb / 11P
   EconoDUAL3 Modul mit Trench/Feldstopp IGBT4 und Emitter Controlled Diode und NTC
2013-11-11 revision:3.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com