Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS41C16100S-45TI Datasheet(PDF) 7 Page - Integrated Circuit Solution Inc

Part # IS41C16100S-45TI
Description  1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS41C16100S-45TI Datasheet(HTML) 7 Page - Integrated Circuit Solution Inc

Back Button IS41C16100S-45TI Datasheet HTML 3Page - Integrated Circuit Solution Inc IS41C16100S-45TI Datasheet HTML 4Page - Integrated Circuit Solution Inc IS41C16100S-45TI Datasheet HTML 5Page - Integrated Circuit Solution Inc IS41C16100S-45TI Datasheet HTML 6Page - Integrated Circuit Solution Inc IS41C16100S-45TI Datasheet HTML 7Page - Integrated Circuit Solution Inc IS41C16100S-45TI Datasheet HTML 8Page - Integrated Circuit Solution Inc IS41C16100S-45TI Datasheet HTML 9Page - Integrated Circuit Solution Inc IS41C16100S-45TI Datasheet HTML 10Page - Integrated Circuit Solution Inc IS41C16100S-45TI Datasheet HTML 11Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
IS41C16100S
IS41LV16100S
Integrated Circuit Solution Inc.
7
DR004-0B
AC CHARACTERISTICS(1,2,3,4,5,6)
(Recommended Operating Conditions unless otherwise noted.)
-45
-50
-60
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Units
tRC
Random READ or WRITE Cycle Time
77
84
104
ns
tRAC
Access Time from
RAS(6, 7)
—45
50
60
ns
tCAC
Access Time from
CAS(6, 8, 15)
—11
13
15
ns
tAA
Access Time from Column-Address
(6)
—22
25
30
ns
tRAS
RAS Pulse Width
45
10K
50
10K
60
10K
ns
tRP
RAS Precharge Time
28
30
40
ns
tCAS
CAS Pulse Width(26)
7
10K
8
10K
10
10K
ns
tCP
CAS Precharge Time(9, 25)
7—
9
9
ns
tCSH
CAS Hold Time (21)
35
38
40
ns
tRCD
RAS to CAS Delay Time(10, 20)
10
34
12
37
14
45
ns
tASR
Row-Address Setup Time
0
0
0
ns
tRAH
Row-Address Hold Time
6
8
10
ns
tASC
Column-Address Setup Time
(20)
0—
0
0
ns
tCAH
Column-Address Hold Time
(20)
6—
8
10
—ns
tAR
Column-Address Hold Time
30
30
40
ns
(referenced to
RAS)
tRAD
RAS to Column-Address Delay Time(11)
8
2310
2512
30
ns
tRAL
Column-Address to
RAS Lead Time
23
25
30
ns
tRPC
RAS to CAS Precharge Time
5
5
5
ns
tRSH
RAS Hold Time(27)
6—
8
10
—ns
tRHCP
RAS Hold Time from CAS Precharge
37
37
37
ns
tCLZ
CAS to Output in Low-Z(15, 29)
0—
0
0
ns
tCRP
CAS to RAS Precharge Time(21)
5—
5
5
ns
tOD
Output Disable Time
(19, 28, 29)
313
3
15
3
15ns
tOE
Output Enable Time
(15, 16)
—11
13
15
ns
tOED
Output Enable Data Delay (Write)
20
20
20
ns
tOEHC
OE HIGH Hold Time from CAS HIGH
5
5
5
ns
tOEP
OE HIGH Pulse Width
10
10
10
ns
tOES
OE LOW to CAS HIGH Setup Time
5
5
5
ns
tRCS
Read Command Setup Time
(17, 20)
0—
0
0
ns
tRRH
Read Command Hold Time
0
0
0
ns
(referenced to
RAS)(12)
tRCH
Read Command Hold Time
0
0
0
ns
(referenced to
CAS)(12, 17, 21)
tWCH
Write Command Hold Time
(17, 27)
6—
8
10
—ns
tWCR
Write Command Hold Time
40
40
50
ns
(referenced to
RAS)(17)
tWP
Write Command Pulse Width
(17)
6—
8
10
—ns
tWPZ
WE Pulse Widths to Disable Outputs
10
10
10
ns
tRWL
Write Command to
RAS Lead Time(17)
11
13
15
ns
tCWL
Write Command to
CAS Lead Time(17, 21)
6—
8
10
—ns
tWCS
Write Command Setup Time
(14, 17, 20)
0—
0
0
ns
tDHR
Data-in Hold Time (referenced to
RAS)39
39
39
ns


Similar Part No. - IS41C16100S-45TI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41C16100 ISSI-IS41C16100 Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16100 ISSI-IS41C16100 Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16100-50K ISSI-IS41C16100-50K Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16100-50K ISSI-IS41C16100-50K Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16100-50KI ISSI-IS41C16100-50KI Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results

Similar Description - IS41C16100S-45TI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41C16100 ISSI-IS41C16100_05 Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IC41C16100A ICSI-IC41C16100A Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100S ICSI-IC41C16100S Datasheet
672Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16100A ISSI-IS41LV16100A Datasheet
144Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16100 ISSI-IS41C16100 Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16100B ISSI-IS41LV16100B Datasheet
143Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
41LV16100B ISSI-41LV16100B Datasheet
145Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
AMIC Technology
A42U0616 AMICC-A42U0616 Datasheet
278Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L0616 AMICC-A42L0616 Datasheet
356Kb / 24P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A420616 AMICC-A420616 Datasheet
272Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com