Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72281L10TFI Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT72281L10TFI
Description  CMOS SuperSync FIFO
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72281L10TFI Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT72281L10TFI Datasheet HTML 2Page - Integrated Device Technology IDT72281L10TFI Datasheet HTML 3Page - Integrated Device Technology IDT72281L10TFI Datasheet HTML 4Page - Integrated Device Technology IDT72281L10TFI Datasheet HTML 5Page - Integrated Device Technology IDT72281L10TFI Datasheet HTML 6Page - Integrated Device Technology IDT72281L10TFI Datasheet HTML 7Page - Integrated Device Technology IDT72281L10TFI Datasheet HTML 8Page - Integrated Device Technology IDT72281L10TFI Datasheet HTML 9Page - Integrated Device Technology IDT72281L10TFI Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
IDT72281/72291
CMOS SuperSync FIFO™ 65,536 x 9 and 131,072 x 9
6
AC ELECTRICAL CHARACTERISTICS(1)
(Commercial: VCC = 5V
± 10%, TA = 0°C to +70°C; Industrial: VCC = 5V ± 10%, TA = -40°C to +85°C)
Commercial
Commercial & Industrial(2)
IDT72281L10
IDT72281L15
IDT72281L20
IDT72291L10
IDT72291L15
IDT72291L20
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
fS
Clock Cycle Frequency
100
66.7
50
MHz
tA
Data Access Time
2
6.5
2
10
2
12
ns
tCLK
Clock Cycle Time
10
15
20
ns
tCLKH
Clock High Time
4.5
6
8
ns
tCLKL
Clock Low Time
4.5
6
8
ns
tDS
DataSetupTime
3
4
5
ns
tDH
Data Hold Time
0
1
1
ns
tENS
Enable Setup Time
3
4
5
ns
tENH
Enable Hold Time
0
1
1
ns
tLDS
LoadSetupTime
3
4
5
ns
tLDH
Load Hold Time
0
1
1
ns
tRS
Reset Pulse Width(3)
10
15
20
ns
tRSS
ResetSetupTime
10
15
20
ns
tRSR
Reset Recovery Time
10
15
20
ns
tRSF
Reset to Flag and Output Time
10
15
20
ns
tFWFT
Mode Select Time
0
0
0
ns
tRTS
RetransmitSetupTime
3
4
5
ns
tOLZ
Output Enable to Output in Low Z(4)
0—
0
0—
ns
tOE
Output Enable to Output Valid
2
6
3
8
3
10
ns
tOHZ
Output Enable to Output in High Z(4)
26
3
8
3
10
ns
tWFF
Write Clock to
FF or IR
6.5
10
12
ns
tREF
Read Clock to
EF or OR
6.5
10
12
ns
tPAF
Write Clock to
PAF
6.5
10
12
ns
tPAE
Read Clock to
PAE
6.5
10
12
ns
tHF
Clock to
HF
—16
20
22
ns
tSKEW1
Skew time between RCLK and WCLK for
FF/IR
5—
6
10
ns
tSKEW2
Skew time between RCLK and WCLK for
PAE and PAF
12
15
20
ns
tSKEW3
Skew time between RCLK and WCLK for
EF/OR
60
60
60
ns
NOTES:
1. All AC timings apply to both Standard IDT mode and First Word Fall Through mode.
2. Industrial temperature range product for 15ns and 20ns speed grade are available as a standard device.
3. Pulse widths less than minimum values are not allowed.
4. Values guaranteed by design, not currently tested.
Input Pulse Levels
GND to 3.0V
Input Rise/Fall Times
3ns
Input Timing Reference Levels
1.5V
OutputReferenceLevels
1.5V
OutputLoad
See Figure 2
AC TEST CONDITIONS
* Includes jig and scope capacitances.
4675 drw 04
1.1K
30pF*
680
5V
D.U.T.
Figure 2. Output Load


Similar Part No. - IDT72281L10TFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72285L10PF IDT-IDT72285L10PF Datasheet
230Kb / 25P
   CMOS SUPERSYNC FIFO?
IDT72285L10TF IDT-IDT72285L10TF Datasheet
230Kb / 25P
   CMOS SUPERSYNC FIFO?
IDT72285L15PF IDT-IDT72285L15PF Datasheet
230Kb / 25P
   CMOS SUPERSYNC FIFO?
IDT72285L15TF IDT-IDT72285L15TF Datasheet
230Kb / 25P
   CMOS SUPERSYNC FIFO?
IDT72285L20PF IDT-IDT72285L20PF Datasheet
230Kb / 25P
   CMOS SUPERSYNC FIFO?
More results

Similar Description - IDT72281L10TFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72255LA IDT-IDT72255LA Datasheet
354Kb / 27P
   CMOS SUPERSYNC FIFO
DT72281 IDT-DT72281_13 Datasheet
424Kb / 26P
   CMOS SuperSync FIFO
IDT72261LA IDT-IDT72261LA Datasheet
304Kb / 27P
   CMOS SuperSync FIFO
IDT72275 IDT-IDT72275 Datasheet
230Kb / 25P
   CMOS SUPERSYNC FIFO?
IDT72255LA IDT-IDT72255LA_14 Datasheet
488Kb / 27P
   CMOS SuperSync FIFO
IDT72255LA IDT-IDT72255LA_05 Datasheet
328Kb / 27P
   CMOS SuperSync FIFO
IDT72261LA IDT-IDT72261LA_13 Datasheet
446Kb / 27P
   CMOS SuperSync FIFO
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V281 IDT-IDT72V281_14 Datasheet
222Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com