Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72281L10TFI Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT72281L10TFI
Description  CMOS SuperSync FIFO
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72281L10TFI Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT72281L10TFI Datasheet HTML 1Page - Integrated Device Technology IDT72281L10TFI Datasheet HTML 2Page - Integrated Device Technology IDT72281L10TFI Datasheet HTML 3Page - Integrated Device Technology IDT72281L10TFI Datasheet HTML 4Page - Integrated Device Technology IDT72281L10TFI Datasheet HTML 5Page - Integrated Device Technology IDT72281L10TFI Datasheet HTML 6Page - Integrated Device Technology IDT72281L10TFI Datasheet HTML 7Page - Integrated Device Technology IDT72281L10TFI Datasheet HTML 8Page - Integrated Device Technology IDT72281L10TFI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
IDT72281/72291
CMOS SuperSync FIFO™ 65,536 x 9 and 131,072 x 9
Symbol
Rating
Commercial
Unit
VTERM
TerminalVoltage
–0.5 to +7
V
with respect to GND
TSTG
Storage
–55 to +125
° C
Temperature
IOUT
DC Output Current
–50 to +50
mA
DC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 5V
± 10%, TA = 0°C to +70°C; Industrial: VCC = 5V ± 10%, TA = -40° to +85°C)
Symbol
Parameter
(1)
Conditions
Max.
Unit
CIN
(2)
Input
VIN = 0V
10
pF
Capacitance
COUT
(1,2)
Output
VOUT = 0V
10
pF
Capacitance
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage(Com’l & Ind’l)
4.5
5.0
5.5
V
GND
Supply Voltage(Com’l & Ind’l)
0
0
0
V
VIH
Input High Voltage
(Com’l & Ind’l)
2.0
V
VIL
(1)
Input Low Voltage
(Com’’ & Ind’l)
0.8
V
TA
OperatingTemperature
0
70
°C
Commercial
TA
OperatingTemperature
-40
85
°C
Industrial
NOTE
1. 1.5V undershoots are allowed for 10ns once per cycle.
IDT72281
IDT72291
Commercial & Industrial(1)
tCLK = 10, 15, 20 ns
Symbol
Parameter
Min.
Max.
Unit
ILI(2)
InputLeakageCurrent
–1
1
µA
ILO
(3)
OutputLeakageCurrent
–10
10
µA
VOH
Output Logic “1” Voltage, IOH = –2 mA
2.4
V
VOL
Output Logic “0” Voltage, IOL = 8 mA
0.4
V
ICC1(4,5,6)
Active Power Supply Current
80
mA
ICC2(4,7)
Standby Current
20
mA
NOTES:
1. Industrial temperature range product for 15ns and 20ns speed grade are available as a standard device.
2. Measurements with 0.4
≤ VIN ≤ VCC.
3.
OE
≥ VIH, 0.4 ≤ VOUT ≤ VCC.
4. Tested with outputs open (IOUT = 0).
5. RCLK and WCLK toggle at 20 MHz and data inputs switch at 10 MHz.
6. Typical ICC1 = 20 + 1.8*fS + 0.02*CL*fS (in mA) with VCC = 5V, tA = 25°C, fS = WCLK frequency = RCLK frequency (in MHz, using TTL levels), data switching
at fS/2, CL = capacitive load (in pF).
7. All Inputs = VCC – 0.2V or GND + 0.2V, except RCLK and WCLK, which toggle at 20 MHz.
ABSOLUTE MAXIMUM RATINGS
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in
the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
RECOMMENDED DC OPERATING
CONDITIONS
CAPACITANCE (TA = +25
°C, F = 1.0MHz)
NOTES:
1. With output deselected, (
OE
≥ VIH).
2. Characterized values, not currently tested.


Similar Part No. - IDT72281L10TFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72285L10PF IDT-IDT72285L10PF Datasheet
230Kb / 25P
   CMOS SUPERSYNC FIFO?
IDT72285L10TF IDT-IDT72285L10TF Datasheet
230Kb / 25P
   CMOS SUPERSYNC FIFO?
IDT72285L15PF IDT-IDT72285L15PF Datasheet
230Kb / 25P
   CMOS SUPERSYNC FIFO?
IDT72285L15TF IDT-IDT72285L15TF Datasheet
230Kb / 25P
   CMOS SUPERSYNC FIFO?
IDT72285L20PF IDT-IDT72285L20PF Datasheet
230Kb / 25P
   CMOS SUPERSYNC FIFO?
More results

Similar Description - IDT72281L10TFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72255LA IDT-IDT72255LA Datasheet
354Kb / 27P
   CMOS SUPERSYNC FIFO
DT72281 IDT-DT72281_13 Datasheet
424Kb / 26P
   CMOS SuperSync FIFO
IDT72261LA IDT-IDT72261LA Datasheet
304Kb / 27P
   CMOS SuperSync FIFO
IDT72275 IDT-IDT72275 Datasheet
230Kb / 25P
   CMOS SUPERSYNC FIFO?
IDT72255LA IDT-IDT72255LA_14 Datasheet
488Kb / 27P
   CMOS SuperSync FIFO
IDT72255LA IDT-IDT72255LA_05 Datasheet
328Kb / 27P
   CMOS SuperSync FIFO
IDT72261LA IDT-IDT72261LA_13 Datasheet
446Kb / 27P
   CMOS SuperSync FIFO
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V281 IDT-IDT72V281_14 Datasheet
222Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com