Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC41C16256-35TIG Datasheet(PDF) 8 Page - Integrated Circuit Solution Inc

Part # IC41C16256-35TIG
Description  256Kx16 bit Dynamic RAM with EDO Page Mode
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC41C16256-35TIG Datasheet(HTML) 8 Page - Integrated Circuit Solution Inc

Back Button IC41C16256-35TIG Datasheet HTML 4Page - Integrated Circuit Solution Inc IC41C16256-35TIG Datasheet HTML 5Page - Integrated Circuit Solution Inc IC41C16256-35TIG Datasheet HTML 6Page - Integrated Circuit Solution Inc IC41C16256-35TIG Datasheet HTML 7Page - Integrated Circuit Solution Inc IC41C16256-35TIG Datasheet HTML 8Page - Integrated Circuit Solution Inc IC41C16256-35TIG Datasheet HTML 9Page - Integrated Circuit Solution Inc IC41C16256-35TIG Datasheet HTML 10Page - Integrated Circuit Solution Inc IC41C16256-35TIG Datasheet HTML 11Page - Integrated Circuit Solution Inc IC41C16256-35TIG Datasheet HTML 12Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
IC41C16256
IC41LV16256
8
Integrated Circuit Solution Inc.
DR018-0C 04/23/2004
AC CHARACTERISTICS(1,2,3,4,5,6)
(Recommended Operating Conditions unless otherwise noted.)
-25
-35
-50
-60
Symbol
Parameter
Min. Max. Min. Max.
Min. Max. Min. Max. Units
tRC
Random READ or WRITE Cycle Time
45
60
90
110
ns
tRAC
Access Time from RAS(6, 7)
25
35
50
60
ns
tCAC
Access Time from CAS(6, 8, 15)
—8
10
14
15
ns
tAA
Access Time from Column-Address(6)
12
18
25
30
ns
tRAS
RAS Pulse Width
25
10K
35
10K
50
10K
60
10K
ns
tRP
RAS Precharge Time
15
20
30
40
ns
tCAS
CAS Pulse Width(26)
4
10K
6
10K
8
10K
10
10K
ns
tCP
CAS Precharge Time(9, 25)
4—
5
8
10
ns
tCSH
CAS Hold Time (21)
25
35
50
60
ns
tRCD
RAS to CAS Delay Time(10, 20)
10
17
11
28
19
36
20
45
ns
tASR
Row-Address Setup Time
0
0
0
0
ns
tRAH
Row-Address Hold Time
6
6
8
10
ns
tASC
Column-Address Setup Time(20)
0—
0
0
0—
ns
tCAH
Column-Address Hold Time(20)
5—
6
8
10
ns
tAR
Column-Address Hold Time
19
30
40
40
ns
(referenced to RAS)
tRAD
RAS to Column-Address Delay Time(11)
820
10
20
14
25
15
30
ns
tRAL
Column-Address to RAS Lead Time
12
18
25
30
ns
tRPC
RAS to CAS Precharge Time
0
0
0
0
ns
tRSH
RAS Hold Time(27)
7—
8
14
15
ns
tCLZ
CAS to Output in Low-Z(15, 29)
3—
3
3
3—
ns
tCRP
CAS to RAS Precharge Time(21)
5—
5
5
5—
ns
tOD
Output Disable Time(19, 28, 29)
2
12
3
12
3
12
3
12
ns
tOE
Output Enable Time(15, 16)
08
0
10
0
15
15
ns
tOEHC
OE HIGH Hold Time from CAS HIGH
10
10
10
10
ns
tOEP
OE HIGH Pulse Width
10
10
10
10
ns
tOES
OE LOW to CAS HIGH Setup Time
5
5
5
5
ns
tRCS
Read Command Setup Time(17, 20)
0—
0
0
0—
ns
tRRH
Read Command Hold Time
0
0
0
0
ns
(referenced to RAS)(12)
tRCH
Read Command Hold Time
0
0
0
0
ns
(referenced to CAS)(12, 17, 21)
tWCH
Write Command Hold Time(17, 27)
5—
5
8
10
ns
tWCR
Write Command Hold Time
19
30
40
50
ns
(referenced to RAS)(17)
tWP
Write Command Pulse Width(17)
5—
5
8
10
ns
tWPZ
WE Pulse Widths to Disable Outputs
10
10
10
10
ns
tRWL
Write Command to RAS Lead Time(17)
7—
8
14
15
ns
tCWL
Write Command to CAS Lead Time(17, 21)
5—
8
14
15
ns
tWCS
Write Command Setup Time(14, 17, 20)
0—
0
0
0—
ns
tDHR
Data-in Hold Time (referenced to RAS)
19
30
40
40
ns


Similar Part No. - IC41C16256-35TIG

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C16257 ICSI-IC41C16257 Datasheet
760Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C16257-35K ICSI-IC41C16257-35K Datasheet
760Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C16257-35KI ICSI-IC41C16257-35KI Datasheet
760Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C16257-35T ICSI-IC41C16257-35T Datasheet
760Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C16257-35TI ICSI-IC41C16257-35TI Datasheet
760Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
More results

Similar Description - IC41C16256-35TIG

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C4400X ICSI-IC41C4400X Datasheet
236Kb / 20P
   4Mx4 bit Dynamic RAM with EDO Page Mode
IC41C4100 ICSI-IC41C4100 Datasheet
300Kb / 21P
   1Mx4 bit Dynamic RAM with EDO Page Mode
IC41C82002S ICSI-IC41C82002S Datasheet
493Kb / 19P
   2Mx8 bit Dynamic RAM with EDO Page Mode
IC41C1664 ICSI-IC41C1664 Datasheet
276Kb / 21P
   64K x 16 bit Dynamic RAM with EDO Page Mode
IC41C8512 ICSI-IC41C8512 Datasheet
232Kb / 21P
   512K x 8 bit Dynamic RAM with EDO Page Mode
logo
Integrated Silicon Solu...
IS41LV16400 ISSI-IS41LV16400 Datasheet
143Kb / 19P
   4Mx16 (64-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Taiwan Memory Technolog...
T2316162A TMT-T2316162A Datasheet
139Kb / 13P
   1024K x 16 DYNAMIC RAM EDO PAGE MODE?
T2316405A TMT-T2316405A Datasheet
136Kb / 9P
   4M x 4 DYNAMIC RAM EDO PAGE MODE???
logo
OKI electronic componet...
MSM51V4265E OKI-MSM51V4265E Datasheet
208Kb / 15P
   262,144-Word 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
logo
Taiwan Memory Technolog...
T224162B TMT-T224162B Datasheet
143Kb / 9P
   256K x 16 DYNAMIC RAM EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com