Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M56758FP Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # M56758FP
Description  5 CHANNEL ACTUATOR MOTOR DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M56758FP Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

  M56758FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M56758FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M56758FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M56758FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M56758FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M56758FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M56758FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M56758FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M56758FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
5 CHANNEL ACTUATOR MOTOR DRIVER
M56758FP
MITSUBISHI <CONTROL / DRIVER IC>
INPUT AND OUTPUT EQUIVALENT CIRCUIT
(1) E1, E2 input amplifier input and output equivalent circuit
(3) VREF amplifier input and output
equivalent circuit
(2) E3, E4, E5 input amplifier
input and output equivalent circuit
VREF, VREFO
VREFO
GND
VBS1
VREF
GND
VBS1
VBS1
(4) VREG amplifier input and output
equivalent circuit
REG+, REGB
REGB
GND
VBS2
REG+
GND
VBS2
VBS2
1.25V
2K
9.5K
(5) CH3IN input equivalent circuit
CH3IN
GND
VBS2
Please show the application circuit.
(about inside circuit structure)
(6) MUTE equivalent circuit
E3 amplifier isn’t include.
IN3+, IN3-, OUT3, IN4+, IN4-, OUT4
IN5+, IN5-, OUT5
IN*+
OUT*
GND
VBS2
GND
VBS2
IN*-
GND
VBS2
VBS2
IN1+, IN1-, OUT1, IN2+, IN2-, OUT2
IN*+
OUT*
GND
VBS1
GND
VBS1
IN*-
GND
VBS1
VBS1
.
GND
MUTE*
GND
VBS1
2K
23K
23K
MUTE1, MUTE2


Similar Part No. - M56758FP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
M56750FP HITACHI-M56750FP Datasheet
119Kb / 9P
   3-PHASE BRUSHLESS MOTOR DRIVER
logo
Renesas Technology Corp
M56750FP RENESAS-M56750FP Datasheet
118Kb / 9P
   3-PHASE BRUSHLESS MOTOR DRIVER
logo
Mitsubishi Electric Sem...
M56753FP MITSUBISHI-M56753FP Datasheet
145Kb / 5P
   2-CHANNEL ACTUATOR MOTOR DRIVER
M56754 MITSUBISHI-M56754 Datasheet
898Kb / 7P
   4-CHANNEL ACTUATOR MOTOR DRIVER
M56754SP MITSUBISHI-M56754SP Datasheet
898Kb / 7P
   4-CHANNEL ACTUATOR MOTOR DRIVER
More results

Similar Description - M56758FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M56788AFP RENESAS-M56788AFP Datasheet
4Mb / 12P
   5 CHANNEL ACTUATOR DRIVER
logo
Mitsubishi Electric Sem...
M56788FP MITSUBISHI-M56788FP Datasheet
292Kb / 8P
   5 CHANNEL ACTUATOR DRIVER
M56754SP MITSUBISHI-M56754SP Datasheet
898Kb / 7P
   4-CHANNEL ACTUATOR MOTOR DRIVER
M56748FP MITSUBISHI-M56748FP Datasheet
71Kb / 5P
   4-CHANNEL ACTUATOR MOTOR DRIVER
M56781FP MITSUBISHI-M56781FP Datasheet
158Kb / 6P
   2-CHANNEL ACTUATOR MOTOR DRIVER
M63000SP MITSUBISHI-M63000SP Datasheet
752Kb / 6P
   4-CHANNEL ACTUATOR MOTOR DRIVER
M56749FP MITSUBISHI-M56749FP Datasheet
1Mb / 6P
   4 CHANNEL ACTUATOR MOTOR DRIVER
M56753FP MITSUBISHI-M56753FP Datasheet
145Kb / 5P
   2-CHANNEL ACTUATOR MOTOR DRIVER
logo
Fairchild Semiconductor
FAN8001D FAIRCHILD-FAN8001D Datasheet
288Kb / 14P
   5-Channel Motor Driver
KA9260D FAIRCHILD-KA9260D Datasheet
295Kb / 15P
   5-CHANNEL MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com