Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN3180 Datasheet(PDF) 6 Page - ON Semiconductor

Part # FAN3180
Description  Single 2-A Low-Side Driver with 3.3-V LDO
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN3180 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FAN3180 Datasheet HTML 2Page - ON Semiconductor FAN3180 Datasheet HTML 3Page - ON Semiconductor FAN3180 Datasheet HTML 4Page - ON Semiconductor FAN3180 Datasheet HTML 5Page - ON Semiconductor FAN3180 Datasheet HTML 6Page - ON Semiconductor FAN3180 Datasheet HTML 7Page - ON Semiconductor FAN3180 Datasheet HTML 8Page - ON Semiconductor FAN3180 Datasheet HTML 9Page - ON Semiconductor FAN3180 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3180 • Rev. 1.0.3
5
Electrical Characteristics
Unless otherwise noted, VDD = 12 V, TJ = -40°C to +125°C. Currents are defined as positive into the device and
negative out of the device.
Symbol
Parameter
Conditions
Min.
Typ. Max. Unit
Supply
VDD
Operating Range
5
18
V
IDD_STATIC
Static Supply Current
Inputs Not Connected; 3V3
Not Loaded
200
µA
IDD_OPER
Operating Supply Current
(8)
fSW=100 kHz, No Load
0.6
mA
fSW=1 MHz, No Load
3.8
fSW=100 kHz, 1 nF Load
1.5
fSW=1 MHz, 1 nF Load
12.5
VON
Turn-On Voltage
VDD Increasing
4.50
4.75
5.00
V
VOFF
Turn-Off Voltage
VDD Decreasing
4.30
4.55
4.80
V
VHYS_VDD
Supply Voltage Hysteresis
150
200
250
mV
Input
VIL_T
IN+, Low-Voltage Threshold, Maximum
0.8
V
VIH_T
IN+, High-Voltage Threshold, Minimum
2
V
VHYS_IN
Input Hysteresis Voltage
0.2
0.5
0.8
V
IINL
IN+ Current, LOW
IN from 0 to VDD
-1.00
0.05
1.00
µA
IINH
IN+ Current, HIGH
IN from 0 to VDD
-50
-30
1
µA
3V3 LDO
VLDO
LDO Output Voltage
TA=25°C
3.267
3.300 3.333
V
Total Variation
3.217
3.382
VLDO_LineReg
LDO Line Regulation
VDD=5 to 13 V, IOUT=10 mA
1
10
mV
VLDO_LoadReg
LDO Load Regulation
VDD=5 to 13 V, IOUT=0.1 mA
to 10 mA
5
20
mV
ILDO_MAX
Maximum LDO Current
15
mA
ILDO_I-LIM
LDO Current Limit
10
35
mA
Thermal Shutdown
TSDON
Thermal Shutdown Activation
(8)
150
°C
TSDOFF
Thermal Shutdown Deactivation
(8)
125
°C
Continued on the following page…


Similar Part No. - FAN3180

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3180 FAIRCHILD-FAN3180 Datasheet
1Mb / 18P
   Single 2-A Low-Side Driver with 3.3-V LDO
FAN3180TSX FAIRCHILD-FAN3180TSX Datasheet
1Mb / 18P
   Single 2-A Low-Side Driver with 3.3-V LDO
More results

Similar Description - FAN3180

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3180 FAIRCHILD-FAN3180 Datasheet
1Mb / 18P
   Single 2-A Low-Side Driver with 3.3-V LDO
logo
Diodes Incorporated
DGD0280WTQ DIODES-DGD0280WTQ Datasheet
928Kb / 11P
   AUTOMOTIVE LOW SIDE SINGLE GATE DRIVER WITH LDO
Rev. 2 - 2 December 2022
DGD0280 DIODES-DGD0280 Datasheet
644Kb / 11P
   HIGH SPEED LOW SIDE SINGLE GATE DRIVER WITH LDO
September 2019
logo
ON Semiconductor
NCP51100 ONSEMI-NCP51100 Datasheet
2Mb / 16P
   Single 2 A High-Speed, Low-Side Gate Driver
June, 2021 ??Rev. P0
FAN3100C ONSEMI-FAN3100C Datasheet
1Mb / 21P
   Single 2 A High-Speed, Low-Side Gate Driver
December-2017, Rev . 2
logo
Texas Instruments
UCC44273 TI-UCC44273 Datasheet
1Mb / 28P
[Old version datasheet]   UCC44273 4-A, 4-A Single-Channel Low-Side Driver with 5-V UVLO
OCTOBER 2023
UCC27710 TI1-UCC27710 Datasheet
1Mb / 33P
[Old version datasheet]   620-V, 0.5-A, 1.0-A High-Side Low-Side Gate Driver with Interlock
UCC27712 TI1-UCC27712 Datasheet
1Mb / 39P
[Old version datasheet]   620-V, 1.8-A, 2.8-A High-Side Low-Side Gate Driver with Interlock
UCC27614 TI-UCC27614_V01 Datasheet
3Mb / 39P
[Old version datasheet]   UCC27614 30-V, 10-A Single Channel Low Side Gate Driver with ??0-V Input Capability
JANUARY 2022
UCC27614 TI-UCC27614 Datasheet
2Mb / 36P
[Old version datasheet]   UCC27614 30-V, 10-A Single Channel Low Side Gate Driver with ??0-V Input Capability
NOVEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com