Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTS50020-1TAD Datasheet(PDF) 30 Page - Infineon Technologies AG

Part # BTS50020-1TAD
Description  Smart High-Side Power Switch
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS50020-1TAD Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button BTS50020-1TAD Datasheet HTML 26Page - Infineon Technologies AG BTS50020-1TAD Datasheet HTML 27Page - Infineon Technologies AG BTS50020-1TAD Datasheet HTML 28Page - Infineon Technologies AG BTS50020-1TAD Datasheet HTML 29Page - Infineon Technologies AG BTS50020-1TAD Datasheet HTML 30Page - Infineon Technologies AG BTS50020-1TAD Datasheet HTML 31Page - Infineon Technologies AG BTS50020-1TAD Datasheet HTML 32Page - Infineon Technologies AG BTS50020-1TAD Datasheet HTML 33Page - Infineon Technologies AG BTS50020-1TAD Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
Data Sheet
30
Rev. 1.1
2017-03-28
BTS50020-1TAD
Smart High-Side Power Switch
Functional Description
Figure 27 Diagnostic Block Diagram
5.4.2
SENSE Signal in Different Operation Modes
5.4.3
SENSE Signal in the Nominal Current Range
Figure 28 and Figure 29 show the current sense as function of the load current in the power DMOS. Usually, a
pull-down resistor RIS is connected to the current sense pin IS. A typical value is 1 kΩ. The dotted curve
represents the typical sense current, assuming a typical dkILIS factor value. The range between the two solid
curves shows the sense accuracy range that the device is able to provide, at a defined current.
(5.3)
Table 5
Sense Signal, Function of Operation Mode1)
1) Z = High Impedance
Operation mode
Input Level
Output Level VOUT
Diagnostic Output (IS)2)
2) See Chapter 5.4.3 for Current Sense Range and Improved Current Sense Accuracy.
Normal operation
LOW (OFF)
~ GND
IIS(OFF)
Short circuit to GND
GND
IIS(OFF)
Overtemperature
~ GND
IIS(OFF)
Short circuit to VS
VS
IIS(OFF)
Open Load
Z
IIS(OFF)
Inverse current
> VS
IIS(OFF)
Normal operation
HIGH (ON)
~ VS
IIS = (IL / dkILIS) ± IIS0
Overcurrent condition
< VS
IIS = (IL / dkILIS) ± IIS0 or IIS(FAULT)
Short circuit to GND
GND
IIS(FAULT)
Overtemperature (after the event)
~ GND
IIS(FAULT)
Short circuit to VS
VS
IIS < IL / dkILIS ± IIS0
Open Load
VS
IIS0
Inverse current
> VS
<IIS0
Vs
IIS(FAULT)
IS
0
1
FAULT
ZIS(AZ)
RVS
VS-VOUT>2V
( IL / dkILIS ) ± IIS(0)
&
RSenseMos
IIS =
IL
dkILIS
+ IIS0 with (IIS ≥ 0)


Similar Part No. - BTS50020-1TAD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS50025-1TAD INFINEON-BTS50025-1TAD Datasheet
924Kb / 51P
   Smart High-Side Power Switch
Rev. 1.1 2017-03-30
BTS50025-1TEA INFINEON-BTS50025-1TEA Datasheet
1Mb / 44P
   Smart High-Side Power Switch
Rev.1.0 2018-08-16
More results

Similar Description - BTS50020-1TAD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS4175SGA INFINEON-BTS4175SGA Datasheet
472Kb / 26P
   Smart High-Side Power Switch
Rev.1.0, April 2008
BTS5215L INFINEON-BTS5215L_07 Datasheet
262Kb / 16P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BSP752T INFINEON-BSP752T_07 Datasheet
240Kb / 17P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5180-2EKA INFINEON-BTS5180-2EKA Datasheet
2Mb / 54P
   Smart High-Side Power Switch
Rev. 2.0, 2010-08-02
BTS4160DGA INFINEON-BTS4160DGA Datasheet
868Kb / 26P
   Smart High-Side Power Switch
Rev. 1.0, March 2008
BTS452T INFINEON-BTS452T_07 Datasheet
282Kb / 18P
   Smart Power High-Side-Switch
V1.1, 2007-05-29
BTS716G INFINEON-BTS716G_07 Datasheet
283Kb / 16P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS740S2 INFINEON-BTS740S2_07 Datasheet
289Kb / 17P
   Smart High-Side Power Switch
V1.0, 2007-05-13
BTS462T INFINEON-BTS462T Datasheet
304Kb / 16P
   Smart Power High-Side-Switch
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com