Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IF140A Datasheet(PDF) 1 Page - InterFET Corporation

Part # IF140A
Description  N-Channel Silicon Junction Field-Effect Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

IF140A Datasheet(HTML) 1 Page - InterFET Corporation

  IF140A Datasheet HTML 1Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
B-28
01/99
IF140, IF140A
N-Channel Silicon Junction Field-Effect Transistor
¥ Low-Noise, High Gain
Amplifiers
Absolute maximum ratings at TA = 25¡C
Reverse Gate Source & Reverse Gate Drain Voltage
– 20 V
Continuous Forward Gate Current
10 mA
Continuous Device Power Dissipation
375 mW
Power Derating
3 mW/°C
Storage Temperature Range
– 65°C to 200°C
TOÐ72 Package
Dimensions in Inches (mm)
Pin Configuration
1 Source, 2 Drain, 3 Gate, 4 Case
At 25°C free air temperature:
IF140
IF140A
Process NJ14AL
Static Electrical Characteristics
Min
Max
Min
Max
Unit
Test Conditions
Gate Source Breakdown Voltage
V(BR)GSS
– 20
– 20
V
IG = – 1 µA, VDS = ØV
Gate Reverse Current
IGSS
– 0.1
– 0.1
nA
VGS = – 15V, VDS = ØV
– 0.2
– 0.2
nA
VGS = – 15V, VDS = ØV
TA = 150°C
Gate Source Cutoff Voltage
VGS(OFF)
– 6
– 6
V
VDS = 15V, ID = 5 nA
Gate Source Voltage
VGS
– 5
– 2.5
– 6
V
VDS = 15V, ID = 50 µA
Gate Source Forward Voltage
VGS(F)
11
V
VDS = Ø, IG = 1 mA
Drain Saturation Current (Pulsed)
IDSS
515515
mA
VDS = 15V, VGS = ØV
Dynamic Electrical Characteristics
Common Source Forward Transmittance Yfs
4.5
4.5
mS
VDS = 15V, VGS = ØV
f = 1 kHz
Common Source Output Conductance
Yos
0.05
0.05
µS
VDS = 15V, VGS = ØV
f = 1 kHz
Common Source Input Capacitance
Ciss
33
pF
VDS = 15V, VGS = ØV
f = 1 MHz
Common Source Reverse
Crss
0.6
0.6
pF
VDS = 15V, VGS = ØV
f = 1 MHz
Transfer Capacitance
Typ
Typ
Equivalent Short Circuit
¯eN
44
nV/
√Hz
VDS = 12V, VGS = ØV
f = 10 Hz
Input Noise Voltage
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
Databook.fxp
1/13/99 2:09 PM
Page B-28


Similar Part No. - IF140A

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
IF142 INTERFET-IF142 Datasheet
63Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
More results

Similar Description - IF140A

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
IF4501 INTERFET-IF4501 Datasheet
91Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
2N3821 INTERFET-2N3821 Datasheet
94Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
J232 INTERFET-J232 Datasheet
92Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
J110 INTERFET-J110 Datasheet
92Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
logo
New Jersey Semi-Conduct...
U311 NJSEMI-U311 Datasheet
92Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
logo
InterFET Corporation
J112 INTERFET-J112 Datasheet
98Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
J304 INTERFET-J304 Datasheet
100Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
U309 INTERFET-U309 Datasheet
99Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
IFN5432 INTERFET-IFN5432 Datasheet
99Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
2N4856 INTERFET-2N4856 Datasheet
69Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
2N4416 INTERFET-2N4416 Datasheet
69Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com