Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V261LA20PF Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT72V261LA20PF
Description  3.3 VOLT CMOS SuperSync FIFO
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V261LA20PF Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT72V261LA20PF Datasheet HTML 1Page - Integrated Device Technology IDT72V261LA20PF Datasheet HTML 2Page - Integrated Device Technology IDT72V261LA20PF Datasheet HTML 3Page - Integrated Device Technology IDT72V261LA20PF Datasheet HTML 4Page - Integrated Device Technology IDT72V261LA20PF Datasheet HTML 5Page - Integrated Device Technology IDT72V261LA20PF Datasheet HTML 6Page - Integrated Device Technology IDT72V261LA20PF Datasheet HTML 7Page - Integrated Device Technology IDT72V261LA20PF Datasheet HTML 8Page - Integrated Device Technology IDT72V261LA20PF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
IDT72V261LA/72V271LA
3.3 VOLT CMOS SuperSync FIFO™ 16,384 x 9 and 32,768 x 9
2
PIN CONFIGURATIONS
TQFP (PN64-1, ORDER CODE: PF)
STQFP (PP64-1, ORDER CODE: TF)
TOP VIEW
DESCRIPTION (CONTINUED)
PIN 1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
WEN
SEN
DC(1)
VCC
VCC
GND(2)
GND(2)
GND(2)
GND(2)
GND(2)
GND(2)
GND(2)
GND(2)
GND(2)
D8
D7
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
DNC(3)
DNC(3)
GND
DNC(3)
DNC(3)
VCC
DNC(3)
DNC(3)
DNC(3)
GND
DNC(3)
DNC(3)
Q8
Q7
Q6
GND
4673 drw 02
write controls. These FIFOs offer numerous improvements over previous
SuperSync FIFOs, including the following:
• The limitation of the frequency of one clock input with respect to the
other has been removed. The Frequency Select pin (FS) has been
removed, thus it is no longer necessary to select which of the two clock
inputs, RCLK or WCLK, is running at the higher frequency.
• The period required by the retransmit operation is now fixed and short.
• The first word data latency period, from the time the first word is written
to an empty FIFO to the time it can be read, is now fixed and short.
(The variable clock cycle counting delay associated with the latency
period found on previous SuperSync devices has been eliminated on
this SuperSync family.)
SuperSync FIFOs are particularly appropriate for network, video, tele-
communications, data communications and other applications that need to
buffer large amounts of data.
The input port is controlled by a Write Clock (WCLK) input and a Write
Enable (
WEN) input. Data is written into the FIFO on every rising edge of
WCLK when
WEN is asserted. The output port is controlled by a Read
Clock (RCLK) input and Read Enable (
REN) input. Data is read from the
FIFO on every rising edge of RCLK when
REN is asserted. An Output
Enable (
OE) input is provided for three-state control of the outputs.
The frequencies of both the RCLK and the WCLK signals may vary from
0 to fMAX with complete independence. There are no restrictions on the
frequency of one clock input with respect to the other.
NOTES:
1. DC = Don’t Care. Must be tied to GND or VCC, cannot be left open.
2. This pin may either be tied to ground or left open.
3. DNC = Do Not Connect.


Similar Part No. - IDT72V261LA20PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V261LA IDT-IDT72V261LA Datasheet
361Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V261LA IDT-IDT72V261LA_14 Datasheet
361Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
More results

Similar Description - IDT72V261LA20PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V275 IDT-IDT72V275_14 Datasheet
205Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V261LA IDT-IDT72V261LA_14 Datasheet
361Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V255LA IDT-IDT72V255LA_14 Datasheet
366Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V281 IDT-IDT72V281_14 Datasheet
222Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V291 IDT-IDT72V291 Datasheet
242Kb / 26P
   3.3 VOLT CMOS SuperSync FIFOTM
IDT72255LA IDT-IDT72255LA Datasheet
354Kb / 27P
   CMOS SUPERSYNC FIFO
DT72281 IDT-DT72281_13 Datasheet
424Kb / 26P
   CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com