Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EV3378-S-00A Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # EV3378-S-00A
Description  4 Strings, Step Up WLED Controller Plus High Efficiency Step down Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV3378-S-00A Datasheet(HTML) 6 Page - Monolithic Power Systems

  EV3378-S-00A Datasheet HTML 1Page - Monolithic Power Systems EV3378-S-00A Datasheet HTML 2Page - Monolithic Power Systems EV3378-S-00A Datasheet HTML 3Page - Monolithic Power Systems EV3378-S-00A Datasheet HTML 4Page - Monolithic Power Systems EV3378-S-00A Datasheet HTML 5Page - Monolithic Power Systems EV3378-S-00A Datasheet HTML 6Page - Monolithic Power Systems EV3378-S-00A Datasheet HTML 7Page - Monolithic Power Systems EV3378-S-00A Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
EV3378-S-00A – 4-CHANNEL WLED CONTROLLER PLUS BUCK CONVERTER
EV3378-S-00A Rev.1.0
www.MonolithicPower.com
6
2/2/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
EVB TEST RESULTS (continued)
Performance waveforms are tested on the evaluation board.
VIN = 16V, 10 LEDs in series, 4 strings parallel, 120mA/string, TA = 25°C, unless otherwise noted.
Power Up
IOUT=0A
Power Off
IOUT=2A
Transient Response
IOUT=1A to 2A
Power Off
IOUT=0A
VOUT/AC
20mV/div.
VD2D_SW
10V/div.
VBL_SW
20V/div.
ILED
2A/div.
VOUT/AC
200mV/div.
VD2D_SW
20V/div.
VBL_SW
50V/div.
IOUT
1A/div.
VOUT/AC
50mV/div.
VD2D_SW
10V/div.
VBL_SW
20V/div.
ILED
2A/div.
VOUT
5V/div.
VBL_SW
20V/div.
VD2D_SW
10V/div.
ILED
2A/div.
VOUT
5V/div.
VBL_SW
20V/div.
VD2D_SW
10V/div.
ILED
500mA/div.
VOUT
5V/div.
VBL_SW
20V/div.
VD2D_SW
10V/div.
ILED
2A/div.
VOUT
2V/div.
VBL_SW
20V/div.
VD2D_SW
5V/div.
ILED
500mA/div.
Output Ripple
IOUT=2A
Output Ripple
IOUT=0A
Power Up
IOUT=2A


Similar Part No. - EV3378-S-00A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV3378E-F-00A MPS-EV3378E-F-00A Datasheet
565Kb / 8P
   4-Channel WLED Controller With High-Efficiency Buck Converter Evalution Board
More results

Similar Description - EV3378-S-00A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3373 MPS-MP3373 Datasheet
678Kb / 20P
   8 Strings, Step Up WLED Controller with External Transistor
EV3373-M-00A MPS-EV3373-M-00A Datasheet
613Kb / 7P
   8 Strings, Step Up WLED Controller with External Transistor
logo
Leadtrend Technology
LD5805 LEADTREND-LD5805 Datasheet
756Kb / 18P
   Step up, 4 strings, Max. 250mA/string, Multi-dimming mode WLED Backlight Controller
logo
SG Micro Corp
SGM3727 SGMICRO-SGM3727 Datasheet
367Kb / 13P
   High Efficiency 38V Step-Up WLED Driver
logo
STMicroelectronics
AN2816 STMICROELECTRONICS-AN2816 Datasheet
2Mb / 36P
   High-efficiency step-down controller
AN2815 STMICROELECTRONICS-AN2815 Datasheet
2Mb / 42P
   High-efficiency step-down controller
logo
Richtek Technology Corp...
RT8092 RICHTEK-RT8092 Datasheet
327Kb / 27P
   High Efficiency Step-Down Converter
logo
Texas Instruments
TPS62510 TI1-TPS62510_16 Datasheet
1Mb / 28P
[Old version datasheet]   High Efficiency Step-Down Converter
logo
Active-Semi, Inc
ACT6360 ACTIVE-SEMI-ACT6360_11 Datasheet
233Kb / 9P
   High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev 1, 14-Feb-11
ACT6359 ACTIVE-SEMI-ACT6359_08 Datasheet
236Kb / 8P
   High-Efficiency, 40V Step-Up WLED Bias Supplies
Rev0, 13-May-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com