Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM8073 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM8073
Description  60VIN, 3A Silent Switcher 關Module Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8073 Datasheet(HTML) 5 Page - Linear Technology

  LTM8073 Datasheet HTML 1Page - Linear Technology LTM8073 Datasheet HTML 2Page - Linear Technology LTM8073 Datasheet HTML 3Page - Linear Technology LTM8073 Datasheet HTML 4Page - Linear Technology LTM8073 Datasheet HTML 5Page - Linear Technology LTM8073 Datasheet HTML 6Page - Linear Technology LTM8073 Datasheet HTML 7Page - Linear Technology LTM8073 Datasheet HTML 8Page - Linear Technology LTM8073 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LTM8073
5
8073fa
For more information www.linear.com/LTM8073
Typical perForMance characTerisTics
Efficiency, VOUT = 8V, BIAS = 5V
Efficiency, VOUT = 12V, BIAS = 5V
Efficiency, VOUT = 15V, BIAS 5V
Efficiency, VOUT = –3.3V,
BIAS Tied to LTM8073 GND
Efficiency, VOUT = –5V, BIAS Tied
to LTM8073 GND
Efficiency, VOUT = –8V, BIAS Tied
to LTM8073 GND
Efficiency, VOUT = –12V, BIAS
Tied to LTM8073 GND
12VIN
24VIN
36VIN
48VIN
LOAD CURRENT (A)
0
1
2
3
4
60
70
80
90
100
8073 G10
24VIN
36VIN
48VIN
LOAD CURRENT (A)
0
1
2
3
4
60
70
80
90
100
8073 G11
24VIN
36VIN
48VIN
LOAD CURRENT (A)
0
1
2
3
4
60
70
80
90
100
8073 G12
12VIN
24VIN
36VIN
48VIN
LOAD CURRENT (A)
0
1
2
3
4
50
60
70
80
90
8073 G13
12VIN
24VIN
36VIN
48VIN
LOAD CURRENT (A)
0
1
2
3
4
50
60
70
80
90
8073 G14
12VIN
24VIN
36VIN
48VIN
LOAD CURRENT (A)
0
1
2
3
50
60
70
80
90
8073 G15
12VIN
24VIN
36VIN
48VIN
LOAD CURRENT (A)
0
1
2
3
50
60
70
80
90
8073 G16
TA = 25°C, unless otherwise noted.
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
1
2
50
60
70
80
90
8073 G17
12VIN
24VIN
36VIN
48VIN
LOAD CURRENT (A)
0
1
2
3
4
5
0
0.25
0.50
0.75
8073 G18
Efficiency, VOUT = –15V, BIAS
Tied to LTM8073 GND
Input vs Load Current
VOUT = 0.8V


Similar Part No. - LTM8073

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8073 LINER-LTM8073 Datasheet
1Mb / 34P
   EN55022B Compliant 58V, 24W Inverting-Output DC/DC 關Module Regulator
LTM8073 LINER-LTM8073 Datasheet
1Mb / 32P
   EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
logo
Analog Devices
LTM8073 AD-LTM8073 Datasheet
2Mb / 28P
   Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
LTM8073 AD-LTM8073 Datasheet
3Mb / 54P
   EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
LTM8073 AD-LTM8073 Datasheet
2Mb / 28P
   Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
More results

Similar Description - LTM8073

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8063 LINER-LTM8063 Datasheet
1Mb / 24P
   40VIN, 2A Silent Switcher 關Module Regulator
LTM8065 LINER-LTM8065 Datasheet
1Mb / 26P
   40VIN, 2.5A Silent Switcher 關Module Regulator
logo
Analog Devices
LTM8060 AD-LTM8060 Datasheet
2Mb / 28P
   Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
logo
Linear Technology
LTM8053 LINER-LTM8053 Datasheet
376Kb / 28P
   40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8003 LINER-LTM8003 Datasheet
401Kb / 30P
   40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
logo
Analog Devices
LTM8051 AD-LTM8051 Datasheet
2Mb / 28P
   Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
logo
Microchip Technology
MIC28511 MICROCHIP-MIC28511 Datasheet
1Mb / 34P
   60VIN, 3A Synchronous Buck Regulator
07/14/15
logo
Analog Devices
LT8386 AD-LT8386 Datasheet
2Mb / 28P
   60V, 3A Silent Switcher Synchronous, Step-Up LED Driver
LTM4710-1 AD-LTM4710-1 Datasheet
3Mb / 24P
   Low VIN, Quad 8A Silent Switcher μModule Regulator
Rev. 0
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com