Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM8063 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM8063
Description  40VIN, 2A Silent Switcher 關Module Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8063 Datasheet(HTML) 5 Page - Linear Technology

  LTM8063 Datasheet HTML 1Page - Linear Technology LTM8063 Datasheet HTML 2Page - Linear Technology LTM8063 Datasheet HTML 3Page - Linear Technology LTM8063 Datasheet HTML 4Page - Linear Technology LTM8063 Datasheet HTML 5Page - Linear Technology LTM8063 Datasheet HTML 6Page - Linear Technology LTM8063 Datasheet HTML 7Page - Linear Technology LTM8063 Datasheet HTML 8Page - Linear Technology LTM8063 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTM8063
5
8063fa
For more information www.linear.com/LTM8063
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
Efficiency, VOUT = 12V
Efficiency, VOUT = 15V
Efficiency, VOUT = –3.3V
Efficiency, VOUT = –5V
Efficiency, VOUT = –8V
Efficiency, VOUT = –12V
Efficiency, VOUT = –15V
Input vs Load Current, VOUT = 1V
Input vs Load Current,
VOUT = 1.2V
24VIN
36VIN
LOAD CURRENT (A)
0
0.5
1
1.5
2
2.5
55
65
75
85
95
8063 G10
24VIN
36VIN
LOAD CURRENT (A)
0
0.5
1
1.5
2
55
65
75
85
95
8063 G11
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
0.5
1
1.5
2
2.5
50
60
70
80
8063 G12
12VIN
24VIN
LOAD CURRENT (A)
0
0.5
1
1.5
2
50
60
70
80
8063 G13
12VIN
24VIN
LOAD CURRENT (A)
0
0.5
1
1.5
50
60
70
80
8063 G14
12VIN
24VIN
LOAD CURRENT (A)
0
0.25
0.50
0.75
1
50
60
70
80
8063 G15
12VIN
24VIN
LOAD CURRENT (A)
0
0.25
0.50
0.75
50
60
70
80
8063 G16
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
0.5
1
1.5
2
2.5
0
0.1
0.2
0.3
0.4
8063 G17
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
0.5
1
1.5
2
2.5
0
0.1
0.2
0.3
0.4
8063 G18


Similar Part No. - LTM8063

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTM8063 AD-LTM8063 Datasheet
2Mb / 28P
   Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
LTM8063 AD-LTM8063 Datasheet
2Mb / 28P
   Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
LTM8063 AD-LTM8063 Datasheet
2Mb / 28P
   40VIN, Dual 500mA or Single 1A Ultralow Noise, Ultrahigh PSRR μModule Regulator
LTM8063 AD-LTM8063 Datasheet
1Mb / 26P
   Triple 3A, Ultralow Noise, High PSRR, Ultrafast μModule Linear Regulator with Configurable Output Array
Rev. 0
More results

Similar Description - LTM8063

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8065 LINER-LTM8065 Datasheet
1Mb / 26P
   40VIN, 2.5A Silent Switcher 關Module Regulator
LTM8053 LINER-LTM8053 Datasheet
376Kb / 28P
   40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8003 LINER-LTM8003 Datasheet
401Kb / 30P
   40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
logo
Analog Devices
LTM8051 AD-LTM8051 Datasheet
2Mb / 28P
   Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
LTM8060 AD-LTM8060 Datasheet
2Mb / 28P
   Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
logo
Linear Technology
LTM8073 LINER-LTM8073 Datasheet
1Mb / 26P
   60VIN, 3A Silent Switcher 關Module Regulator
logo
Analog Devices
LT8350 AD-LT8350 Datasheet
1Mb / 24P
   40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher
Rev. 0
EVAL-LT8350-AZ AD-EVAL-LT8350-AZ Datasheet
1Mb / 10P
   40VIN, 18VOUT, 6A Synchronous Buck‑Boost Silent Switcher®
Rev. 0
EVAL-LT8376-AZ AD-EVAL-LT8376-AZ Datasheet
1Mb / 10P
   60V, 2A Silent Switcher Synchronous Step-Down LED Driver
Rev 0
LTM4710-1 AD-LTM4710-1 Datasheet
3Mb / 24P
   Low VIN, Quad 8A Silent Switcher μModule Regulator
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com