Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HZ6.8 Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # HZ6.8
Description  Silicon Epitaxial Planar Zener Diodes for Voltage Controller & Voltage Limitter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HZ6.8 Datasheet(HTML) 7 Page - Hitachi Semiconductor

  HZ6.8 Datasheet HTML 1Page - Hitachi Semiconductor HZ6.8 Datasheet HTML 2Page - Hitachi Semiconductor HZ6.8 Datasheet HTML 3Page - Hitachi Semiconductor HZ6.8 Datasheet HTML 4Page - Hitachi Semiconductor HZ6.8 Datasheet HTML 5Page - Hitachi Semiconductor HZ6.8 Datasheet HTML 6Page - Hitachi Semiconductor HZ6.8 Datasheet HTML 7Page - Hitachi Semiconductor HZ6.8 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
HZ-P Series
Rev.4, Sep. 2000, page 7 of 8
Package Dimensions
Hitachi Code
JEDEC
EIAJ
Mass (reference value)
DO-41
Conforms
Conforms
0.38 g
Unit: mm
26.0 Min
5.2 Max
26.0 Min


Similar Part No. - HZ6.8

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HZ6.8BP HITACHI-HZ6.8BP Datasheet
46Kb / 8P
   Silicon Epitaxial Planar Zener Diodes for Voltage Controller - Voltage Limitter
logo
Renesas Technology Corp
HZ6.8BP RENESAS-HZ6.8BP Datasheet
73Kb / 8P
   Silicon Epitaxial Planar Zener Diodes for Voltage Controller - Voltage Limitter
logo
Hitachi Semiconductor
HZ6.8CP HITACHI-HZ6.8CP Datasheet
46Kb / 8P
   Silicon Epitaxial Planar Zener Diodes for Voltage Controller - Voltage Limitter
logo
Renesas Technology Corp
HZ6.8CP RENESAS-HZ6.8CP Datasheet
73Kb / 8P
   Silicon Epitaxial Planar Zener Diodes for Voltage Controller - Voltage Limitter
More results

Similar Description - HZ6.8

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HZ-P HITACHI-HZ-P Datasheet
46Kb / 8P
   Silicon Epitaxial Planar Zener Diodes for Voltage Controller - Voltage Limitter
logo
Renesas Technology Corp
HZ-P RENESAS-HZ-P Datasheet
73Kb / 8P
   Silicon Epitaxial Planar Zener Diodes for Voltage Controller - Voltage Limitter
1N5223B RENESAS-1N5223B Datasheet
166Kb / 6P
   Silicon Epitaxial Planar Zener Diodes for Voltage Regulation
HZU10 RENESAS-HZU10 Datasheet
100Kb / 11P
   Silicon Epitaxial Planar Zener Diodes for Stabilizer
Rev.7 Dec. 2002
logo
SEMTECH ELECTRONICS LTD...
2V2BC SEMTECH_ELEC-2V2BC Datasheet
306Kb / 3P
   Silicon Epitaxial Planar Zener Diodes
logo
Nanjing International G...
ZMM1B DGNJDZ-ZMM1B Datasheet
167Kb / 8P
   Silicon Epitaxial Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
BTZS4678 SEMTECH_ELEC-BTZS4678 Datasheet
292Kb / 4P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZX83C SEMTECH_ELEC-BZX83C Datasheet
162Kb / 2P
   SILICON EPITAXIAL PLANAR ZENER DIODES
21/06/2007
logo
Semtech Corporation
ZM-PTZ10B SEMTECH-ZM-PTZ10B Datasheet
286Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX55T2V4 SEMTECH_ELEC-BZX55T2V4 Datasheet
255Kb / 4P
   SILICON EPITAXIAL PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com