Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM8053 Datasheet(PDF) 23 Page - Linear Technology

Part # LTM8053
Description  40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8053 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTM8053 Datasheet HTML 19Page - Linear Technology LTM8053 Datasheet HTML 20Page - Linear Technology LTM8053 Datasheet HTML 21Page - Linear Technology LTM8053 Datasheet HTML 22Page - Linear Technology LTM8053 Datasheet HTML 23Page - Linear Technology LTM8053 Datasheet HTML 24Page - Linear Technology LTM8053 Datasheet HTML 25Page - Linear Technology LTM8053 Datasheet HTML 26Page - Linear Technology LTM8053 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
LTM8053
23
8053fc
For more information www.linear.com/LTM8053
TYPICAL APPLICATIONS
15VOUT from 19.5VIN to 40VIN Step-Down Converter. BIAS Is Tied to AUX
1.2VOUT from 3.4VIN to 40VIN Step-Down Converter. BIAS Is Tied to an External 3.3V Source
2.5VOUT from 4VIN to 15VIN Step-Down Converter. BIAS Is Tied to VIN
4.7µF
100µF
158k
LTM8053
VOUT
RUN
VOUT
2.5V
3.5A
VIN
VIN
4V TO 15V
FB
GND
BIAS
SYNC
8053 TA04
PINS NOT USED IN THIS CIRCUIT: TR/SS, PG, SHARE, AUX
56.2k
750kHz
RT
4.7µF
22µF
25.5k
1.5MHz
16.9k
LTM8053
VOUT
FB
AUX
BIAS
VOUT
15V
2A
VIN
VIN
19.5V TO 40V
GND
RUN
SYNC
RT
SHARE
8053 TA02
PINS NOT USED IN THIS CIRCUIT: TR/SS, PG
47pF
4.7µF
EXT 3.3V
100µF
×2
47pf
1.05M
LTM8053
VOUT
AUX
VOUT
1.2V
4A
VIN
VIN
3.4V TO 40V
FB
GND
RUN
SYNC
8053 TA03
PINS NOT USED IN THIS CIRCUIT: TR/SS, PG, SHARE
78.7k
550kHz
RT
BIAS


Similar Part No. - LTM8053

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTM8053 LINEAR-LTM8053 Datasheet
1Mb / 18P
   Dual SEPIC or Inverting Module DC DC Converter
logo
Linear Technology
LTM8053 LINER-LTM8053 Datasheet
401Kb / 30P
   40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8053 LINER-LTM8053 Datasheet
1Mb / 20P
   Dual SEPIC or Inverting 關Module DC/DC Converter
LTM8053 LINER-LTM8053 Datasheet
1Mb / 24P
   40VIN, 2A Silent Switcher 關Module Regulator
LTM8053 LINER-LTM8053 Datasheet
1Mb / 26P
   40VIN, 2.5A Silent Switcher 關Module Regulator
More results

Similar Description - LTM8053

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8003 LINER-LTM8003 Datasheet
401Kb / 30P
   40VIN, 3.5A Step-Down Silent Switcher 關Module Regulator
LTM8063 LINER-LTM8063 Datasheet
1Mb / 24P
   40VIN, 2A Silent Switcher 關Module Regulator
LTM8065 LINER-LTM8065 Datasheet
1Mb / 26P
   40VIN, 2.5A Silent Switcher 關Module Regulator
logo
Analog Devices
LTM8051 AD-LTM8051 Datasheet
2Mb / 28P
   Quad 40VIN Silent Switcher 關Module Regulator with Configurable 1.2A Output Array
LTM8060 AD-LTM8060 Datasheet
2Mb / 28P
   Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
logo
Linear Technology
LT8641 LINER-LT8641 Datasheet
3Mb / 26P
   65V, 3.5A Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
LTM8073 LINER-LTM8073 Datasheet
1Mb / 26P
   60VIN, 3A Silent Switcher 關Module Regulator
logo
Analog Devices
LTC3309A AD-LTC3309A Datasheet
2Mb / 24P
   5V, 6A Synchronous Step-Down Silent Switcher
LT8641A AD-LT8641A Datasheet
860Kb / 35P
   65V, 3.5A/5A Peak Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
Rev 0
LT8640S-2 AD-LT8640S-2 Datasheet
2Mb / 30P
   42V, 6A Synchronous Step-Down Silent Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com