Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM8046 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM8046
Description  3.1VIN to 31VIN, 2kVAC Isolated DC/DC 關Module Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8046 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM8046 Datasheet HTML 2Page - Linear Technology LTM8046 Datasheet HTML 3Page - Linear Technology LTM8046 Datasheet HTML 4Page - Linear Technology LTM8046 Datasheet HTML 5Page - Linear Technology LTM8046 Datasheet HTML 6Page - Linear Technology LTM8046 Datasheet HTML 7Page - Linear Technology LTM8046 Datasheet HTML 8Page - Linear Technology LTM8046 Datasheet HTML 9Page - Linear Technology LTM8046 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTM8046
6
8046fb
For more information www.linear.com/LTM8046
Typical perForMance characTerisTics
Maximum Output Current vs VIN
Maximum Output Current vs VIN
Minimum Load vs VIN
Minimum Load vs VIN
12VOUT Minimum Load vs VIN
Input Current vs VIN Output
Shorted
Temperature Rise vs Output
Current 3.3VOUT
Temperature Rise vs Output
Current 2.5VOUT
OUTPUT CURRENT (mA)
20
15
0
10
5
8046 G26
0
800
600
200
400
3.3VIN
5VIN
12VIN
24VIN
VIN (V)
800
700
600
400
500
200
300
8046 G19
0
10
30
20
1.8VOUT
2.5VOUT
3.3VOUT
BIAS = 3.3V
VIN (V)
600
500
400
200
300
0
100
8046 G20
0
27
24
21
3
6
9
12 15 18
5VOUT
8VOUT
12VOUT
BIAS = 3.3V
VIN (V)
25
20
15
0
10
5
8046 G23
0
12
8
4
BIAS = 3.3V
VIN (V)
120
100
80
0
60
40
20
8046 G24
0
40
30
10
20
BIAS = 3.3V
OUTPUT CURRENT (mA)
20
15
0
10
5
8046 G25
0
800
600
200
400
3.3VIN
5VIN
12VIN
24VIN
VIN (V)
7
6
5
3
4
0
2
1
8046 G22
0
30
20
10
5VOUT
BIAS = 3.3V
8VOUT
VIN (V)
35
30
25
15
20
0
10
5
8046 G21
0
32
24
8
16
1.8VOUT
2.5VOUT
3.3VOUT
BIAS = 3.3V


Similar Part No. - LTM8046

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTM8046 LINEAR-LTM8046 Datasheet
1Mb / 18P
   Dual SEPIC or Inverting Module DC DC Converter
logo
Linear Technology
LTM8046 LINER-LTM8046 Datasheet
1Mb / 20P
   Dual SEPIC or Inverting 關Module DC/DC Converter
LTM8046 LINER-LTM8046 Datasheet
516Kb / 26P
   36VIN, 8.5A Buck-Boost 關Module Regulator
LTM8046 LINER-LTM8046 Datasheet
1Mb / 28P
   58VIN, 48VOUT Buck-Boost 關Module Regulator
LTM8046 LINER-LTM8046_15 Datasheet
383Kb / 20P
   Isolated DC/DC Module Converter
More results

Similar Description - LTM8046

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8057 LINER-LTM8057_15 Datasheet
233Kb / 20P
   3.1VIN to 31VIN Isolated Module DC/DC Converter
LTM8058 LINER-LTM8058_15 Datasheet
246Kb / 20P
   3.1VIN to 31VIN Isolated Module DC/DC Converter with LDO Post Regulator
LTM8048 LINER-LTM8048 Datasheet
347Kb / 20P
   3.1VIN to 32VIN Isolated 關Module DC/DC Converter
LTM8047 LINER-LTM8047_15 Datasheet
343Kb / 18P
   3.1VIN to 32VIN Isolated Module DC/DC Converter
LTM8048 LINER-LTM8048_15 Datasheet
283Kb / 20P
   3.1VIN to 32VIN Isolated Module DC/DC Converter with LDO Post Regulator
LTM8067 LINER-LTM8067 Datasheet
896Kb / 20P
   2.8VIN to 40VIN Isolated 關Module DC/DC Converter
LTM8046 LINER-LTM8046_15 Datasheet
383Kb / 20P
   Isolated DC/DC Module Converter
logo
Astec America, Inc
AIF25R48 ASTEC-AIF25R48_03 Datasheet
742Kb / 29P
   Isolated DC/DC Converter Module
logo
Bellnix Co.,Ltd.
BSU-1.8S1R0 BELLNIX-BSU-1.8S1R0 Datasheet
3Mb / 20P
   High-Efficiency 關Module Non-Isolated POL DC-DC Converter
BSU12-3.3S3R0 BELLNIX-BSU12-3.3S3R0 Datasheet
1Mb / 18P
   High-Efficiency 關Module Non-Isolated POL DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com