Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM62832UHJP-15 Datasheet(PDF) 11 Page - Hitachi Semiconductor

Part # HM62832UHJP-15
Description  256 k High Speed SRAM (32-kword 8-bit)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM62832UHJP-15 Datasheet(HTML) 11 Page - Hitachi Semiconductor

Back Button HM62832UHJP-15 Datasheet HTML 5Page - Hitachi Semiconductor HM62832UHJP-15 Datasheet HTML 6Page - Hitachi Semiconductor HM62832UHJP-15 Datasheet HTML 7Page - Hitachi Semiconductor HM62832UHJP-15 Datasheet HTML 8Page - Hitachi Semiconductor HM62832UHJP-15 Datasheet HTML 9Page - Hitachi Semiconductor HM62832UHJP-15 Datasheet HTML 10Page - Hitachi Semiconductor HM62832UHJP-15 Datasheet HTML 11Page - Hitachi Semiconductor HM62832UHJP-15 Datasheet HTML 12Page - Hitachi Semiconductor HM62832UHJP-15 Datasheet HTML 13Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
HM62832UH Series
11
Low V
CC Data Retention Characteristics (Ta = 0 to +70°C)
This characteristics is guaranteed only for L-version.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
V
CC for data retention
V
DR
2
——V
CS
≥ V
CC – 0.2V,
Vin
≥ V
CC – 0.2 V or
0 V < Vin
≤ 0.2 V
Data retention current
I
CCDR
—2
50
*1
µA
Chip deselect to data retention time
t
CDR
0
——ns
Operation recovery time
t
R
5
——ms
Note:
1. V
CC = 3.0 V
Low V
CC Data Retention Timing Waveform
CC
V
4.5 V
2.2 V
0 V
CS
tCDR
tR
CS
V
– 0.2 V
CC
DR
V
Data retention mode


Similar Part No. - HM62832UHJP-15

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM6283 HMSEMI-HM6283 Datasheet
624Kb / 9P
   400KHz 60V 2A Switching Current Boost LED Constant Current Driver
HM6283B HMSEMI-HM6283B Datasheet
777Kb / 11P
   400KHz 60V 2A Switching Current Boost LED Constant Current Driver
More results

Similar Description - HM62832UHJP-15

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM6207H HITACHI-HM6207H Datasheet
114Kb / 11P
   256 k High Speed SRAM (256-kword x 1-bit)
HN58S256A HITACHI-HN58S256A Datasheet
88Kb / 17P
   256 k EEPROM (32-kword x 8-bit)
HM62W16255HI HITACHI-HM62W16255HI Datasheet
92Kb / 16P
   4M High Speed SRAM (256-kword x 16-bit)
logo
Renesas Technology Corp
R1RP0416D RENESAS-R1RP0416D Datasheet
100Kb / 15P
   4M High Speed SRAM (256-kword X 16-bit)
logo
Hitachi Semiconductor
HM6216255HI HITACHI-HM6216255HI Datasheet
90Kb / 16P
   4M high Speed SRAM (256-kword x 16-bit)
HM6216255HC HITACHI-HM6216255HC Datasheet
95Kb / 17P
   4M High Speed SRAM (256-kword x 16-bit)
HM62W16255H HITACHI-HM62W16255H Datasheet
101Kb / 17P
   4M High Speed SRAM (256-kword x 16-bit)
logo
Renesas Technology Corp
R1RP0416D RENESAS-R1RP0416D_15 Datasheet
124Kb / 17P
   4M High Speed SRAM (256-kword 횞 16-bit)
R1RW0416D RENESAS-R1RW0416D Datasheet
100Kb / 16P
   4M High Speed SRAM (256-kword x 16-bit)
logo
Hitachi Semiconductor
HM6216255H HITACHI-HM6216255H Datasheet
102Kb / 17P
   4M high Speed SRAM (256-kword x 16-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com