Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK5522 Datasheet(PDF) 27 Page - Asahi Kasei Microsystems

Part # AK5522
Description  Differential Input Stereo 32-bit ADC with Excellent PSRR
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5522 Datasheet(HTML) 27 Page - Asahi Kasei Microsystems

Back Button AK5522 Datasheet HTML 23Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 24Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 25Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 26Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 27Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 28Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 29Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 30Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 31Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 84 page
background image
[AK5522]
017002311-E-00
2017/03
- 27 -
External Slave Mode (Serial Control Mode) (Continued)
Parameter
Symbol
Min.
Typ.
Max.
Unit
LRCK Input Timing
Stereo Mode
Frequency (fs)
Normal Speed
MCLK 256fs, 512fs
MCLK 384fs, 768fs
fsn
8
8
-
-
54
48
kHz
kHz
Double Speed
MCLK 256fs
MCLK 384fs
fsd
54
48
-
-
108
96
kHz
kHz
Quad Speed
MCLK 128fs
MCLK 192fs
fsq
108
96
-
-
216
192
kHz
kHz
Duty Cycle
dLRCK
45
-
55
%
TDM256 Mode
Frequency (fs)
Normal Speed
fsn
8
-
48
kHz
Double Speed
fsd
48
-
96
kHz
Pulse Width Low
tLRCKL
1/(256fs)
-
-
s
Pulse Width High
tLRCKH
1/(256fs)
-
-
s
TDM128 Mode
Frequency (fs)
Quad Speed
fsq
96
-
192
kHz
Pulse Width Low
tLRCKL
1/(128fs)
-
-
s
Pulse Width High
tLRCKH
1/(128fs)
-
-
s
BICK Input Timing
Stereo Mode
Period
tBICK
-
-
Normal Speed
1/(256fsn)
-
-
s
Double Speed
1/(128fsd)
-
s
Quad Speed
1/(64fsq)
-
s
Duty Cycle
dBICK
45
-
55
%
TDM256 Mode
Period
tBICK
-
1/(256fs)
-
s
Pulse Width Low
tBICKL
Normal Speed
33
-
-
ns
Double Speed
14
-
-
ns
Pulse Width High
tBICKH
Normal Speed
33
-
-
ns
Double Speed
14
-
-
ns
TDM128 Mode
Period
tBICK
-
1/(128fs)
-
s
Pulse Width Low
tBICKL
Quad Speed
14
-
-
ns
Pulse Width High
tBICKH
Quad Speed
14
-
-
ns


Similar Part No. - AK5522

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5522VN AKM-AK5522VN Datasheet
1Mb / 84P
   Differential Input Stereo 32-bit ADC with Excellent PSRR
More results

Similar Description - AK5522

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5522VN AKM-AK5522VN Datasheet
1Mb / 84P
   Differential Input Stereo 32-bit ADC with Excellent PSRR
AK5397 AKM-AK5397 Datasheet
1Mb / 44P
   32-Bit Stereo Premium ADC
AK5397EQ AKM-AK5397EQ Datasheet
1Mb / 44P
   32-Bit Stereo Premium ADC
AK5556VN AKM-AK5556VN_16 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5572 AKM-AK5572 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
AK5576 AKM-AK5576 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5558VN AKM-AK5558VN_16 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5538VN AKM-AK5538VN Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5574 AKM-AK5574 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ADC
AK5552VN AKM-AK5552VN_16 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com