Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HN29V25611AT-50H Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HN29V25611AT-50H
Description  256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN29V25611AT-50H Datasheet(HTML) 4 Page - Renesas Technology Corp

  HN29V25611AT-50H Datasheet HTML 1Page - Renesas Technology Corp HN29V25611AT-50H Datasheet HTML 2Page - Renesas Technology Corp HN29V25611AT-50H Datasheet HTML 3Page - Renesas Technology Corp HN29V25611AT-50H Datasheet HTML 4Page - Renesas Technology Corp HN29V25611AT-50H Datasheet HTML 5Page - Renesas Technology Corp HN29V25611AT-50H Datasheet HTML 6Page - Renesas Technology Corp HN29V25611AT-50H Datasheet HTML 7Page - Renesas Technology Corp HN29V25611AT-50H Datasheet HTML 8Page - Renesas Technology Corp HN29V25611AT-50H Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
HN29V25611AT-50H
2
• Erase mode
 Single sector erase ((2048 + 64) byte unit)
• Fast serial read access time:
 First access time: 50 µs (max)
 Serial access time: 50 ns (max)
• Low power dissipation:
 I
CC1 = 2 mA (typ) (Read)
 I
CC2 = 20 mA (max) (Read)
 I
SB2 = 50 µA (max) (Standby)
 I
CC3/ICC4 = 40 mA (max) (Erase/Program)
 I
SB3 = 20 µA (max) (Deep standby)
• The following architecture is required for data reliability.
 Error correction: more than 3-bit error correction per each sector read
 Spare sectors: 1.8% (290 sectors) (min) within usable sectors
Ordering Information
Type No.
Available sector
Package
HN29V25611AT-50H
More than 16,057 sectors
12.0
× 20.00 mm2 0.5 mm pitch
48-pin plastic TSOP I (TFP-48DA)


Similar Part No. - HN29V25611AT-50H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN29V25611AT-50 RENESAS-HN29V25611AT-50 Datasheet
351Kb / 47P
   256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
More results

Similar Description - HN29V25611AT-50H

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN29W25611T HITACHI-HN29W25611T Datasheet
331Kb / 42P
   256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
logo
Renesas Technology Corp
HN29V25611AT-50 RENESAS-HN29V25611AT-50 Datasheet
351Kb / 47P
   256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
logo
Hitachi Semiconductor
HN29W25611 HITACHI-HN29W25611 Datasheet
347Kb / 43P
   256M AND type Flash Memory More than 16,057-sector (271,299,072-bit)
logo
Mitsubishi Electric Sem...
M5M29F25611VP MITSUBISHI-M5M29F25611VP Datasheet
499Kb / 36P
   MORE THAN 16,057 SECTORS (271,299,072 BITS) CMOS 3.3V-ONLY SERIAL READ FLASH MEMORY
logo
Hitachi Semiconductor
HN29W12811 HITACHI-HN29W12811 Datasheet
315Kb / 42P
   128M AND type Flash Memory More than 8,029-sector (135,657,984-bit)
HN29V51211 HITACHI-HN29V51211 Datasheet
306Kb / 42P
   512M AND type Flash Memory More than 32,113-sector (542,581,248-bit)
logo
Renesas Technology Corp
HN29V102414 RENESAS-HN29V102414 Datasheet
352Kb / 48P
   1G AND type Flash Memory More than 32,113-sector (542,581,248-bit) x 2
logo
List of Unclassifed Man...
MX29LV033C ETC1-MX29LV033C Datasheet
530Kb / 57P
   32M-BIT COMSEQUAL SECTOR FLASH MEMORY
logo
Samsung semiconductor
K9K2G08U0A SAMSUNG-K9K2G08U0A Datasheet
850Kb / 34P
   256M x 8 Bit NAND Flash Memory
K9F2G08B0B SAMSUNG-K9F2G08B0B Datasheet
826Kb / 41P
   256M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com