Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4376A Datasheet(PDF) 56 Page - Asahi Kasei Microsystems

Part # AK4376A
Description  Low-Power Advanced 32-bit DAC with HP
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4376A Datasheet(HTML) 56 Page - Asahi Kasei Microsystems

Back Button AK4376A Datasheet HTML 52Page - Asahi Kasei Microsystems AK4376A Datasheet HTML 53Page - Asahi Kasei Microsystems AK4376A Datasheet HTML 54Page - Asahi Kasei Microsystems AK4376A Datasheet HTML 55Page - Asahi Kasei Microsystems AK4376A Datasheet HTML 56Page - Asahi Kasei Microsystems AK4376A Datasheet HTML 57Page - Asahi Kasei Microsystems AK4376A Datasheet HTML 58Page - Asahi Kasei Microsystems AK4376A Datasheet HTML 59Page - Asahi Kasei Microsystems AK4376A Datasheet HTML 60Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 68 page
background image
[AK4376A]
016014206-E-00
2016/11
- 56 -
Register Map
Addr Register Name
D7
D6
D5
D4
D3
D2
D1
D0
00H
Power Management 1
0
0
0
PMOSC
0
0
0
PMPLL
01H
Power Management 2
0
0
PMLDO1N PMLDO1P
0
0
PMCP2
PMCP1
02H
Power Management 3
0
0
0
LPMODE
0
0
0
PMDA
03H
Power Management 4
0
LVDTM[2:0]
CPMODE[1:0]
PMHPR
PMHPL
04H
Output Mode Setting
0
0
VDDTM[3:0]
HPRHZ
HPLHZ
05H
Clock Mode Select
0
CM[1:0]
FS[4:0]
06H
Digital Filter Select
DASD
DASL
0
0
T1
0
NGT
NGDIS
07H
DAC Mono Mixing
INVR
MDACR
RDACR
LDACR
INVL
MDACL
RDACL
LDACL
08H
Reserved
0
0
0
0
0
0
0
0
09H
Reserved
0
0
0
0
0
0
0
0
0AH
Reserved
0
0
0
0
0
0
0
0
0BH
Lch Output Volume
OVOLCN
0
0
OVL[4:0]
0CH
Rch Output Volume
0
0
0
OVR[4:0]
0DH
HP Volume Control
0
0
0
0
HPG[3:0]
0EH
PLL CLK Source Select
0
0
T2
0
0
0
PLS[1:0]
0FH
PLL Ref CLK Divider 1
PLD[15:8]
10H
PLL Ref CLK Divider 2
PLD[7:0]
11H
PLL FB CLK Divider 1
PLM[15:8]
12H
PLL FB CLK Divider 2
PLM[7:0]
13H
DAC CLK Source
0
0
0
0
0
0
DACCKS[1:0]
14H
DAC CLK Divider
MDIV[7:0]
15H
Audio I/F Format
DEVICEID[2:0]
MS
BCKO
DIF
DL[1:0]
21H
CHIP ID
0
T101
T100
0
0
CHIPID[2:0]
24H
Mode Control
0
DSMLP
0
T3
0
0
0
0
26H
DAC Adjustment1
T11
T10
T9
T8
T7
T6
T5
T4
2AH
DAC Adjustment2
T19
T18
T17
T16
T15
T14
T13
T12
Note 76. PDN pin =
“L” resets the registers to their default values.
Note 77.
The bits defined as “0” must contain a “0” value.
Note 78. Writing access from 16H to 20H, 22H, 23H, 25H, 27H to 29H and 2BH to FFH is prohibited.


Similar Part No. - AK4376A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4376AECB AKM-AK4376AECB Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
More results

Similar Description - AK4376A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4376ECB AKM-AK4376ECB Datasheet
198Kb / 5P
   Low-Power Advanced 32-bit DAC with HP
AK4377A AKM-AK4377A Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
AK4376 AKM-AK4376 Datasheet
198Kb / 5P
   Low-Power Advanced 32-bit DAC with HP
AK4376AECB AKM-AK4376AECB Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
AK4375A AKM-AK4375A Datasheet
270Kb / 4P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4375AECB AKM-AK4375AECB Datasheet
270Kb / 4P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4331 AKM-AK4331 Datasheet
2Mb / 91P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4456 AKM-AK4456 Datasheet
2Mb / 84P
   115dB 768kHz Advanced 32-bit DAC
AK4366 AKM-AK4366 Datasheet
266Kb / 30P
   Low Power 24-Bit 2ch DAC with HP-AMP
AK4366 AKM-AK4366_04 Datasheet
339Kb / 31P
   Low Power 24-Bit 2ch DAC with HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com