Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM4653 Datasheet(PDF) 23 Page - Linear Technology

Part # LTM4653
Description  EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4653 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTM4653 Datasheet HTML 19Page - Linear Technology LTM4653 Datasheet HTML 20Page - Linear Technology LTM4653 Datasheet HTML 21Page - Linear Technology LTM4653 Datasheet HTML 22Page - Linear Technology LTM4653 Datasheet HTML 23Page - Linear Technology LTM4653 Datasheet HTML 24Page - Linear Technology LTM4653 Datasheet HTML 25Page - Linear Technology LTM4653 Datasheet HTML 26Page - Linear Technology LTM4653 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
LTM4653
23
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
Table 7. LTM4653 Output Voltage Response vs Component Matrix. Performance of Figure 30 Circuit with Values Here Indicated.
Load-Stepping from 2A to 4A Load Current, at 2A/μs. Typical Measured Values
COUTH VENDORS 
PART NUMBER 
COUTH VENDORS 
PART NUMBER 
AVX
12066D107MAT2A (100μF, 6.3V, 1206 Case Size)
AVX
12105D106MAT2A (10μF, 50V, 1210 Case Size)
Murata
GRM31CR60J107M (100μF, 6.3V, 1206 Case Size)
Murata
GRM32ER61H106M (10μF, 50V, 1210 Case Size)
Taiyo Yuden
JMK316BBJ107MLHT (100μF, 6.3V, 1206 Case Size)
Taiyo Yuden
UMK325BJ106M (10μF, 50V, 1210 Case Size)
TDK
C3216X5R0J107M (100μF, 6.3V, 1206 Case Size)
TDK
C3225X5R1H106M (10μF, 50V, 1210 Case Size)
AVX
1210YD476MAT2A (47μF, 16V, 1210 Case Size)
CINH/CD VENDORS 
PART NUMBER 
Murata
GRM32ER61C476M (47μF, 16V, 1210 Case Size)
Murata
GRM32ER71K475M (4.7μF, 80V, 1210 Case Size)
Taiyo Yuden
EMK325BJ476MM (47μF, 16V, 1210 Case Size)
AVX
12065C475MAT2A (4.7μF, 50V, 1206 Case Size)
AVX
12103D226MAT2A (22μF, 25V, 1210 Case Size)
Murata
GRM31CR71H475M (4.7μF, 50V, 1206 Case Size)
Taiyo Yuden
TMK325BJ226MM (22μF, 25V, 1210 Case Size)
Taiyo Yuden
UMK316AB7475ML (4.7μF, 50V, 1206 Case Size)
TDK
C3225X5R1E226M (22μF, 25V, 1210 Case Size)
TDK
C3216X5R1H475M (4.7μF, 50V, 1206 Case Size)
VOUT
(V)
VIN
(V)
CINH
CD
COUTH
RTH
(Ω)
CTH
(nF)
RISET
(kΩ)
RPGDFB
(kΩ)
fSW
(kHz)
RfSET
(kΩ)
REXTVCC
(Ω)
LOAD STEP
TRANSIENT
DROOP
(mV)
LOAD STEP
PK-PK
DEVIATION
(mV)
RECOVERY
TIME
(μs)
1
5
4.7μF
4.7μF
100μF x 3
681
6.8
20
3.32
400
N/A
N/A
70
145
55
1
12
4.7μF
4.7μF
100μF x 3
681
6.8
20
3.32
400
N/A
N/A
70
145
50
1
24
4.7μF
4.7μF
100μF x 3
681
6.8
20
3.32
400
N/A
N/A
70
145
50
1.2
5
4.7μF
4.7μF
100μF x 3
665
6.8
24
4.99
400
N/A
N/A
70
145
50
1.2
12
4.7μF
4.7μF
100μF x 3
665
6.8
24
4.99
400
N/A
N/A
70
145
50
1.2
24
4.7μF
4.7μF
100μF x 3
665
6.8
24
4.99
400
N/A
N/A
70
145
50
1.5
5
4.7μF
4.7μF
100μF x 3
665
6.8
30.1
7.5
400
N/A
N/A
70
145
50
1.5
12
4.7μF
4.7μF
100μF x 3
665
6.8
30.1
7.5
400
N/A
N/A
70
145
50
1.5
24
4.7μF
4.7μF
100μF x 3
665
6.8
30.1
7.5
400
N/A
N/A
70
145
50
1.5
36
4.7μF
4.7μF
100μF x 3
665
6.8
30.1
7.5
400
N/A
N/A
70
145
50
1.8
5
4.7μF
4.7μF
100μF x 3
665
8.2
36
10
400
N/A
N/A
70
145
50
1.8
12
4.7μF
4.7μF
100μF x 3
665
8.2
36
10
400
N/A
N/A
70
145
50
1.8
24
4.7μF
4.7μF
100μF x 3
665
8.2
36
10
400
N/A
N/A
70
145
50
1.8
36
4.7μF
4.7μF
100μF x 3
665
8.2
36
10
400
N/A
N/A
70
145
50
2.5
5
4.7μF
4.7μF
100μF x 3
649
8.2
50
15.8
400
N/A
N/A
70
145
50
2.5
12
4.7μF
4.7μF
100μF x 3
649
8.2
50
15.8
400
N/A
N/A
70
145
50
2.5
24
4.7μF
4.7μF
100μF x 3
649
8.2
50
15.8
400
N/A
N/A
70
145
50
2.5
36
4.7μF
4.7μF
100μF x 3
649
8.2
50
15.8
400
N/A
N/A
70
145
50
2.5
48
4.7μF
4.7μF
100μF x 3
649
8.2
50
15.8
400
N/A
N/A
70
145
50
3.3
5
4.7μF
4.7μF
100μF x 2
604
10
66.5
22.6
400
N/A
N/A
90
190
50
3.3
12
4.7μF
4.7μF
100μF x 2
604
10
66.5
22.6
400
N/A
N/A
90
190
50
3.3
24
4.7μF
4.7μF
100μF x 2
604
10
66.5
22.6
400
N/A
N/A
90
185
50
3.3
36
4.7μF
4.7μF
100μF x 2
604
10
66.5
22.6
400
N/A
N/A
90
180
50
3.3
48
4.7μF
4.7μF
100μF x 2
604
10
66.5
22.6
400
N/A
N/A
90
180
50
5
12
4.7μF
4.7μF
47μF x 2
499
10
100
36.5
400
N/A
20
130
260
45
5
24
4.7μF
4.7μF
47μF x 2
499
10
100
36.5
550
665
20
130
260
45
5
36
4.7μF
4.7μF
47μF x 2
499
10
100
36.5
575
576
20
130
260
45
5
48
4.7μF
4.7μF
47μF x 2
499
10
100
36.5
600
499
20
130
260
45
12
15
4.7μF
4.7μF
22μF x 2
499
10
240
95.3
500
1000
49.9
170
350
40
12
24
4.7μF
4.7μF
22μF x 2
499
10
240
95.3
800
249
49.9
170
350
40
12
36
4.7μF
4.7μF
22μF x 2
499
10
240
95.3
1100
143
49.9
170
350
40
12
48
4.7μF
4.7μF
22μF x 2
499
10
240
95.3
1200
124
49.9
170
350
40
15
24
4.7μF
4.7μF
22μF x 2
499
10
301
121
750
287
60.4
170
350
40
15
36
4.7μF
4.7μF
22μF x 2
499
10
301
121
1200
124
60.4
170
350
40
15
48
4.7μF
4.7μF
22μF x 2
499
10
301
121
1400
100
60.4
170
350
40
24
36
4.7μF
4.7μF
10μF x 2
499
10
481
196
1200
124
100
220
430
35
24
48
4.7μF
4.7μF
10μF x 2
499
10
481
196
1500
90.9
100
220
440
35


Similar Part No. - LTM4653

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTM4653 AD-LTM4653 Datasheet
3Mb / 54P
   EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
More results

Similar Description - LTM4653

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4651 LINER-LTM4651 Datasheet
1Mb / 34P
   EN55022B Compliant 58V, 24W Inverting-Output DC/DC 關Module Regulator
LTM4624 LINER-LTM4624 Datasheet
347Kb / 26P
   14VIN, 4A Step-Down DC/DC 關Module Regulator
LTM4624 LINER-LTM4624_15 Datasheet
381Kb / 26P
   14VIN, 4A Step-Down DC/DC Module Regulator
LTM8032 LINER-LTM8032_15 Datasheet
524Kb / 26P
   EN55022B Compliant 36V, 2A DC/DC Module Regulator
LTM8050 LINER-LTM8050 Datasheet
436Kb / 24P
   58V, 2A Step-Down 關Module Regulator
LTM4612 LINER-LTM4612_15 Datasheet
529Kb / 28P
   EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
logo
Analog Devices
LTM4655 AD-LTM4655 Datasheet
3Mb / 54P
   EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
logo
Linear Technology
LTM4613 LINER-LTM4613_15 Datasheet
520Kb / 28P
   EN55022B Compliant 36VIN, 15VOUT, 8A, DC/DC Module Regulator
LTM4612 LINER-LTM4612_1 Datasheet
525Kb / 28P
   EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
LTM4624EY LINER-LTM4624EY Datasheet
464Kb / 6P
   4A Step-Down 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com