Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4132 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK4132
Description  96kHz 24bit Sample Rate Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4132 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK4132 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4132 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4132 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4132 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4132 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4132 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4132 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4132 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4132 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
[AK4132]
015015036-E-03
2018/05
- 6 -
8.
SRC Characteristics
(Ta= -40
 105ºC; DVDD= 3.0  3.6V at VSEL pin= “L” or DVDD= VD18= 1.7V  1.9V at VSEL pin= “H”;
DVSS= 0V; Signal Frequency= 1kHz; measurement bandwidth = 20Hz
 FSO/2; unless otherwise
specified.)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input Sample Rate
FSI
8
-
96
kHz
Output Sample Rate
FSO
44.1
-
48
kHz
Output Sample Rate
(FSI: 8kHz, 16kHz, 24kHz)
FSO
8
-
24
kHz
THD+N
(Input= 1kHz, 0dBFS, Note 7)
FSO/FSI= 48kHz/48kHz
FSO/FSI= 48kHz/96kHz
FSO/FSI= 44.1kHz/96kHz
Worst Case
(FSO/FSI=44.1kHz/32kHz)
-
-
-
-
101
102
101
-
-
-
-
99
dB
dB
dB
dB
Dynamic Range (Input= 1kHz, -60dBFS, Note 7)
FSO/FSI= 48kHz/48kHz
FSO/FSI= 48kHz/96kHz
FSO/FSI= 44.1kHz/96kHz
Worst Case
(FSO/FSI= 44.1kHz/32kHz)
Dynamic Range (Input= 1kHz, -60dBFS, A-weighted, Note 7)
FSO/FSI= 48kHz/48kHz
-
-
-
101
-
101
102
102
-
104
-
-
-
-
-
dB
dB
dB
dB
dB
Ratio between Input and Output Sample Rate
FSO/FSI
0.33
6
-
Note 7. Measured by Audio Precision, System Two.


Similar Part No. - AK4132

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4132VT AKM-AK4132VT Datasheet
1Mb / 27P
   96 kHz 24bit Sample Rate Converter
More results

Similar Description - AK4132

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4133VN AKM-AK4133VN Datasheet
2Mb / 28P
   192kHz 24bit Sample Rate Converter
AK4133 AKM-AK4133 Datasheet
1Mb / 29P
   192kHz 24bit Sample Rate Converter
AK4132VT AKM-AK4132VT Datasheet
1Mb / 27P
   96 kHz 24bit Sample Rate Converter
AKD5381-B AKM-AKD5381-B Datasheet
173Kb / 20P
   24bit 96kHz A/D converter
AKD5384 AKM-AKD5384_05 Datasheet
269Kb / 23P
   24bit 96kHz 4ch A/D converter
AK4324VF AKM-AK4324VF Datasheet
166Kb / 18P
   96kHz Sampling 24Bit
AKD5357-B AKM-AKD5357-B Datasheet
168Kb / 20P
   digital audio 24bit 96kHz A/D converter
AKD5365 AKM-AKD5365_06 Datasheet
330Kb / 37P
   digital audio 24bit 96kHz A/D converter
AKD5358A-B AKM-AKD5358A-B Datasheet
196Kb / 20P
   digital audio 24bit 96kHz A/D converter
AKD4363 AKM-AKD4363_05 Datasheet
381Kb / 34P
   96kHz 24bit D/A converter with PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com