Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM4636-1 Datasheet(PDF) 19 Page - Linear Technology

Part # LTM4636-1
Description  40A 關Module Regulator with Overvoltage/ Overtemperature Protection
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4636-1 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTM4636-1 Datasheet HTML 15Page - Linear Technology LTM4636-1 Datasheet HTML 16Page - Linear Technology LTM4636-1 Datasheet HTML 17Page - Linear Technology LTM4636-1 Datasheet HTML 18Page - Linear Technology LTM4636-1 Datasheet HTML 19Page - Linear Technology LTM4636-1 Datasheet HTML 20Page - Linear Technology LTM4636-1 Datasheet HTML 21Page - Linear Technology LTM4636-1 Datasheet HTML 22Page - Linear Technology LTM4636-1 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
LTM4636-1
19
46361fa
For more information www.linear.com/LTM4636-1
where VD appears to increase with temperature. It is com-
mon knowledge that a silicon diode biased with a current
source has an approximate –2mV/°C temperature rela-
tionship (Figure 7), which is at odds with the equation. In
fact, the IS term increases with temperature, reducing the
ln(ID/IS) absolute value yielding an approximate –2mV/°C
composite diode voltage slope.
APPLICATIONS INFORMATION
To obtain a linear voltage proportional to temperature
we cancel the IS variable in the natural logarithm term to
remove the IS dependency from the equation 1. This is
accomplished by measuring the diode voltage at two cur-
rents I1, and I2, where I1 = 10 • I2) and subtracting we get:
∆VD T(KELVIN)•KD •IN
I1
IS
– T(KELVIN)•KD •IN
I2
IS
Combining like terms, then simplifying the natural log
terms yields:
∆VD = T(KELVIN) • KD • lN(10)
and redefining constant
K'D KD •IN(10)
198µV
K
yields
∆VD = K'D • T(KELVIN)
Figure 7. Diode Voltage VD vs Temperature T(°C)
TEMPERATURE (°C)
–50 –25
0.3
0.5
0.8
0
50
75
0.4
0.7
0.6
25
100
46361 F07
125
Solving for temperature:
T(KELVIN)
∆VD
K'D
( CELSIUS) T(KELVIN) – 273.15
where
300°K = 27°C
means that is we take the difference in voltage across the
diode measured at two currents with a ratio of 10, the
resulting voltage is 198V per Kelvin of the junction with
a zero intercept at 0 Kelvin.
The diode connected NPN transistor at the TEMP pin
can be used to monitor the internal temperature of the
LTM4636-1.
Figure 8. The Two Images Show the LTM4636-1 Operating at 1V
at 40A and 3.3V at 35A from a 12V Input. Both Images Reflect
Only a 40°C to 45°C Rise Above Ambient at Full Load Current
with 200LPM
(8b)
(8a)
VIN
VOUT
IOUT
AIR FLOW
12
1
40
200 LFM
VIN
VOUT
IOUT
AIR FLOW
12
3.3
35
200 LFM


Similar Part No. - LTM4636-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4636-1 LINER-LTM4636-1 Datasheet
984Kb / 28P
   Fixed Ratio High Power Inductorless (Charge Pump) DC/DC Controller
More results

Similar Description - LTM4636-1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8110EE INFINEON-TLE8110EE_13 Datasheet
2Mb / 74P
   Overvoltage, Overtemperature, ESD -Protection
logo
Linear Technology
LTM4636 LINER-LTM4636 Datasheet
1Mb / 36P
   40A DC/DC 關Module Regulator
logo
Littelfuse
MHP-TAM15-9-77 LITTELFUSE-MHP-TAM15-9-77 Datasheet
558Kb / 2P
   Overtemperature Protection Device
MHP-TAM15-9-72 LITTELFUSE-MHP-TAM15-9-72 Datasheet
560Kb / 2P
   Overtemperature Protection Device
MHP-TAM6-9-82 LITTELFUSE-MHP-TAM6-9-82 Datasheet
561Kb / 2P
   Overtemperature Protection Device
MHP-TAM6-9-85 LITTELFUSE-MHP-TAM6-9-85 Datasheet
561Kb / 2P
   Overtemperature Protection Device
MHP-TAM15-9-82 LITTELFUSE-MHP-TAM15-9-82 Datasheet
561Kb / 2P
   Overtemperature Protection Device
MHP-TAM15-9-85 LITTELFUSE-MHP-TAM15-9-85 Datasheet
561Kb / 2P
   Overtemperature Protection Device
MHP-TAM6-9-72 LITTELFUSE-MHP-TAM6-9-72 Datasheet
557Kb / 2P
   Overtemperature Protection Device
logo
STMicroelectronics
STEVAL-IFP010V3 STMICROELECTRONICS-STEVAL-IFP010V3 Datasheet
168Kb / 4P
   Junction overtemperature protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com