Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM4636 Datasheet(PDF) 23 Page - Linear Technology

Part # LTM4636
Description  40A DC/DC 關Module Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4636 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTM4636 Datasheet HTML 19Page - Linear Technology LTM4636 Datasheet HTML 20Page - Linear Technology LTM4636 Datasheet HTML 21Page - Linear Technology LTM4636 Datasheet HTML 22Page - Linear Technology LTM4636 Datasheet HTML 23Page - Linear Technology LTM4636 Datasheet HTML 24Page - Linear Technology LTM4636 Datasheet HTML 25Page - Linear Technology LTM4636 Datasheet HTML 26Page - Linear Technology LTM4636 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
LTM4636
23
4636f
For more information www.linear.com/LTM4636
Table 2. 1V Output
DERATING
CURVE
VIN
POWER LOSS
CURVE
AIRFLOW
(LFM)
θJA (°C/W)
Figures 13, 14
5V, 12V
Figure 10, 12
0
7.2
Figures 13, 14
5V, 12V
Figure 10, 12
200
5.4
Figures 13, 14
5V, 12V
Figure 10, 12
400
4.8
Table 3. 1.5V Output
DERATING
CURVE
VIN
POWER LOSS
CURVE
AIRFLOW
(LFM)
θJA (°C/W)
Figures 15, 16
5V, 12V
Figure 10, 12
0
7.4
Figures 15, 16
5V, 12V
Figure 10, 12
200
5.0
Figures 15, 16
5V, 12V
Figure 10, 12
400
4.5
Table 4. 3.3V
DERATING
CURVE
VIN
POWER LOSS
CURVE
AIRFLOW
(LFM)
θJA (°C/W)
Figures 17, 18
12V
Figure 10, 12
0
7.4
Figures 17, 18
12V
Figure 10, 12
200
5.0
Figures 17, 18
12V
Figure 10, 12
400
4.4
applicaTions inForMaTion
Table 5. LTM4636 Capacitor Matrix, All Below Parameters are Typical and are Dependent on Board Layout
Taiyo Yuden
22µF, 25V
C3216X7S0J226M
Panasonic SP
470µF 2.5V
EEFGX0E471R
Sanyo
20SEP100M
100µF 20V
Murata
22µF, 25V
GRM31CR61C226KE15L Sanyo POSCAP
470µF 2R5
2R5TPD470M5
Murata
100µF, 6.3V
GRM32ER60J107M
Sanyo POSCAP
470µF 6.3V
6TPD470M5
AVX
100µF, 6.3V
18126D107MAT
Taiyo Yuden
220µF, 4V
Murata
220µF, 4V


Similar Part No. - LTM4636

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4636 LINER-LTM4636 Datasheet
2Mb / 38P
   40A 關Module Regulator with Overvoltage/ Overtemperature Protection
LTM4636 LINER-LTM4636 Datasheet
695Kb / 34P
   25A DC/DC Step-Down 關Module Regulator
LTM4636 LINER-LTM4636 Datasheet
1Mb / 34P
   30A DC/DC Step-Down 關Module Regulator
LTM4636 LINER-LTM4636 Datasheet
2Mb / 38P
   Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
LTM4636 LINER-LTM4636 Datasheet
1Mb / 36P
   Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
More results

Similar Description - LTM4636

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4627 LINER-LTM4627 Datasheet
372Kb / 28P
   15A DC/DC 關Module Regulator
logo
Total Power Internation...
DR-UPS40 TOTAL-POWER-DR-UPS40 Datasheet
414Kb / 3P
   40A DC UPS Module
logo
Linear Technology
LTM4611 LINER-LTM4611 Datasheet
469Kb / 28P
   Ultralow VIN, 15A DC/DC 關Module Regulator
LTM4647 LINER-LTM4647 Datasheet
1Mb / 34P
   30A DC/DC Step-Down 關Module Regulator
LTM4649 LINER-LTM4649 Datasheet
1Mb / 30P
   10A Step-Down DC/DC 關Module Regulator
LTM4637 LINER-LTM4637 Datasheet
585Kb / 28P
   20A DC/DC 關Module Step-Down Regulator
LTM4619 LINER-LTM4619 Datasheet
300Kb / 24P
   Dual, 26VIN, 4A DC/DC 關Module Regulator
LTM4645 LINER-LTM4645 Datasheet
695Kb / 34P
   25A DC/DC Step-Down 關Module Regulator
logo
Mean Well Enterprises C...
DR-UPS40 MEANWELL-DR-UPS40_10 Datasheet
310Kb / 3P
   40A DC UPS Module
DR-UPS40 MEANWELL-DR-UPS40_11 Datasheet
310Kb / 3P
   40A DC UPS Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com