Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM4633 Datasheet(PDF) 9 Page - Linear Technology

Part # LTM4633
Description  Triple 10A Step-DownDC/DC 關Module Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4633 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTM4633 Datasheet HTML 5Page - Linear Technology LTM4633 Datasheet HTML 6Page - Linear Technology LTM4633 Datasheet HTML 7Page - Linear Technology LTM4633 Datasheet HTML 8Page - Linear Technology LTM4633 Datasheet HTML 9Page - Linear Technology LTM4633 Datasheet HTML 10Page - Linear Technology LTM4633 Datasheet HTML 11Page - Linear Technology LTM4633 Datasheet HTML 12Page - Linear Technology LTM4633 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LTM4633
9
4633f
For more information www.linear.com/LTM4633
block DiagraM
+
MTOP1
0.36µH
0.1µF
1µF
RFB1
121k
SGND
SGND
MBOT1
MTOP2
MBOT2
VOUT1
VFB1
COUT1
VFB1
VOUT1
1.2V
10A
VIN1
CNTL_PWR
SW1
GND
GND
TEMP1
LOCATED NEAR POWER STAGES
CIN1
22µF
CIN2
22µF
PNP
+
0.36µH
0.1µF
1µF
RFBHI2
60.4k
RFBHI1
60.4k
SGND
VOUT2
VFB2
VIN2
COUT2
VFB2
VOUT2
1.5V
10A
SW2
GND
GND
TEMP2
LOCATED NEAR
POWER STAGES
RFB2
69.8k
SGND
CIN3
22µF
CIN4
22µF
VIN
4.5V TO 16V
PNP
MTOP3
MBOT3
+
0.68µH
INTERNAL MODULE CONNECTION
0.1µF
SS
CAP3
1µF
RFBHI3
60.4k
RRUN3
10k
R5
10k
RFB3
19.1k
SGND
SGND
SGND
SGND
2.2
COMP3
VOUT3
TK/SS3
RUN3
COMP2
VFB3
VIN3
COUT3
VFB3
4633 F01
VOUT3
3.3V
10A
SW3
GND
GND
RRUN2
10k
RUN2
PGOOD3
EXTVCC
INTVCC
INTVCC
INTVCC
R4
10k
PGOOD12
SGND
INTVCC
12V
R3
40.2k
12V
R2
40.2k
12V
RRUN1
10k
RUN1
FREQ/PLLLPF
MODE/PLLIN
R1
40.2k
CIN5
22µF
CIN6
22µF
3-CHANNEL
POWER CONTROL
SGND
SS
CAP2
TK/SS2
SGND
INTERNAL
COMP
SGND
INTERNAL
COMP
COMP1
SGND
INTERNAL
COMP
SS
CAP1
TK/SS1
SGND
SGND
4.7µF
INTERNAL
FILTER
Figure 1. Simplified LTM4633 Block Diagram


Similar Part No. - LTM4633

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4633 LINER-LTM4633 Datasheet
746Kb / 32P
   Triple Output 5A/5A/4A Step-Down DC/DC 關Module짰 Regulator
logo
Analog Devices
LTM4633 AD-LTM4633 Datasheet
1Mb / 36P
   Quad DC/DC 關Module Regulator with Configurable Dual 12A, Dual 5A Output Array
Rev. B
logo
Linear Technology
LTM4633 LINER-LTM4633_15 Datasheet
519Kb / 32P
   Triple 10A Step-Down DC/DC Module Regulator
More results

Similar Description - LTM4633

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4633 LINER-LTM4633_15 Datasheet
519Kb / 32P
   Triple 10A Step-Down DC/DC Module Regulator
LTM4649 LINER-LTM4649 Datasheet
1Mb / 30P
   10A Step-Down DC/DC 關Module Regulator
LTM4649 LINER-LTM4649_15 Datasheet
1Mb / 30P
   10A Step-Down DC/DC Module Regulator
logo
Analog Devices
LTM4658 AD-LTM4658 Datasheet
1Mb / 26P
   Low VIN, High Efficiency 10A Step-Down DC/DC 關Module Regulator
Rev. 0
logo
Linear Technology
LTM4649EY LINER-LTM4649EY Datasheet
667Kb / 8P
   High Efficiency 10A Step-Down 關Module Regulator
LTM4648 LINER-LTM4648 Datasheet
380Kb / 28P
   Low VIN, 10A Step-Down 關Module Regulator
logo
Analog Devices
LTM4705 AD-LTM4705 Datasheet
1Mb / 24P
   20VIN, Dual 5A or Single 10A Step-Down DC/DC 關Module Regulator
logo
Linear Technology
LTM4637 LINER-LTM4637 Datasheet
585Kb / 28P
   20A DC/DC 關Module Step-Down Regulator
LTM4647 LINER-LTM4647 Datasheet
1Mb / 34P
   30A DC/DC Step-Down 關Module Regulator
LTM4645 LINER-LTM4645 Datasheet
695Kb / 34P
   25A DC/DC Step-Down 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com