Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS6408MTC141X Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FMS6408MTC141X
Description  Triple Video Filter Driver for RGB and YUV Signals
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6408MTC141X Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FMS6408MTC141X Datasheet HTML 1Page - Fairchild Semiconductor FMS6408MTC141X Datasheet HTML 2Page - Fairchild Semiconductor FMS6408MTC141X Datasheet HTML 3Page - Fairchild Semiconductor FMS6408MTC141X Datasheet HTML 4Page - Fairchild Semiconductor FMS6408MTC141X Datasheet HTML 5Page - Fairchild Semiconductor FMS6408MTC141X Datasheet HTML 6Page - Fairchild Semiconductor FMS6408MTC141X Datasheet HTML 7Page - Fairchild Semiconductor FMS6408MTC141X Datasheet HTML 8Page - Fairchild Semiconductor FMS6408MTC141X Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
REV. 2C August 31, 2004
www.fairchildsemi.com
Features
• 7.6MHz 5th order RGB/YUV/YC CV filters
• 50dB stopband attenuation at 27MHz on all outputs
• Better than 0.5dB flatness to 4.2MHz on all outputs
• No external frequency selection components or clocks
• AC coupled inputs and AC or DC coupled outputs
• Supports both NTSC and PAL luminance bandwidth
• Continuous time low pass filters for video anti-aliasing
or reconstruction applications
• <1% differential gain with 0.5° differential phase on
all channels
• Integrated DC restore circuitry with low tilt
Applications
• Cable set top boxes
• Satellite set top boxes
• Terrestrial set top boxes
• DVD players
• Personal Video Recorders (PVR)
• Video On Demand (VOD)
Description
The FMS6408 provides three video signal paths including a
two-input mux, a video filter and a 6dB gain output driver.
The filter bandwidth supports RGB and YUV signals in
either NTSC or PAL formats.
The video filters approximate a 5th order Butterworth low
pass characteristic optimized for minimum overshoot and
flat group delay to provide excellent image quality. Four
different peaking options are available. The video filters can
be bypassed if desired.
In a typical application, the RGB or YUV DAC outputs are
AC coupled into the filters through the input mux. All
channels have DC restore circuitry to clamp the DC input
levels during video sync. The clamp pulse derived from the
selected Y input controls three independent feedback clamps.
All outputs are capable of driving 2Vpp, AC or DC coupled,
into either a single (150
Ω) or dual (75Ω) video load. The
FMS6408 clamp levels can be factory programmed for YUV
/RGB (250mV for all channels), YC / YPbPr (250mV on
channel 1 and 1.125V on channels 2 and 3) or YC CV
(250mV on channels 1 and 3 and 1.125V on channel 2).
FMS6408
Triple Video Filter Driver for RGB and YUV Signals
Functional Block Diagram
8MHz*
Sync Processing
6d
B
gM
250mV
YOUT
YINA
YINB
6d
B
gM
UOUT
UINA
UINB
6d
B
gM
250mV or
1.125V *
VOUT
VINA
VINB
BYPASS (BYPASS/FILTER)
INMUX (A/B)
* Factory Selected Clamp
and Peaking Levels
250mV or
1.125V *
8MHz*
8MHz*


Similar Part No. - FMS6408MTC141X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6408MTC141X FAIRCHILD-FMS6408MTC141X Datasheet
394Kb / 11P
   Precision Triple Video Filter Driver for RGB and YUV Signals
More results

Similar Description - FMS6408MTC141X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6408 FAIRCHILD-FMS6408_07 Datasheet
394Kb / 11P
   Precision Triple Video Filter Driver for RGB and YUV Signals
FMS6418A FAIRCHILD-FMS6418A Datasheet
202Kb / 10P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB or YUV Signals
logo
Unisonic Technologies
VF8418 UTC-VF8418 Datasheet
165Kb / 6P
   TRIPLE VIDEO DRIVER WITH SELECTABLE HD/SD VIDEO FILTERS FOR RGB OR YUV SIGNALS
logo
Fairchild Semiconductor
FMS6418B FAIRCHILD-FMS6418B Datasheet
313Kb / 11P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB, YUV or YPbPr Signals
logo
Micro Linear Corporatio...
ML6426 MICRO-LINEAR-ML6426 Datasheet
287Kb / 17P
   High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
logo
Fairchild Semiconductor
ML6426 FAIRCHILD-ML6426 Datasheet
146Kb / 17P
   High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
FMS6417 FAIRCHILD-FMS6417 Datasheet
137Kb / 12P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite, and Modulator Outputs
FMS6417A FAIRCHILD-FMS6417A Datasheet
264Kb / 14P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite, and Modulator Outputs
FMS6419 FAIRCHILD-FMS6419 Datasheet
160Kb / 10P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs
FMS6419 FAIRCHILD-FMS6419_05 Datasheet
125Kb / 10P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com