Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA17358APS Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # HA17358APS
Description  Dual Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA17358APS Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HA17358APS Datasheet HTML 1Page - Hitachi Semiconductor HA17358APS Datasheet HTML 2Page - Hitachi Semiconductor HA17358APS Datasheet HTML 3Page - Hitachi Semiconductor HA17358APS Datasheet HTML 4Page - Hitachi Semiconductor HA17358APS Datasheet HTML 5Page - Hitachi Semiconductor HA17358APS Datasheet HTML 6Page - Hitachi Semiconductor HA17358APS Datasheet HTML 7Page - Hitachi Semiconductor HA17358APS Datasheet HTML 8Page - Hitachi Semiconductor HA17358APS Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
HA17358/A Series
3
Absolute Maximum Ratings (Ta = 25
°C)
Ratings
Item
Symbol
HA17358
HA17358F
HA17358APS
HA17358AFP/ARP
Unit
Supply voltage
V
CC
32
32
32
32
V
Sink current
Isink
50
50
50
50
mA
Power dissipation
P
T
570 *
1
385 *
2
570 *
1
385 *
2
mW
Common mode
input voltage
V
CM
−0.3 to V
CC
−0.3 to V
CC
−0.3 to V
CC
−0.3 to V
CC
V
Differential input
voltage
Vin (diff)
±V
CC
±V
CC
±V
CC
±V
CC
V
Operating
temperature
Topr
−20 to +75
−20 to +75
−40 to +85
−40 to +85
°C
Storage
temperature
Tstg
−55 to +125
−55 to +125
−55 to +125
−55 to +125
°C
Notes: 1. This is the allowable values up to Ta = 50
°C. Derate by 8.3 mW/°C.
2. These are the allowable values up to Ta = 25
°C mounting in air.
When it is mounted on glass epoxy board of 40 mm
× 40 mm × 1.5 mmt with 30% wiring density,
the allowable value is 570 mW up to Ta = 45
°C. If Ta > 45°C, derate by 7.14 mW/°C.


Similar Part No. - HA17358APS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA17358A RENESAS-HA17358A Datasheet
102Kb / 8P
   Dual Operational Amplifier
HA17358A RENESAS-HA17358A Datasheet
125Kb / 12P
   Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp
HA17358A-E RENESAS-HA17358A-E Datasheet
125Kb / 12P
   Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp
HA17358AF RENESAS-HA17358AF Datasheet
102Kb / 8P
   Dual Operational Amplifier
HA17358AF RENESAS-HA17358AF Datasheet
125Kb / 12P
   Regarding the change of names mentioned in the document, such as Hitachi Electric and Hitachi XX, to Renesas Technology Corp
More results

Similar Description - HA17358APS

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
LM2904 FAIRCHILD-LM2904 Datasheet
137Kb / 12P
   Dual Operational Amplifier
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
   Dual operational amplifier
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
   DUAL OPERATIONAL AMPLIFIER
logo
Motorola, Inc
LM833 MOTOROLA-LM833 Datasheet
133Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM4560 NJRC-NJM4560 Datasheet
226Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM4562 NJRC-NJM4562 Datasheet
258Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM2100 NJRC-NJM2100 Datasheet
201Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
   Dual Operational Amplifier
logo
NXP Semiconductors
MA747C PHILIPS-MA747C Datasheet
94Kb / 5P
   Dual operational amplifier
August 31, 1994
logo
Renesas Technology Corp
HA17904A RENESAS-HA17904A_15 Datasheet
129Kb / 10P
   Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com