Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GMS81516BLQ Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # GMS81516BLQ
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81516BLQ Datasheet(HTML) 4 Page - Hynix Semiconductor

  GMS81516BLQ Datasheet HTML 1Page - Hynix Semiconductor GMS81516BLQ Datasheet HTML 2Page - Hynix Semiconductor GMS81516BLQ Datasheet HTML 3Page - Hynix Semiconductor GMS81516BLQ Datasheet HTML 4Page - Hynix Semiconductor GMS81516BLQ Datasheet HTML 5Page - Hynix Semiconductor GMS81516BLQ Datasheet HTML 6Page - Hynix Semiconductor GMS81516BLQ Datasheet HTML 7Page - Hynix Semiconductor GMS81516BLQ Datasheet HTML 8Page - Hynix Semiconductor GMS81516BLQ Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 110 page
background image
GMS81508B/16B/24B, GMS82512/16/24
MAY. 2001 Ver 2.0
1
GMS81508B/16B/24B
GMS82512/16/24
CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
WITH A/D CONVERTER
1. OVERVIEW
1.1 Description
The GMS81508B/16B/24B are advanced CMOS 8-bit microcontrollers with 8K/16K/24K bytes of ROM and 64pin package.
And the GMS82512/16/24 are the same except for 12K/16K/24K bytes of ROM and 42pin package. The GMS825xx is a
cut-down product of GMS815xxB microcontroller, that is, the function and package are reduced. These are powerful micro-
controllers which provide a highly flexible and cost effective solution to many general application. These includes several
peripheral functions such as Timer, A/D converter, Programmable buzzer driver, Serial I/O communication(GMS815xxB
only), Pulse Width Modulation function( GMS815xxB only), etc. The RAM, ROM, and I/O are placed on the same memory
map in addition to simple instruction set. Also, they support power saving mode to reduce power consumption.
The GMS815xxB is functionally 100% compatible with earier GMS81508/16 or GMS81508A/16A, and has better charac-
teristics such as strong EMS, wide operating voltage, temperature, frequency and fast programming time for the OTP.
1.2 Features
• 8K/16K/24K Bytes On-chip Program ROM
(12K/16K/24K Bytes in GMS825xx)
• 448 Bytes of On-chip Data RAM
(Included stack memory)
• Minimum Instruction Execution Time
0.5
µµµµs at 8MHz
• One 8-bit Basic Interval Timer
• Four 8-bit Timer/Event counter
or Two 16-bit Timer/Event counter
• One 6-bit Watchdog timer
• Eight channel 8-bit A/D converter
(Four channel in GMS825xx)
• Two channel 8-bit PWM
(Not support in GMS825xx)
• One 8-bit Serial Communication Interface
(Not support in GMS825xx)
• Four External Interrupt input ports
• Buzzer Driving port
- 500Hz ~ 250kHz@8MHz
• 52 I/O Ports, 4 Input Ports
(35 I/O ports in GMS825xx)
• Twelve Interrupt sources
- Basic Interval Timer: 1
- External input: 4
- Timer/Event counter: 4
- ADC: 1
- Serial Interface: 1(Not support in GMS825xx)
- WDT: 1
• Built in Noise Immunity Circuit
Device name
ROM Size
RAM Size
I/O
OTP
Package
GMS81508B
8K bytes
448 bytes
52 I/O, 4Input
GMS81516BT
64SDIP, 64MQFP,
64LQFP
GMS81516B
16K bytes
448 bytes
52 I/O, 4Input
GMS81516BT
GMS81524B
24K bytes
448 bytes
52 I/O, 4Input
GMS81524BT
GMS82512
12K bytes
448 bytes
35 I/O
GMS82524T
42SDIP, 44MQFP
GMS82516
16K bytes
448 bytes
35 I/O
GMS82524T
GMS82524
24K bytes
448 bytes
35 I/O
GMS82524T


Similar Part No. - GMS81516BLQ

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS81516BLQ HYNIX-GMS81516BLQ Datasheet
1Mb / 100P
   HYUNDAI MICRO ELECTRONICS 8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - GMS81516BLQ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com