Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HA17358A Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part No. HA17358A
Description  Dual Operational Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

 
 1 page
background image
HA17358/A Series
Dual Operational Amplifier
ADE-204-033A (Z)
Rev. 1
Mar. 2001
Description
HA17358 series and HA17358A series are dual operational amplifier that provide high gain and internal
phase compensation, with single power supply. They can be widely applied to control equipments and to
general use.
Features
• Wide range of supply voltage, and single power supply used
• Wide range of common mode voltage, and possible to operate with an input about 0 V, and output
around 0 V is available
• Frequency characteristics and input bias current are temperature compensated
Features only for “A” series
• Low electro-magnetic susceptibility level
Output Offset Voltage vs. Input Interference
Measurement Condition
5.0
4.0
3.0
2.0
1.0
0
−1.0
100E+3
1E+6
10E+6
100E+6
1E+9
10E+9
Input RF frequency (Hz)
HA17358A series
HA17358 series
Rs
+
Rs
0.01
µ
Vin
−10 dBm
RF signal source
(for quasi-RF noise)
Vcc = +7.5 V
Vee =
−7.5 V
Rf
Rf
Vout
(= 100
∗Vio)
V
_
Improve-
ment




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LT1813Dual 3mA 100MHz 750V/us Operational Amplifier 1 2 3 4 5 MoreLinear Technology
NJM4556ADUAL HIGH CURRENT OPERATIONAL AMPLIFIER 1 2 3 4 5 New Japan Radio
NTE858MIntegrated Circuit Dual Low-Noise JFET-Input Operational Amplifier 1 2 3 NTE Electronics
NE5517Dual operational transconductance amplifier 1 2 3 4 5 MoreNXP Semiconductors
OP271HIGH SPEED DUAL OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreAnalog Devices
NJU7043Input/Output Full-Swing High Output Current Dual C-MOS Operational Amplifier 1 2 New Japan Radio
LM272MDUAL POWER OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreSTMicroelectronics
TA75458PDUAL OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreToshiba Semiconductor
ZL40121Low Power Current Feedback Dual Operational Amplifier 1 2 3 4 5 MoreZarlink Semiconductor Inc
LA6358NMHigh-Performance Dual Operational Amplifier 1 2 3 4 Sanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl