Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE5416 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE5416
Description  Silicon Controlled Rectifier (SCR) 4 Amp, Sensitive Gate
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE5416 Datasheet(HTML) 2 Page - NTE Electronics

  NTE5416 Datasheet HTML 1Page - NTE Electronics NTE5416 Datasheet HTML 2Page - NTE Electronics NTE5416 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Absolute Maximum Ratings (Cont’d): (TC = +110°C unles otherwise specified)
Average Gate Power (t = 8.2ms, TC = +90°C), PG(AV)
0.1W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Forward Gate Current, IGM
0.2A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Reverse Gate Voltage, VRGM
6V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature Range, TJ
–40
° to +110°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–40
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Case, RthJC
3
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Ambient, RthJA
75
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Mounting Torque (Note 2)
6 in. lb.
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 2. Torque rating applies with the use of a compression washer. Mounting torque in excess of
6 in. lb. does not appreciably lower case–to–sink thermal resistance. Anode lead and heat-
sink contact pad are common.
Electrical Characteristics: (TC = +25°C, RGK = 1000Ω unles otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Peak Forward or Reverse
IDRM,
Rated VDRM or VRRM, TC = +25°C
10
µA
Blocking Current
IRRM
Rated VDRM or VRRM, TC = +110°C
200
µA
Peak Forward “ON” Voltage
VTM
ITM = 8.2A Peak, Note 3
2.2
V
Gate Trigger Current
IGT
VAK = 12V, RL = 24Ω
200
µA
(Continuous DC, Note 4)
VAK = 12V, RL = 24Ω, TC = –40°C
500
µA
Gate Trigger Voltage
(Continuous DC)
VGT
Source Voltage = 12V, RS = 50Ω,
VAK = 12V, RL = 24Ω, TC = –40°C
1
V
Gate Non–Trigger Voltage
VGD
VAK = Rated VDRM, RL = 100Ω,
TC = +110°C
0.2
V
Holding Current
IH
VAK = 12V, IGT = 2mA, TC = +25°C
5
mA
Initiating On–State Current = 200mA,
TC = –40°C
10
mA
Total Turn–On Time
tgt
Source Voltage = 12V, RS = 6kΩ,
ITM = 8.2A, IGT = 2mA, Rated VDRM,
Rise Time = 20ns, Pulse Width = 10
µs
2
µs
Forward Voltage Application Rate
dv/dt
VD = Rated VDRM, TC = +110°C
10
V/
µs
Note 3. Pulse Width = 1ms to 2ms, Duty Cycle = 2%.
Note 4. Measurement does not include RGK current.


Similar Part No. - NTE5416

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5410 NTE-NTE5410 Datasheet
21Kb / 2P
   Silicon Controlled Rectifier (SCR) 3 Amp Sensitive Gate
NTE5417 NTE-NTE5417 Datasheet
18Kb / 2P
   Silicon Controlled Rectifier (SCR) 10 Amp
NTE5419 NTE-NTE5419 Datasheet
18Kb / 2P
   Silicon Controlled Rectifier (SCR) 10 Amp
More results

Similar Description - NTE5416

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5454 NTE-NTE5454 Datasheet
25Kb / 2P
   Silicon Controlled Rectifier (SCR) 4 Amp Sensitive Gate
NTE5452 NTE-NTE5452 Datasheet
25Kb / 2P
   Silicon Controlled Rectifier (SCR) 4 Amp Sensitive Gate
NTE5400 NTE-NTE5400 Datasheet
18Kb / 2P
   Silicon Controlled Rectifier (SCR) 0.8 Amp Sensitive Gate
NTE5408 NTE-NTE5408 Datasheet
21Kb / 2P
   Silicon Controlled Rectifier (SCR) 3 Amp Sensitive Gate
logo
Central Semiconductor C...
CPS150 CENTRAL-CPS150 Datasheet
37Kb / 1P
   Silicon Controlled Rectifier 25 Amp Sensitive Gate SCR Chip
CPS165 CENTRAL-CPS165 Datasheet
37Kb / 1P
   Silicon Controlled Rectifier 35 Amp Sensitive Gate SCR Chip
logo
NTE Electronics
NTE5426 NTE-NTE5426 Datasheet
18Kb / 2P
   Silicon Controlled Rectifier (SCR) Sensitive Gate
logo
Central Semiconductor C...
CPS130 CENTRAL-CPS130 Datasheet
37Kb / 1P
   Silicon Controlled Rectifier 16 Amp Sensitive Gate SCR Chip
CPS110 CENTRAL-CPS110 Datasheet
37Kb / 1P
   Silicon Controlled Rectifier 12 Amp Sensitive Gate SCR Chip
CPS090 CENTRAL-CPS090 Datasheet
38Kb / 1P
   Silicon Controlled Rectifier 8.0 Amp Sensitive Gate SCR Chip
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com