Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GL538 Datasheet(PDF) 3 Page - Sharp Corporation

Part # GL538
Description  5MM RESIN MOLD TYPE INFRARED LIGHT EMITTING DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL538 Datasheet(HTML) 3 Page - Sharp Corporation

  GL538 Datasheet HTML 1Page - Sharp Corporation GL538 Datasheet HTML 2Page - Sharp Corporation GL538 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - GL538

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL538 SHARP-GL538 Datasheet
37Kb / 3P
   過 5mm Resin Mold Type Infrared Emitting Diode
More results

Similar Description - GL538

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL420 SHARP-GL420 Datasheet
96Kb / 3P
   RESIN MOLD TYPE INFRARED LIGHT EMITTING DIODE
GL537 SHARP-GL537 Datasheet
37Kb / 3P
   過 5mm Resin Mold Type Infrared Emitting Diode
GL360 SHARP-GL360 Datasheet
106Kb / 3P
   3.2mm RESIN MOLD Type Infrared Light Emltting Diode
GL390 SHARP-GL390 Datasheet
38Kb / 4P
   Thin Bow Type Resin Mold Package Infrared Emitting Diodes
GL460 SHARP-GL460 Datasheet
46Kb / 4P
   Double Ended Mold Type Infrared Emitting Diode
GL4600 SHARP-GL4600 Datasheet
37Kb / 4P
   Double Ended Mold Type Infrared Emitting Diode
GL371 SHARP-GL371 Datasheet
325Kb / 3P
   COMPACT RESIN STEM TYPE INFRARED EMITTING DIODE
logo
Roithner LaserTechnik G...
ELD-810-525 ROITHNER-ELD-810-525 Datasheet
654Kb / 3P
   infrared light emitting diode
logo
OPTEK Technologies
OP250 OPTEK-OP250 Datasheet
254Kb / 3P
   Infrared Light Emitting Diode
logo
TT Electronics.
OPR2800 TTELEC-OPR2800 Datasheet
265Kb / 2P
   Infrared Light Emitting Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com