Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBL205 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GBL205
Description  Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GBL205 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GBL205 Datasheet HTML 1Page - List of Unclassifed Manufacturers GBL205 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 643 -
RATINGS AND CHARACTERISTIC CURVES (GBL201 THRU
)
GBL207
FIG.1- DERATING CURVE FOR OUTPUT RECTIFIED
CURRENT
INSTANTANEOUS FORWARS VOLTAGE. (V)
FIG.2-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISITCS
FIG.3- TYPICAL REAK REVERSE VOLTAGE
CHARACTERISTICS
FIG.4- MAXIMUM NON-REPETITEVE PEAK FORWARD
SURGE CURRENT
PERCENT OF PEAK REVERSE VOLTAGE
NO. OFCYCLES AT 60Hz
AMBIENT TEMPERATURE. ( C)
O
2.5
1.5
0.5
0
050
100
150
2.0
1.0
3.0
T =100 C
A
O
10
1.0
0.1
0.01
0
2 0
4 0
6 0
8 0
100
120
140
T= 25 C
A
O
50
40
30
20
10
0
1
2
6
10
20
40
60
100
60
70
00.2
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.02
0.03
5.0
4.0
3.0
2.0
1.0
0.05
0.07
0.2
0.1
0.3
0.5
0.7
0.8
0.9


Similar Part No. - GBL205

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
GBL205 TSC-GBL205 Datasheet
58Kb / 2P
   Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers
GBL205 TSC-GBL205 Datasheet
239Kb / 2P
   Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers
GBL205 TSC-GBL205 Datasheet
137Kb / 2P
   Single Phase 2.0AMPS. Glass Passivated Bridge Rectifiers
logo
Rugao Dachang Electroni...
GBL205 DACHANG-GBL205 Datasheet
128Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.0A
logo
Taiwan Semiconductor Co...
GBL205 TSC-GBL205 Datasheet
196Kb / 4P
   Glass Passivated Single Phase Bridge Rectifiers
More results

Similar Description - GBL205

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
DBL201G TSC-DBL201G Datasheet
109Kb / 2P
   Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers
2W005GM TSC-2W005GM Datasheet
68Kb / 2P
   Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Kingtronics Internation...
KBP2005 KINGTRONICS-KBP2005_15 Datasheet
421Kb / 2P
   Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Jinan Gude Electronic D...
KBP200G JGD-KBP200G Datasheet
130Kb / 2P
   SINGLE PHASE 2.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
KBP201G TSC-KBP201G Datasheet
54Kb / 2P
   Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers
GBL201 TSC-GBL201_1 Datasheet
239Kb / 2P
   Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Yangzhou yangjie electr...
GBJ-KBJ2005 YANGJIE-GBJ-KBJ2005 Datasheet
237Kb / 2P
   SINGLE PHASE 2.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Suntan Capacitors
RS207 SUNTAN-RS207 Datasheet
390Kb / 2P
   Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR2KB60 TSC-UR2KB60 Datasheet
578Kb / 2P
   Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers
KBP201G TSC-KBP201G_11 Datasheet
123Kb / 2P
   Single Phase 2.0 AMPS Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com