Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FKC08-48S33 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FKC08-48S33
Description  8 WATTS DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FKC08-48S33 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FKC08-48S33 Datasheet HTML 1Page - List of Unclassifed Manufacturers FKC08-48S33 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
Input to Output
Input(Output) to Case DIP
SMD
1600VDC, min
1600VDC, min
1000VDC, min
Isolation resistance
10
9ohms, min
Isolation capacitance
300pF, max
Switching frequency
300KHz, typ
Approvals and standard
IEC60950-1, UL60950-1, EN60950-1
Case material
Nickel-coated copper
Base material
Non-conductive black plastic
Potting material
Epoxy (UL94-V0)
Dimensions
1.25 X 0.80 X 0.40 Inch
(31.8 X 20.3 X 10.2 mm)
Weight
DIP
SMD
16g (0.55oz)
18g (0.62oz)
MTBF (Note 4)
3.053 x 10
6 hrs
ENVIRONMENTAL SPECIFICATIONS
Operating temperature range
-40ºC to +85ºC (with derating)
Maximum case temperature
+100ºC
Storage temperature range
-55ºC to +105ºC
Thermal impedance
Nature convection
20ºC/Watt
Thermal shock
MIL-STD-810D
Vibration
10~55Hz, 10G, 30minutes along X,Y and Z
Relative humidity
5% to 95% RH
EMC CHARACTERISTICS
Conducted emissions
EN55022
Class A
Radiated emissions
EN55022
Class A
ESD
EN61000-4-2
Perf. CriteriaB
Radiated immunity
EN61000-4-3
Perf. CriteriaA
Fast transient
EN61000-4-4
Perf. CriteriaB
Surge
EN61000-4-5
Perf. CriteriaB
Conducted immunity
EN61000-4-6
Perf. CriteriaA
OUTPUT SPECIFICATIONS
Output power
8 Watts max
Voltage accuracy
Full load and nominal Vin
± 1%
Minimum load (Note 1)
10% of FL
Line regulation
LL to HL at Full Load
± 0.2%
Load regulation
10% to 100% FL
Single (DIP)
Single (SMD)
Dual (SMD,DIP)
± 0.5%
± 1%
± 1%
Cross regulation (Dual) Asymmetrical load 25% / 100% FL
± 5%
Ripple and noise
20MHz bandwidth
50mVp-p
Temperature coefficient
±0.02% / ºC, max
Transient response recovery time 25% load step change
200uS
Over load protection
% of FL at nominal input
150% typ
Short circuit protection
Continuous, automatics recovery
INPUT SPECIFICATIONS
Input voltage range
12V nominal input
24V nominal input
48V nominal input
9 – 18VDC
18 – 36VDC
36 – 75VDC
Input filter
Pi type
Input surge voltage
100mS max
12V input
24V input
48V input
36VDC
50VDC
100VDC
Input reflected ripple (Note 2)
Nominal Vin and full load
20mAp-p
Start up time
Nominal Vin and
constant resistive load
Power up
Remote ON/OFF
700mS max
5mS max
Remote ON/OFF (Note 3)
Remote off input current
DC-DC ON
DC-DC OFF
Nominal Vin
Open or 3.5V < Vr < 12V
Short or 0V < Vr < 1.2V
2.5mA
The FKC08 series offer 8 watts of output power from a package in an IC compatible 24pin
DIP configuration. FKC08 series have 2:1 wide input voltage of 9-18, 18-36 and 36-75VDC.
The FKC08 features 1600VDC of isolation, short circuit protection and as well as five sided
shielding. All models are particularly suited to telecommunications, industrial, mobile
telecom and test equipment applications.
TECHNICAL SPEC I F I CA TI ON All specifications are typical at nominal input, full load and 25ºC otherwise noted
50 60 70 80 90 100
-40 -25
0
-10
25
50
75
100
0
AMBIENT TEMPERATURE (ºC)
FKC08-48S05 Derating Curve
Nature convection
UL
E193009
TUV
CB
CE MARK
8 WATTS OUTPUT POWER
2:1 WIDE INPUT VOLTAGE RANGE
INTERNATIONAL SAFETY STANDARD APPROVAL
FIVE-SIDED CONTINUOUS SHIELD
HIGH EFFICIENCY UP TO 85%
STANDARD 24 PIN DIP PACKAGE & SMD TYPE PACKAGE
FIXED SWITCHING FREQUENCY
VER:05
1
/
2


Similar Part No. - FKC08-48S33

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FKC08-48S33 P-DUKE-FKC08-48S33 Datasheet
283Kb / 3P
   8 WATTS OUTPUT POWER
logo
RSG Electronic Componen...
FKC08-48S33 RSG-FKC08-48S33 Datasheet
158Kb / 3P
   8 WATTS OUTPUT POWER
logo
Power Mate Technology C...
FKC08-48S33 P-DUKE-FKC08-48S33 Datasheet
508Kb / 3P
   2:1 WIDE INPUT RANGE UP TO 8 Watts
More results

Similar Description - FKC08-48S33

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
FKC08W RSG-FKC08W Datasheet
213Kb / 3P
   8 WATTS DC-DC CONVERTER
logo
Astec America, Inc
AEH40 ASTEC-AEH40 Datasheet
91Kb / 2P
   132 Watts / 48 Watts DC-DC Converter
logo
List of Unclassifed Man...
DR1P5 ETC-DR1P5 Datasheet
175Kb / 2P
   1.5 WATTS DC-DC CONVERTER
VKC03-24D05 ETC-VKC03-24D05 Datasheet
91Kb / 2P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
FED20 P-DUKE-FED20_14 Datasheet
1Mb / 3P
   20 WATTS DC-DC CONVERTER
QEB50 P-DUKE-QEB50_14 Datasheet
394Kb / 3P
   50 WATTS DC-DC CONVERTER
MKC03 P-DUKE-MKC03_14 Datasheet
1Mb / 3P
   3 WATTS DC-DC CONVERTER
logo
XP Power Limited
RDF50 XPPOWER-RDF50 Datasheet
638Kb / 5P
   DC-DC Converter 50 Watts
RDH600 XPPOWER-RDH600 Datasheet
684Kb / 6P
   DC-DC Converter 600 Watts
logo
RSG Electronic Componen...
LCD10W RSG-LCD10W Datasheet
116Kb / 3P
   10 WATTS DC-DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com