Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS6408-4 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FMS6408-4
Description  Triple Video Filter Driver for RGB and YUV Signals
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6408-4 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FMS6408-4 Datasheet HTML 1Page - Fairchild Semiconductor FMS6408-4 Datasheet HTML 2Page - Fairchild Semiconductor FMS6408-4 Datasheet HTML 3Page - Fairchild Semiconductor FMS6408-4 Datasheet HTML 4Page - Fairchild Semiconductor FMS6408-4 Datasheet HTML 5Page - Fairchild Semiconductor FMS6408-4 Datasheet HTML 6Page - Fairchild Semiconductor FMS6408-4 Datasheet HTML 7Page - Fairchild Semiconductor FMS6408-4 Datasheet HTML 8Page - Fairchild Semiconductor FMS6408-4 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
REV. 2C August 31, 2004
DATA SHEET
FMS6408
Typical Performance Characteristics
(TC = 25˚C, Vi = 1Vpp, VCC = 5.0V, all inputs AC coupled with 0.1
µF, all outputs AC coupled with 220µF into 150Ω,
referenced to 400kHz, 0dB peaking option; unless otherwise noted)
SD Group Delay vs. Frequency
-60
-40
-20
0
20
40
60
400kHz
5
10
15
25
20
30
Frequency (MHz)
1
SD Frequency Response
2
-50
-40
-30
-20
10
400kHz
5
10
15
25
20
30
Frequency (MHz)
0
-10
1
Mkr
Freq.
Gain
Ref
400kHz
6dB
1
6.91MHz -1dB BW
2
7.8MHz
-3dB BW
3
27MHz
-43.24dB
f
SBSD = Gain(ref) – Gain(3) = 49.24dB
3
-0.8
0.2
0
-0.2
-0.4
-0.6
1st
SD Differential Gain
2nd
3rd
4th
5th
6th
NTSC
Min = -0.61
Max = 0.00
ppMax = 0.61
SD Noise vs. Frequency
-80
-100
-120
-90
-70
0
1.0
2.0
3.0
4.0
5.0
6.0
Frequency (MHz)
-110
-60
-50
Min = -0.13
Max = 0.00
ppMax = 0.13
0.05
-0.20
0
1st
SD Differential Phase
2nd
3rd
4th
5th
6th
-0.05
-0.10
-0.15
Bypass Mode Frequency Response
2
0
1
2
3
4
5
6
7
400kHz 5
10
15
20
25
30
35
40
45
Frequency (MHz)
1
Mkr Frequency
Gain
Ref
400kHz
6dB
1
28.75MHz
-1dB BW
2
36.94MHz
-3dB BW
VO = 1.4pp
Bypass Mode Group Delay vs. Freq.
0
14
16
400kHz 5
10152025303540
45
Frequency (MHz)
1 = 25MHz (8.99ns)
1 = 7.6MHz (31.88ns)
12
10
8
6
4
2
1


Similar Part No. - FMS6408-4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6408MTC141 FAIRCHILD-FMS6408MTC141 Datasheet
394Kb / 11P
   Precision Triple Video Filter Driver for RGB and YUV Signals
FMS6408MTC1410 FAIRCHILD-FMS6408MTC1410 Datasheet
394Kb / 11P
   Precision Triple Video Filter Driver for RGB and YUV Signals
FMS6408MTC1411 FAIRCHILD-FMS6408MTC1411 Datasheet
394Kb / 11P
   Precision Triple Video Filter Driver for RGB and YUV Signals
FMS6408MTC1412 FAIRCHILD-FMS6408MTC1412 Datasheet
394Kb / 11P
   Precision Triple Video Filter Driver for RGB and YUV Signals
FMS6408MTC141X FAIRCHILD-FMS6408MTC141X Datasheet
394Kb / 11P
   Precision Triple Video Filter Driver for RGB and YUV Signals
More results

Similar Description - FMS6408-4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6408 FAIRCHILD-FMS6408_07 Datasheet
394Kb / 11P
   Precision Triple Video Filter Driver for RGB and YUV Signals
FMS6418A FAIRCHILD-FMS6418A Datasheet
202Kb / 10P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB or YUV Signals
logo
Unisonic Technologies
VF8418 UTC-VF8418 Datasheet
165Kb / 6P
   TRIPLE VIDEO DRIVER WITH SELECTABLE HD/SD VIDEO FILTERS FOR RGB OR YUV SIGNALS
logo
Fairchild Semiconductor
FMS6418B FAIRCHILD-FMS6418B Datasheet
313Kb / 11P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB, YUV or YPbPr Signals
logo
Micro Linear Corporatio...
ML6426 MICRO-LINEAR-ML6426 Datasheet
287Kb / 17P
   High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
logo
Fairchild Semiconductor
ML6426 FAIRCHILD-ML6426 Datasheet
146Kb / 17P
   High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV
FMS6417 FAIRCHILD-FMS6417 Datasheet
137Kb / 12P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite, and Modulator Outputs
FMS6417A FAIRCHILD-FMS6417A Datasheet
264Kb / 14P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite, and Modulator Outputs
FMS6419 FAIRCHILD-FMS6419 Datasheet
160Kb / 10P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs
FMS6419 FAIRCHILD-FMS6419_05 Datasheet
125Kb / 10P
   Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com