Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


FMS6408 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. FMS6408
Description  Triple Video Filter Driver for RGB and YUV Signals
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 3 page
background image
REV. 2C August 31, 2004
3
FMS6408
DATA SHEET
Absolute Maximum Ratings (beyond which the device may be damaged)
Note
Functional operation under any of these conditions is NOT implied. Performance and reliability are guaranteed only if operating
conditions are not exceeded.
Reliability Information
Recommended Operating Conditions
Parameter
Min
Max
Units
VCC
-0.3
6
V
Analog and Digital
-0.3
VCC + 0.3
V
Output Current Any One Channel (Do not exceed)
50
mA
Input Source Resistance (RS)300
Parameter
Min
Typ
Max
Units
Junction Temperature
+150
°C
Storage Temperature Range
-65
+150
°C
Lead Temperature (Soldering, 10s)
+300
°C
Thermal Resistance (
θθθθJA),
JEDEC Standard Multi-layer Test Boards, Still Air
90
°C/W
Parameter
Min
Typ
Max
Units
Temperature Range
0
70
°C
VCC Range
+4.75
+5.0
+5.25
V
Factory Programming Options (See Ordering Information Table on Page 9 for current options)
Note
These factory programming options allow a single die to be configured for multiple operating modes.
Part Name
Part Number
Clamping
Mode
Peaking
Mode (dB)
YOUT Level
(mV)
UOUT Level
(V)
VOUT Level
(V)
FMS6408-1
FMS6408MTC141_NL
YPbPr/YC
0
250
1.125
1.125
FMS6408-2
FMS6408MTC142_NL
YPbPr/YC
0.4
250
1.125
1.125
FMS6408-3
FMS6408MTC143_NL
YPbPr/YC
0.9
250
1.125
1.125
FMS6408-4
FMS6408MTC144_NL
YPbPr/YC
1.3
250
1.125
1.125
FMS6408-5
FMS6408MTC145_NL
YUV/RGB
0
250
250
250
FMS6408-6
FMS6408MTC146_NL
YUV/RGB
0.4
250
250
250
FMS6408-7
FMS6408MTC147_NL
YUV/RGB
0.9
250
250
250
FMS6408-8
FMS6408MTC148_NL
YUV/RGB
1.3
250
250
250
FMS6408-9
FMS6408MTC149_NL
YC/CV
0
250
1.125
250
FMS6408-10
FMS6408MTC1410_NL
YC/CV
0.4
250
1.125
250
FMS6408-11
FMS6408MTC1411_NL
YC/CV
0.9
250
1.125
250
FMS6408-12
FMS6408MTC1412_NL
YC/CV
1.3
250
1.125
250




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FMS6418BTriple Video Driver with Selectable HD/SD Video Filters for RGB YUV or YPbPr Signals 1 2 3 4 5 MoreFairchild Semiconductor
FMS6418ATriple Video Driver with Selectable HD/SD Video Filters for RGB or YUV Signals 1 2 3 4 5 MoreFairchild Semiconductor
FMS6403Triple Video Drivers w/Selectable HD/Progressive/SD/ Bypass Filters for RGB and YPbPr Signals 1 Fairchild Semiconductor
FMS6417Selectable RGB YUV HD/SD Video Filter Driver with Y C Composite and Modulator Outputs 1 2 3 4 5 MoreFairchild Semiconductor
FMS6417ASelectable RGB YUV HD/SD Video Filter Driver with Y C Composite and Modulator Outputs 1 2 3 4 5 MoreFairchild Semiconductor
MAX74464-Channel Video Filter for RGB and CVBS Video 1 2 3 4 5 MoreMaxim Integrated Products
ML6426High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV 1 2 3 4 5 MoreFairchild Semiconductor
TLV5734TRIPLE 8 BIT 30 MSPS ADC WITH HIGH -PRECISION CLAMP FOR YUV/RGB VIDEO 1 2 3 4 5 MoreTI store
ADA4410-6Integrated Video Filter with Selectable Cutoff Frequencies for RGB HD/SD Y C and CV 1 2 3 4 5 MoreAnalog Devices
ML6426High Bandwidth Triple Video Filters with Buffered Outputs for RGB or YUV 1 2 3 4 5 MoreMicro Linear Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl