Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL7584IR-T13 Datasheet(PDF) 11 Page - Intersil Corporation

Part # EL7584IR-T13
Description  4-Channel DC:DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7584IR-T13 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button EL7584IR-T13 Datasheet HTML 7Page - Intersil Corporation EL7584IR-T13 Datasheet HTML 8Page - Intersil Corporation EL7584IR-T13 Datasheet HTML 9Page - Intersil Corporation EL7584IR-T13 Datasheet HTML 10Page - Intersil Corporation EL7584IR-T13 Datasheet HTML 11Page - Intersil Corporation EL7584IR-T13 Datasheet HTML 12Page - Intersil Corporation EL7584IR-T13 Datasheet HTML 13Page - Intersil Corporation EL7584IR-T13 Datasheet HTML 14Page - Intersil Corporation EL7584IR-T13 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
-
+
+
-
OSC
-
+
R21
R22
VREF
3.3µF
0.1µF
5V TO
17V
VDDN
DRVN
VSSN
VDDP
DRVP
VSSP
FBP
FBN
VFBP
R11
R12
2.2µF
0.1µF
5V TO
17V
VOFF
VON
RON IS 30 - 40Ω FOR VDD 6V TO 12V
RONP
RONN
RONP
RONN
COUT2
CCPN
CCPP
COUT1
11
FN7317.2
February 4, 2005
Single Stage Charge Pump
Positive Charge Pump Design Considerations
A single stage charge pump is shown above. The maximum
VON output voltage is determined by the following equation:
VON max
() 2V
DDCPP - IOUT
2RONN
(
RONP) - 2 VDIODE - IOUT
1
0.5 FS CCPP
×
×
--------------------------------------------
×
×
+
×
×
×
- IOUT
1
0.5 FS COUT1
×
×
------------------------------------------------
×
where:
•RONN and RONP resistance values depend on the VDDP
voltage levels. For 12V supply, RON is typically 33Ω. For
6V supply, RON is typically 45Ω.
If additional stage is required, the LX switching signal is
recommended to drive the additional charge pump diodes.
The drive impedance at the LX switching is typically 150m
Ω.
The figure below illustrates an implementation for two-stage
positive charge pump circuit.
EL7584


Similar Part No. - EL7584IR-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7584IR-T13 RENESAS-EL7584IR-T13 Datasheet
762Kb / 16P
   4-Channel DC/DC Converter
More results

Similar Description - EL7584IR-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7563 INTERSIL-EL7563 Datasheet
635Kb / 16P
   Monolithic 4 Amp DC:DC Step-Down Regulator
logo
Elantec Semiconductor
EL7563C ELANTEC-EL7563C Datasheet
1Mb / 18P
   Monolithic 4 Amp DC:DC Step-down Regulator
EL7564C ELANTEC-EL7564C Datasheet
1Mb / 18P
   Monolithic 4 Amp DC:DC Step-down Regulator
logo
Intersil Corporation
EL7551 INTERSIL-EL7551_06 Datasheet
173Kb / 9P
   Monolithic 1Amp DC:DC Step-down Regulator
logo
Renesas Technology Corp
EL7551 RENESAS-EL7551 Datasheet
493Kb / 9P
   Monolithic 1Amp DC:DC Step-down Regulator
logo
DAICO Industries, Inc.
CHD09297 DAICO-CHD09297 Datasheet
32Kb / 1P
   4 Channel Up-Converter
logo
Microsemi Corporation
LX1668 MICROSEMI-LX1668 Datasheet
371Kb / 15P
   PROGRAMMABLE MULTIPLE OUTPUT DC:DC CONTROLLER
logo
Intersil Corporation
EL7551 INTERSIL-EL7551 Datasheet
149Kb / 9P
   Monolithic 1Amp DC:DC Step-down Regulator
logo
Elantec Semiconductor
EL7551C ELANTEC-EL7551C Datasheet
260Kb / 11P
   Monolithic 1 Amp DC:DC Step-down Regulator
logo
Renesas Technology Corp
EL7584 RENESAS-EL7584 Datasheet
762Kb / 16P
   4-Channel DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com