Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL7584IR-T13 Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL7584IR-T13
Description  4-Channel DC:DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7584IR-T13 Datasheet(HTML) 5 Page - Intersil Corporation

  EL7584IR-T13 Datasheet HTML 1Page - Intersil Corporation EL7584IR-T13 Datasheet HTML 2Page - Intersil Corporation EL7584IR-T13 Datasheet HTML 3Page - Intersil Corporation EL7584IR-T13 Datasheet HTML 4Page - Intersil Corporation EL7584IR-T13 Datasheet HTML 5Page - Intersil Corporation EL7584IR-T13 Datasheet HTML 6Page - Intersil Corporation EL7584IR-T13 Datasheet HTML 7Page - Intersil Corporation EL7584IR-T13 Datasheet HTML 8Page - Intersil Corporation EL7584IR-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
FN7317.2
February 4, 2005
Typical Performance Curves
FIGURE 1. EFFICIENCY vs IOUT
0
100
200
300
400
500
600
700
800
95
90
85
80
75
70
65
60
55
50
IOUT (mA)
VIN=3.3V
FREQ=1MHz
15V
12V
9V
5V
FIGURE 2. EFFICIENCY vs IOUT
0
100
200
300
400
500
600
700
800
95
90
85
80
75
70
65
60
IOUT (mA)
VIN=5V
FREQ=1MHz
15V
12V
9V
FIGURE 3.
0
100
200
300
400
500
600
700
800
95
90
85
80
75
70
65
60
IOUT (mA)
VIN=3.3V
FREQ=700kHz
15V
12V
9V
5V
EFFICIENCY vs IOUT
FIGURE 4.
0
100
200
300
400
500
600
700
800
95
90
85
80
75
65
60
IOUT (mA)
VIN=5V
FREQ=700kHz
15V
12V
9V
70
EFFICIENCY vs IOUT
FIGURE 5.
970
968
966
964
962
33.5
6
VDDB (V)
4.5
965
963
5.5
969
45
967
ROSC = 61.9kΩ
FS vs VDDB
FIGURE 6.
1.27
1.26
1.25
-50
150
TEMPERATURE (°C)
50
1.265
0100
1.255
VREF vs TEMPERATURE
EL7584


Similar Part No. - EL7584IR-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7584IR-T13 RENESAS-EL7584IR-T13 Datasheet
762Kb / 16P
   4-Channel DC/DC Converter
More results

Similar Description - EL7584IR-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7563 INTERSIL-EL7563 Datasheet
635Kb / 16P
   Monolithic 4 Amp DC:DC Step-Down Regulator
logo
Elantec Semiconductor
EL7563C ELANTEC-EL7563C Datasheet
1Mb / 18P
   Monolithic 4 Amp DC:DC Step-down Regulator
EL7564C ELANTEC-EL7564C Datasheet
1Mb / 18P
   Monolithic 4 Amp DC:DC Step-down Regulator
logo
Intersil Corporation
EL7551 INTERSIL-EL7551_06 Datasheet
173Kb / 9P
   Monolithic 1Amp DC:DC Step-down Regulator
logo
Renesas Technology Corp
EL7551 RENESAS-EL7551 Datasheet
493Kb / 9P
   Monolithic 1Amp DC:DC Step-down Regulator
logo
DAICO Industries, Inc.
CHD09297 DAICO-CHD09297 Datasheet
32Kb / 1P
   4 Channel Up-Converter
logo
Microsemi Corporation
LX1668 MICROSEMI-LX1668 Datasheet
371Kb / 15P
   PROGRAMMABLE MULTIPLE OUTPUT DC:DC CONTROLLER
logo
Intersil Corporation
EL7551 INTERSIL-EL7551 Datasheet
149Kb / 9P
   Monolithic 1Amp DC:DC Step-down Regulator
logo
Elantec Semiconductor
EL7551C ELANTEC-EL7551C Datasheet
260Kb / 11P
   Monolithic 1 Amp DC:DC Step-down Regulator
logo
Renesas Technology Corp
EL7584 RENESAS-EL7584 Datasheet
762Kb / 16P
   4-Channel DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com