Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE55 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE55
Description  Silicon Complementary Transistors High Frequency Driver for Audio Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE55 Datasheet(HTML) 2 Page - NTE Electronics

  NTE55 Datasheet HTML 1Page - NTE Electronics NTE55 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
OFF Characteristics
Collector–Emitter Sustaining Voltage
VCE(sus) IC = 10mA, IB = 0, Note 2
150
V
Collector Cutoff Current
ICEO
VCE = 150V, IB = 0
0.1
mA
ICBO
VCE = 150V, IE = 0
10
µA
Emitter Cutoff Current
IEBO
VCE = 150V, IC = 0
10
µA
ON Characteristics (Note 2)
DC Current Gain
hFE
VCE = 2V, IC = 0.1A
40
VCE = 2V, IC = 2A
40
VCE = 2V, IC = 0.1A
40
VCE = 2V, IC = 0.1A
20
DC Current Gain Linearity
hFE
VCE from 2V to 20V,
IC from 0.1A to 3A
2
NPN to PNP
3
Collector–Emitter Saturation Voltage
VCE(sat)
IC = 1A, IB = 0.1A
0.5
V
Base–Emitter ON Voltage
VBE(on)
VCE = 2V, IC = 1A
1
V
Dynamic Characteristics
Current Gain–Bandwidth Product
ft
VCE = 10V, IC = 500mA,
ftest = 10MHz, Note 3
30
MHz
Note 2. Pulse Test: Pulse Width
≤ 300µs, Duty Cycle ≤ 2%.
Note 3. fT = |hfe|  ftest
.420 (10.67)
Max
.500
(12.7)
Max
.500
(12.7)
Min
.250 (6.35)
Max
.147 (3.75)
Dia Max
.070 (1.78) Max
.100 (2.54)
Base
Collector/Tab
Emitter
.110 (2.79)


Similar Part No. - NTE55

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5500 NTE-NTE5500 Datasheet
21Kb / 2P
   Silicon Controlled Rectifier (SCR) 16 Amp
NTE5509 NTE-NTE5509 Datasheet
21Kb / 2P
   Silicon Controlled Rectifier (SCR) 16 Amp
NTE5511 NTE-NTE5511 Datasheet
22Kb / 2P
   Silicon Controlled Rectifier (SCR) 5 Amp
NTE5513 NTE-NTE5513 Datasheet
22Kb / 2P
   Silicon Controlled Rectifier (SCR) 5 Amp
NTE5514 NTE-NTE5514 Datasheet
18Kb / 2P
   Silicon Controlled Rectifier (SCR)
More results

Similar Description - NTE55

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE382 NTE-NTE382 Datasheet
19Kb / 2P
   Silicon Complementary Transistors Audio Frequency Driver
NTE297 NTE-NTE297 Datasheet
20Kb / 2P
   Silicon Complementary Transistors Audio Amplifier, Driver
NTE373 NTE-NTE373 Datasheet
17Kb / 2P
   Silicon Complementary Transistors Audio Amplifier, Driver
NTE293 NTE-NTE293 Datasheet
20Kb / 2P
   Silicon Complementary Transistors Audio Amplifier and Driver
NTE186 NTE-NTE186 Datasheet
20Kb / 2P
   Silicon Complementary Transistors General Purpose Output & Driver for Audio Amplifier
NTE2633 NTE-NTE2633 Datasheet
21Kb / 2P
   Silicon Complementary Transistors High Frequency Video Driver
NTE2576 NTE-NTE2576 Datasheet
19Kb / 2P
   Silicon Complementary Transistors Audio Output Driver
NTE188 NTE-NTE188 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Voltage Amplifier & Driver
NTE300 NTE-NTE300 Datasheet
19Kb / 2P
   Silicon Complementary Transistors Audio Power Amplifier
NTE284 NTE-NTE284 Datasheet
22Kb / 2P
   Silicon Complementary Transistors Audio Amplifier Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com