Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN27LV020 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # EN27LV020
Description  2Megabit Low Voltage EPROM (256K x 8)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EN27LV020 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button EN27LV020 Datasheet HTML 5Page - List of Unclassifed Manufacturers EN27LV020 Datasheet HTML 6Page - List of Unclassifed Manufacturers EN27LV020 Datasheet HTML 7Page - List of Unclassifed Manufacturers EN27LV020 Datasheet HTML 8Page - List of Unclassifed Manufacturers EN27LV020 Datasheet HTML 9Page - List of Unclassifed Manufacturers EN27LV020 Datasheet HTML 10Page - List of Unclassifed Manufacturers EN27LV020 Datasheet HTML 11Page - List of Unclassifed Manufacturers EN27LV020 Datasheet HTML 12Page - List of Unclassifed Manufacturers EN27LV020 Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
4800 Great America Parkway Ste 202
Tel: 408-235-8680
Santa Clara, CA. 95054
Fax: 408-235-8685
Preliminary
9
EN27LV020 / EN27LV020B
AC CHARACTERISTICS FOR READ OPERATION
EN27LV020 /
EN27LV020B
-90
-120
-120
-150
-150
-200
-200
Symbol
Parameter
Condition
Min
Max
Min
Max
Min
Max
Mi
n
Max
Unit
tACC (3)
Address to
Output Delay
CE
= OE =
VIL
90
120
150
200
ns
tCE (2)
CE
to Output
Delay
OE
= VIL
90
120
150
200
ns
tOE (2, 3)
OE
to Output
Delay
OE
= VIL
45
45
50
50
ns
tDF (4, 5)
OE
or CE High to Output
Float, whichever occurred first
40
40
40
40
ns
tOH
Output Hold from Address, CE
or OE , whichever occurred first
000
0
ns
Note: Please contact Marketing Department for other speed requirements.
FIGURE 6. AC WAVEFORMS FOR READ OPERATION
CE
ADDRESS
ADDRESS VALID
OE
OUTPUT
OUTPUT
VALID
tCE
tACC
HIGH Z
tOE
tDF
tOH


Similar Part No. - EN27LV020

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN27LN1G08 EON-EN27LN1G08 Datasheet
888Kb / 41P
   1 Gigabit (128 M x 8), 3.3 V NAND Flash Memory
EN27LN2G08 EON-EN27LN2G08 Datasheet
3Mb / 56P
   2 Gigabit (256M x 8), 3.3 V NAND Flash Memory
EN27LN4G08 EON-EN27LN4G08 Datasheet
3Mb / 54P
   4 Gigabit (512M x 8), 3.3 V NAND Flash Memory
EN27LN51208 EON-EN27LN51208 Datasheet
2Mb / 46P
   512 Megabit (64 M x 8) SLC, 3.3 V NAND Flash Memory
More results

Similar Description - EN27LV020

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
27LV256 MICROCHIP-27LV256 Datasheet
64Kb / 12P
   256K (32K x 8) Low-Voltage CMOS EPROM
1996
27LV256 MICROCHIP-27LV256_04 Datasheet
132Kb / 10P
   256K (32K x 8) Low-Voltage CMOS EPROM
2004
logo
ATMEL Corporation
AT27LV256A ATMEL-AT27LV256A_07 Datasheet
406Kb / 15P
   256K (32K x 8) Low-voltage OTP EPROM
AT27LV020A ATMEL-AT27LV020A Datasheet
220Kb / 9P
   2 Megabit 256K x 8 Low Voltage OTP EPROM
AT27LV256A ATMEL-AT27LV256A Datasheet
221Kb / 9P
   256K 32K x 8 Low Voltage OTP CMOS EPROM
AT27LV020A ATMEL-AT27LV020A_07 Datasheet
377Kb / 15P
   2-Megabit (256K x 8) Low Voltage OTP EPROM
logo
AMIC Technology
A27020 AMICC-A27020_15 Datasheet
138Kb / 14P
   256K X 8 OTP CMOS EPROM
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R_07 Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
   256K (32K x 8) CMOS EPROM
2004
logo
Winbond
W27C020M WINBOND-W27C020M Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com