Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C474-20LMB Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C474-20LMB
Description  8K x 9 FIFO, 16K x 9 FIFO 32K x 9 FIFO with Programmable Flags
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C474-20LMB Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C474-20LMB Datasheet HTML 6Page - Cypress Semiconductor CY7C474-20LMB Datasheet HTML 7Page - Cypress Semiconductor CY7C474-20LMB Datasheet HTML 8Page - Cypress Semiconductor CY7C474-20LMB Datasheet HTML 9Page - Cypress Semiconductor CY7C474-20LMB Datasheet HTML 10Page - Cypress Semiconductor CY7C474-20LMB Datasheet HTML 11Page - Cypress Semiconductor CY7C474-20LMB Datasheet HTML 12Page - Cypress Semiconductor CY7C474-20LMB Datasheet HTML 13Page - Cypress Semiconductor CY7C474-20LMB Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
CY7C470
CY7C472
CY7C474
10
Table 1. Flag Truth Table[13]
HF
E/F
PAFE
State
CY77C470
(8K x 9)
Number of Words
in FIFO
CY77C472
(16K x 9)
Number of Words in
FIFO
CY77C474
(32K x 9)
Number of Words in
FIFO
1
0
0
Empty
0
0
0
1
1
0
Almost Empty
1
⇒(P – 1)
1
⇒ (P – 1)
1
⇒ (P – 1)
1
1
1
Less than Half Full
P
⇒ 4096
P
⇒ 8192
P
⇒ 16384
0
1
1
Greater than Half Full
4097
⇒ (8192 – P)
8193
⇒ (16384 – P)
16385
⇒ (32768 – P)
0
1
0
Almost Full
(8192 – P+1)
⇒ 8191
(16384 – P+1)
⇒ 16383
(32768 – P+1)
⇒ 32767
0
0
0
Full
8192
16384
32768
Table 2. Programmable Almost Full/Empty Options[14]
D3
D2
D1
D0
PAFE Active when:
P
0
0
0
0
256 or less locations from Empty/Full (default)
256
0
0
0
1
16 or less locations from Empty/Full
16
0
0
1
0
32 or less locations from Empty/Full
32
0
0
1
1
64 or less locations from Empty/Full
64
0
1
0
0
128 or less locations from Empty/Full
128
0
1
0
1
256 or less locations from Empty/Full (default)
256
0
1
1
0
512 or less locations from Empty/Full
512
0
1
1
1
1024 or less locations from Empty/Full
1024
1
0
0
0
2048 or less locations from Empty/Full
2048
1
0
0
1
4098 or less locations from Empty/Full[15]
4098
1
0
1
0
8192 or less locations from Empty/Full[16]
8192
Notes:
13. See
Table 2 for P values.
14. Almost flags default to 256 locations from Empty/Full.
15. Only for CY7C472 and CY7C474.
16. Only for CY7C470.


Similar Part No. - CY7C474-20LMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C401 CYPRESS-CY7C401 Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10DC CYPRESS-CY7C401-10DC Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10DMB CYPRESS-CY7C401-10DMB Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10LMB CYPRESS-CY7C401-10LMB Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10PC CYPRESS-CY7C401-10PC Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
More results

Similar Description - CY7C474-20LMB

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
   256 x 9, 512 x 9, 1K x 9 CMOS FIFO
logo
Sharp Corporation
LH5481 SHARP-LH5481 Datasheet
125Kb / 16P
   Cascadable 64 x 8 FIFO Cascadable 64 x 9 FIFO
LH5496 SHARP-LH5496 Datasheet
141Kb / 16P
   CMOS 512 x 9 FIFO
logo
List of Unclassifed Man...
VT7203 ETC-VT7203 Datasheet
431Kb / 8P
   2,048 X 9 FIFO MEMORY
VT7202 ETC-VT7202 Datasheet
431Kb / 8P
   1,024 X 9 FIFO MEMORY
logo
Sharp Corporation
LH5497 SHARP-LH5497 Datasheet
432Kb / 15P
   CMOS 1K X 9 FIFO
logo
Cypress Semiconductor
CY7C408A-409A CYPRESS-CY7C408A-409A Datasheet
344Kb / 16P
   64 x 8 Cascadable FIFO 64 x 9 Cascadable FIFO
logo
Integrated Device Techn...
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
7203L25J IDT-7203L25J Datasheet
311Kb / 10P
   CMOS ASYNCHRONOUS FIFO 2,048 x 9, 4,096 x 9 8,192 x 9, 16,384 x 9
IDT72021 IDT-IDT72021 Datasheet
153Kb / 14P
   CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com