Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C474-15PC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C474-15PC
Description  8K x 9 FIFO, 16K x 9 FIFO 32K x 9 FIFO with Programmable Flags
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C474-15PC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C474-15PC Datasheet HTML 5Page - Cypress Semiconductor CY7C474-15PC Datasheet HTML 6Page - Cypress Semiconductor CY7C474-15PC Datasheet HTML 7Page - Cypress Semiconductor CY7C474-15PC Datasheet HTML 8Page - Cypress Semiconductor CY7C474-15PC Datasheet HTML 9Page - Cypress Semiconductor CY7C474-15PC Datasheet HTML 10Page - Cypress Semiconductor CY7C474-15PC Datasheet HTML 11Page - Cypress Semiconductor CY7C474-15PC Datasheet HTML 12Page - Cypress Semiconductor CY7C474-15PC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
CY7C470
CY7C472
CY7C474
9
Architecture
The CY7C470, CY7C472, and CY7C474 FIFOs consist of an
array of 8,192, 16,384, and 32,768 words of 9 bits each, re-
spectively. The control consists of a read pointer, a write point-
er, a retransmit pointer, control signals (i.e., write, read, mark,
retransmit, and master reset), and flags (i.e., Empty/Full, Half
Full, and Programmable Almost Full/Empty).
Resetting the FIFO
Upon power-up, the FIFO must be reset with a Master Reset
(MR) cycle. This causes the FIFO to enter the empty condition signi-
fied by the Empty flag (E/F) and Almost Full/Empty flag (PAFE) being
LOW, and Half Full flag (HF) being HIGH. The read pointer, write
pointer, and retransmit pointer are reset to zero. For a valid reset,
Read (R) and Write (W) must be HIGH tRPW/tWPW before the falling
edge and tRMR after the rising edge of MR.
Writing Data to the FIFO
Data can be written to the FIFO when it is not FULL[11]. A falling
edge of W initiates a write cycle. Data appearing at the inputs (D0–D8)
tSD before and tHD after the rising edge of W will be stored sequen-
tially in the FIFO.
Reading Data from the FIFO
Data can be read from the FIFO when it is not empty[12]. A
falling edge of R initiates a read cycle. Data outputs (Q0–Q8) are in a
high-impedance condition when the FIFO is empty and between read
operations (R HIGH). The falling edge of R during the last read cycle
before the empty condition triggers a high-to-low transition of E/F, pro-
hibiting any further read operations until tRFF after a valid write.
Retransmit
The retransmit feature is beneficial when transferring packets
of data. It enables the receipt of data to be acknowledged by
the receiver and resent if necessary. Retransmission can start
from anywhere in the FIFO and be repeated without limitation.
The retransmit methodology is as follows: mark the current
value of the read pointer, after an error in subsequent read
operations return to that location and resume reading. This
effectively resends all of the data from the mark point. When
MARK is LOW, the current value of the read pointer is stored. This
operation marks the beginning of the packet to be resent. When RT
is LOW, the read pointer is updated with the mark location. During
each subsequent read cycle, data is read and the read pointer incre-
mented.
Care must be taken when using the retransmit feature. Use the
mark function such that the write pointer does not pass the
mark pointer, because further write operations will overwrite
data.
Programmable Almost Full/Empty Flag
The CY7C470/2/4 offer a variable offset for the Almost Empty
and the Almost Full condition. The offset is loaded into the
programmable flag register (PFR) during a master reset cycle.
While MR is LOW, the PFR can be loaded from Q8–Q0 by pulsing
R LOW or from D8–D0 by pulsing W LOW. The offset options are
listed in
Table 2. See Table 1 for a description of the six FIFO states.
If the PFR is not loaded during master reset (R and W HIGH) the
default offset will be 256 words from Full and Empty.
Switching Waveforms (Continued)
R
Full Flag and Write Data Flow-Through Mode
E/F
DATA OUT
W
tA
tSD
DATA IN
tHD
tWAF
tPW
tEFD
tEFD
7C470–18
DATA VALID
DATA VALID
Notes:
11.
When the FIFO is less than half full, the flags make a LOW-to-HIGH transition on the rising edge of W and make the HIGH-to-LOW transition on the falling edge
of R. If the FIFO is more than half full, the flags make the LOW-to-HIGH transition on the rising edge of R and HIGH-to-LOW transition on the falling edge of W.
12. Full and empty states can be decoded from the Half-Full (HF) and Empty/Full (E/F) flags.


Similar Part No. - CY7C474-15PC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C401 CYPRESS-CY7C401 Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10DC CYPRESS-CY7C401-10DC Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10DMB CYPRESS-CY7C401-10DMB Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10LMB CYPRESS-CY7C401-10LMB Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10PC CYPRESS-CY7C401-10PC Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
More results

Similar Description - CY7C474-15PC

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
   256 x 9, 512 x 9, 1K x 9 CMOS FIFO
logo
Sharp Corporation
LH5481 SHARP-LH5481 Datasheet
125Kb / 16P
   Cascadable 64 x 8 FIFO Cascadable 64 x 9 FIFO
LH5496 SHARP-LH5496 Datasheet
141Kb / 16P
   CMOS 512 x 9 FIFO
logo
List of Unclassifed Man...
VT7203 ETC-VT7203 Datasheet
431Kb / 8P
   2,048 X 9 FIFO MEMORY
VT7202 ETC-VT7202 Datasheet
431Kb / 8P
   1,024 X 9 FIFO MEMORY
logo
Sharp Corporation
LH5497 SHARP-LH5497 Datasheet
432Kb / 15P
   CMOS 1K X 9 FIFO
logo
Cypress Semiconductor
CY7C408A-409A CYPRESS-CY7C408A-409A Datasheet
344Kb / 16P
   64 x 8 Cascadable FIFO 64 x 9 Cascadable FIFO
logo
Integrated Device Techn...
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
7203L25J IDT-7203L25J Datasheet
311Kb / 10P
   CMOS ASYNCHRONOUS FIFO 2,048 x 9, 4,096 x 9 8,192 x 9, 16,384 x 9
IDT72021 IDT-IDT72021 Datasheet
153Kb / 14P
   CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com