Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS21554LN Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS21554LN
Description  3.3V/5V E1 Single-Chip Transceivers
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS21554LN Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS21554LN Datasheet HTML 4Page - Maxim Integrated Products DS21554LN Datasheet HTML 5Page - Maxim Integrated Products DS21554LN Datasheet HTML 6Page - Maxim Integrated Products DS21554LN Datasheet HTML 7Page - Maxim Integrated Products DS21554LN Datasheet HTML 8Page - Maxim Integrated Products DS21554LN Datasheet HTML 9Page - Maxim Integrated Products DS21554LN Datasheet HTML 10Page - Maxim Integrated Products DS21554LN Datasheet HTML 11Page - Maxim Integrated Products DS21554LN Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 124 page
background image
DS21354/DS21554 3.3V/5V E1 Single-Chip Transceivers
8 of 124
1.2.
Document Revision History
REVISION
DESCRIPTION
012799
Initial release
012899
Corrected TSYSCLK and RSYSCLK timing and added 4.096MHz and 8.192MHz
timing
020399
Corrected definition and label of TUDR bit in the THIR register.
021199
Corrected address of IBO register in text.
040199
Added Receive Monitor Mode section
041599
Added section on Protected Interfaces
050799
Corrected pin number and description of FMS in JTAG section
072999
Added list of tables and figures
091499
Added 10
mF cap to interface examples
092399
Corrected definition of
DS in pin description.
072401
Typo corrected in JTAG Test Access Port Pins.
021004
Added note to the Receive Information Register, FAS Resync Criteria Met.
Corrected Figures 20-1, 20-2, 20-3 with respect to
CS.
Corrected typo in Figure 18-14 (RCR1.1 reference corrected).
Corrected formatting issues.


Similar Part No. - DS21554LN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS21554 MAXIM-DS21554 Datasheet
1Mb / 240P
   T1/E1/J1 Single-Chip Transceiver
100903
More results

Similar Description - DS21554LN

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS21352 DALLAS-DS21352 Datasheet
1Mb / 137P
   3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
logo
Mitel Networks Corporat...
MT9076 MITEL-MT9076 Datasheet
416Kb / 160P
   T1/E1/J1 3.3V Single Chip Transceiver
logo
Maxim Integrated Produc...
MAX4213EVKIT MAXIM-MAX4213EVKIT Datasheet
68Kb / 4P
   Single 3.3V/5V Operation
Rev 1; 6/98
logo
Mitel Networks Corporat...
MT9075B-1 MITEL-MT9075B-1 Datasheet
275Kb / 82P
   E1 Single Chip Transceiver
MT9075B MITEL-MT9075B Datasheet
347Kb / 78P
   E1 Single Chip Transceiver
logo
Maxim Integrated Produc...
DS2153Q MAXIM-DS2153Q Datasheet
892Kb / 60P
   E1 Single-Chip Transceiver
REV: 01106
logo
Mitel Networks Corporat...
MT9075A MITEL-MT9075A Datasheet
1,008Kb / 78P
   E1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2153Q DALLAS-DS2153Q Datasheet
442Kb / 52P
   E1 Single-Chip Transceiver
logo
Zarlink Semiconductor I...
MT9075B ZARLINK-MT9075B Datasheet
866Kb / 102P
   E1 Single Chip Transceiver
logo
OPLINK Communications I...
DTR1250SMGB-I OPLINK-DTR1250SMGB-I Datasheet
111Kb / 5P
   5V GBIC Long Distance Single Mode Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com